Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCM29C14A Datasheet(PDF) 3 Page - Texas Instruments

Part # TCM29C14A
Description  COMBINED SINGLE-CHIP PCM CODEC AND FILTER
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TCM29C14A Datasheet(HTML) 3 Page - Texas Instruments

  TCM29C14A Datasheet HTML 1Page - Texas Instruments TCM29C14A Datasheet HTML 2Page - Texas Instruments TCM29C14A Datasheet HTML 3Page - Texas Instruments TCM29C14A Datasheet HTML 4Page - Texas Instruments TCM29C14A Datasheet HTML 5Page - Texas Instruments TCM29C14A Datasheet HTML 6Page - Texas Instruments TCM29C14A Datasheet HTML 7Page - Texas Instruments TCM29C14A Datasheet HTML 8Page - Texas Instruments TCM29C14A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
TCM29C13A, TCM29C14A, TCM29C16A, TCM29C17A,
TCM129C13A, TC,129C14A, TCM129C16A, TCM129C17A
COMBINED SINGLE-CHIP PCM CODEC AND FILTER
SCTS030E – AUGUST 1989 – REVISED OCTOBER 1996
3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
Terminal Functions
TERMINAL
NO.
NAME
TCM29C13A
TCM129C13A
TCM29C14A
TCM129C14A
TCM29C16A
TCM29C17A
TCM129C16A
TCM129C17A
I/O
DESCRIPTION
ANLG GND
16
20
13
Analog ground return for all internal voice circuits. ANLG GND is
internally connected to DGTL GND.
ANLG IN +
17
21
I
Noninverting analog input to uncommitted transmit operational
amplifier. ANLG IN + is internally connected to ANLG GND on
TCM29C16A, TCM129C16A, TCM29C17A, and TCM129C17A.
ANLG IN –
18
22
14
I
Inverting analog input to uncommitted transmit operational amplifier.
ANLG LOOP
7
I
Provides loopback test capability. When ANLG LOOP is high,
PWRO + is internally connected to ANLG IN.
CLKR
11
13
9
I
Receive master clock and data clock for the fixed-data-rate mode.
Receive master clock only for variable-data-rate mode. CLKR and
CLKX are internally connected together for the TCM29C13A,
TCM29C16A, TCM29C17A, TCM129C13A, TCM129C16A, and
TCM129C17A.
CLKSEL
6
6
I
Clock-frequency selection. CLKSEL must be connected to VBB,
VCC, or GND to reflect the master clock frequency. When tied to VBB,
CLK is 2.048 MHz. When tied to GND, CLK is 1.544 MHz.
When tied to VCC, CLK is 1.536 MHz.
CLKX
11
14
9
I
Transmit master clock and data clock for the fixed-data-rate mode.
Transmit master clock only for variable-date-rate mode. CLKR and
CLKX are internally connected for the TCM29C13A, TCM29C16A,
TCM29C17A, TCM129C13A, TCM129C16A, and TCM129c17A.
DCLKR
7
9
5
I
Selects fixed- or variable-data-rate operation. When DCLKR is
connected to VBB, the device operates in the fixed-data-rate mode.
When DCLKR is not connected to VBB, the device operates in the
variable-data-rate mode and DCLKR becomes the receiver data
clock, which operates at frequencies from 64 kHz to 2.048 MHz.
DGTL GND
10
12
8
Digital ground for all internal logic circuits. DGTL GND is internally
connected to ANLG GND.
FSR/TSRE
9
11
7
I
Frame-synchronization clock input/time-slot enable for receive
channel. In the fixed-data-rate mode, FSR distinguishes between
signaling and nonsignaling frames by a double- or single-length
pulse, respectively. In the variable-data-rate mode, this signal must
remain high for the duration of the time slot. The receive channel
enters the standby state when FSR is TTL low for 300 ms.
FSX/TSXE
12
15
10
I
Frame-synchronization clock input/time-slot enable for transmit
channel. FSX/TSXE operates independently of, but in an analagous
manner to, FSR/TSRE. The transmit channel enters the standby
state when FSX is low for 300 ms.
GSR
4
4
I
Input to the gain-setting network on the output power amplifier.
Transmission level can be adjusted over a 12-dB range depending
upon the voltage at GSR.
GSX
19
23
15
O
Output terminal of internal uncommitted operational amplifier.
Internally, this is the voice signal input to the transmit filter.


Similar Part No. - TCM29C14A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TCM29C14 TI-TCM29C14 Datasheet
389Kb / 25P
[Old version datasheet]   COMBINED SINGLE-CHIP PCM CODEC AND FILTER
TCM29C14 TI1-TCM29C14 Datasheet
366Kb / 25P
[Old version datasheet]   COMBINED SINGLE-CHIP PCM CODEC AND FILTER
TCM29C14DW TI-TCM29C14DW Datasheet
389Kb / 25P
[Old version datasheet]   COMBINED SINGLE-CHIP PCM CODEC AND FILTER
TCM29C14DWR TI1-TCM29C14DWR Datasheet
366Kb / 25P
[Old version datasheet]   COMBINED SINGLE-CHIP PCM CODEC AND FILTER
TCM29C14DWR TI-TCM29C14DWR Datasheet
389Kb / 25P
[Old version datasheet]   COMBINED SINGLE-CHIP PCM CODEC AND FILTER
More results

Similar Description - TCM29C14A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M5913 STMICROELECTRONICS-M5913 Datasheet
220Kb / 17P
   COMBINED SINGLE CHIP PCM CODEC AND FILTER
logo
Texas Instruments
TCM29C13J TI1-TCM29C13J Datasheet
366Kb / 25P
[Old version datasheet]   COMBINED SINGLE-CHIP PCM CODEC AND FILTER
TCM29C13 TI-TCM29C13 Datasheet
389Kb / 25P
[Old version datasheet]   COMBINED SINGLE-CHIP PCM CODEC AND FILTER
logo
Intel Corporation
2913 INTEL-2913 Datasheet
1Mb / 21P
   COMBINED SINGLE-CHIP PCM CODEC AND FILTER
logo
Texas Instruments
TCM320AC54 TI-TCM320AC54 Datasheet
241Kb / 17P
[Old version datasheet]   MONOLITHIC SERIAL INTERFACE COMBINED PCM CODEC AND FILTER
TP3056B TI-TP3056B Datasheet
287Kb / 19P
[Old version datasheet]   MONOLITHIC SERIAL INTERFACE COMBINED PCM CODEC AND FILTER
TP3064A TI-TP3064A Datasheet
283Kb / 20P
[Old version datasheet]   MONOLITHIC SERIAL INTERFACE COMBINED PCM CODEC AND FILTER
TP3064B TI-TP3064B Datasheet
300Kb / 21P
[Old version datasheet]   MONOLITHIC SERIAL INTERFACE COMBINED PCM CODEC AND FILTER
TP3054A TI-TP3054A Datasheet
249Kb / 17P
[Old version datasheet]   MONOLITHIC SERIAL INTERFACE COMBINED PCM CODEC AND FILTER
TP3054B TI-TP3054B Datasheet
249Kb / 17P
[Old version datasheet]   MONOLITHIC SERIAL INTERFACE COMBINED PCM CODEC AND FILTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com