Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCM29C16A Datasheet(PDF) 10 Page - Texas Instruments

Part # TCM29C16A
Description  COMBINED SINGLE-CHIP PCM CODEC AND FILTER
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TCM29C16A Datasheet(HTML) 10 Page - Texas Instruments

Back Button TCM29C16A Datasheet HTML 6Page - Texas Instruments TCM29C16A Datasheet HTML 7Page - Texas Instruments TCM29C16A Datasheet HTML 8Page - Texas Instruments TCM29C16A Datasheet HTML 9Page - Texas Instruments TCM29C16A Datasheet HTML 10Page - Texas Instruments TCM29C16A Datasheet HTML 11Page - Texas Instruments TCM29C16A Datasheet HTML 12Page - Texas Instruments TCM29C16A Datasheet HTML 13Page - Texas Instruments TCM29C16A Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
TCM29C13A, TCM29C14A, TCM29C16A, TCM29C17A,
TCM129C13A, TC,129C14A, TCM129C16A, TCM129C17A
COMBINED SINGLE-CHIP PCM CODEC AND FILTER
SCTS030E – AUGUST 1989 – REVISED OCTOBER 1996
10
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
receive filter transfer over recommended ranges of supply voltage and operating free-air
temperature (see Figure 2)
PARAMETER
TEST CONDITIONS
MIN
MAX
UNIT
Below 200 Hz
0.15
200 Hz
– 0.5
0.15
300 Hz to 3 kHz
– 0.15
0.15
Gain relative to gain at 1.02 kHz
Input signal at PCM IN is 0 dBm0
3.3 kHz
– 0.35
0.15
dB
3.4 kHz
–1
– 0.1
4 kHz
–14
4.6 kHz
–30
timing requirements
clock timing requirements over recommended ranges of supply voltage and operating free-air temperature
(see Figure 3 and 4)
MIN
NOM
MAX
UNIT
tc(CLK)
Clock period for CLKX, CLKR (2.048-MHz systems)
488
ns
tr, tf
Rise and fall times for CLKX and CLKR
5
30
ns
tw(CLK)
Pulse duration for CLKX and CLKR (see Note 7)
220
ns
tw(DCLK)
Pulse duration, DCLK (fDCLK = 64 Hz to 2.048 MHz) (see Note 7)
220
ns
Clock duty cycle, [tw(CLK)/tc(CLK)] for CLKX and CLKR
45%
50%
55%
NOTE 7: FSX CLK must be phase locked with CLKX. FSR CLK must be phase locked with CLKR.
transmit timing requirements over recommended ranges of supply voltage and operating free-air
temperature, fixed-data-rate mode (see Figure 3)
MIN
MAX
UNIT
td(FSX)
Frame-sync delay time
100
tc(CLK) – 100
ns
tsu(SIGX)
Setup time before bit 7 falling edge of CLKX (TMC29C14A and TCM129C14A only)
0
ns
th(SIGX)
Hold time after bit 8 falling edge of CLKX (TCM29C14A and TCM129C14A only)
0
ns
receive timing requirements over recommended ranges of supply voltages and operating free-air
temperature, fixed-data-rate mode (see Figure 4)
MIN
MAX
UNIT
td(FSR)
Frame-sync delay time
100
tc(CLK)–100
ns
tsu(PCM IN) Receive data setup time
50
ns
th(PCM IN)
Receive data hold time
60
ns
transmit timing requirements over recommended ranges of supply voltage and operating free-air
temperature, variable-data-rate mode (see Figure 5)
MIN
MAX
UNIT
td(TSDX)
Time-slot delay time from DCLKX (see Note 8)
140
td(DCLKX)–140
ns
td(FSX)
Frame sync delay time
100
tc(CLK)–100
ns
tc(DCLKX)
Clock period for DCLKX
488
15620
ns
NOTE 8: tFSLX minimum requirement overrides the td(TSDX) maximum requirement for 64-kHz operation.


Similar Part No. - TCM29C16A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TCM29C16 TI-TCM29C16 Datasheet
389Kb / 25P
[Old version datasheet]   COMBINED SINGLE-CHIP PCM CODEC AND FILTER
TCM29C16 TI1-TCM29C16 Datasheet
366Kb / 25P
[Old version datasheet]   COMBINED SINGLE-CHIP PCM CODEC AND FILTER
TCM29C16DW TI-TCM29C16DW Datasheet
389Kb / 25P
[Old version datasheet]   COMBINED SINGLE-CHIP PCM CODEC AND FILTER
TCM29C16DWR TI1-TCM29C16DWR Datasheet
366Kb / 25P
[Old version datasheet]   COMBINED SINGLE-CHIP PCM CODEC AND FILTER
TCM29C16DWR TI-TCM29C16DWR Datasheet
389Kb / 25P
[Old version datasheet]   COMBINED SINGLE-CHIP PCM CODEC AND FILTER
More results

Similar Description - TCM29C16A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M5913 STMICROELECTRONICS-M5913 Datasheet
220Kb / 17P
   COMBINED SINGLE CHIP PCM CODEC AND FILTER
logo
Texas Instruments
TCM29C13J TI1-TCM29C13J Datasheet
366Kb / 25P
[Old version datasheet]   COMBINED SINGLE-CHIP PCM CODEC AND FILTER
TCM29C13 TI-TCM29C13 Datasheet
389Kb / 25P
[Old version datasheet]   COMBINED SINGLE-CHIP PCM CODEC AND FILTER
logo
Intel Corporation
2913 INTEL-2913 Datasheet
1Mb / 21P
   COMBINED SINGLE-CHIP PCM CODEC AND FILTER
logo
Texas Instruments
TCM320AC54 TI-TCM320AC54 Datasheet
241Kb / 17P
[Old version datasheet]   MONOLITHIC SERIAL INTERFACE COMBINED PCM CODEC AND FILTER
TP3056B TI-TP3056B Datasheet
287Kb / 19P
[Old version datasheet]   MONOLITHIC SERIAL INTERFACE COMBINED PCM CODEC AND FILTER
TP3064A TI-TP3064A Datasheet
283Kb / 20P
[Old version datasheet]   MONOLITHIC SERIAL INTERFACE COMBINED PCM CODEC AND FILTER
TP3064B TI-TP3064B Datasheet
300Kb / 21P
[Old version datasheet]   MONOLITHIC SERIAL INTERFACE COMBINED PCM CODEC AND FILTER
TP3054A TI-TP3054A Datasheet
249Kb / 17P
[Old version datasheet]   MONOLITHIC SERIAL INTERFACE COMBINED PCM CODEC AND FILTER
TP3054B TI-TP3054B Datasheet
249Kb / 17P
[Old version datasheet]   MONOLITHIC SERIAL INTERFACE COMBINED PCM CODEC AND FILTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com