Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

31068-107 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 31068-107
Description  H-DAC 64??Single Row Connector System
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.

31068-107 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  31068-107 Datasheet HTML 1Page - Molex Electronics Ltd. 31068-107 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES AND SPECIFICATIONS
Features and Benefits
SPECIFICATIONS
Reference Information
Product Specifications :
PS-31067-0001, PS-31000-0001
Packaging:
Female and Male In-line Housings – Bulk Pack
Headers – Tray Pack
Mates With:
Male and female In-line Housing:
31067, 31068, 31072 and 31073
Headers: 31101
Use With:
Tyco ‘GET’ male and female .64mm terminals
Tooling: Tyco Electronics
Designed In: Millimeters
Electrical
Voltage (max.): 500V
Current (max.): 10A
Contact Resistance: 20 milliohms max.
Dielectric Withstanding Voltage: 500VDC
Insulation Resistance: 20 megohms min.
n
Circuit Sizes: 1X3, 1X4, 1X5 and 1X6 product
offering tooled in high-multiple cavitations to
support customer’s needs
n
Scoop-proof housing protects against accidental
bending of pins
n
Three polarization options available in standard
USCAR coloring scheme (black, gray and brown)
providing color differentiation giving the operator
visual aid during assembly to reduce the possibility
of mating incorrect polarizations
n
TPA feature provides increased final terminal
retention.
n
Positive lock provides audible click during mating
offering feedback to operator to ensure mated
system is secured in high-vibration systems
n
Optional clip slot feature aids in vehicle routing by
offering optional orientation clip attachment
The H-DAC 64 single row product family was designed
to offer a space-saving alternative to single row
USCAR-designed connectors. The H-DAC 64 single row
connection system meets all unsealed USCAR-2 class
2 requirements while offering a 33% reduction in
package size.
This versatile product line consists of vertical and right
angle 4-circuit headers, plus male and female in-line
H-DAC 64 single row connectors offer a space-saving solution for low-circuit
count-unsealed applications
2.54mm (.100”) Pitch
H-DAC 64™ Single Row
Connector System
31067 3 Circuit In-line
Connectors
31068 4 Circuit In-line
Connectors
31072 5 Circuit In-line
Connectors
31073 6 Circuit In-line
Connectors
31101 4 Circuit Vertical
Header
31100 4 Circuit Right Angle
Header
connectors available in 3 to 6 circuit configurations.
Each terminal is capable of supporting both low-level
signal as well as low-power applications up to 10.0A.
For additional information on H-DAC 64 single row
products visit: www.molex.com/link/hdac64single.html.
Mechanical/Electrical
Mating Force: Less than 45N (10.1 lb)
Unmating Force: Less than 45N (10.1 lb)
Connector Retention (Primary latch): 110N (24.7 lb) min.
Contact Retention to Housing: 30N (6.7 lb) min.
Contact Insertion Force Into Housing: 30N (6.7 lb) max.
Connector Audible Feedback: 7dB over ambient
Polarization Feature Effectiveness: 100N min.
Durability (10 Cycles): 20 milliohms max.
Thermal Shock (Class 2, 100cycles): 20 milliohms max.
Vibration/Mechanical Shock (Class 2): 20 milliohms max.
Temperature/Humidity Cycling (Class 2): 20 milliohms max.
High temperature Exposure (Class 2): 20 milliohms max.
Physical
Housing: SPS+ 30% Glass Filled
Contact: Copper Alloy
Plating:
Overplating – Overall Tin
Underplating – Overall Nickel
Operating Temperature: -40 to +100°C


Similar Part No. - 31068-107

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
31068-1070 MOLEX11-31068-1070 Datasheet
39Kb / 1P
   2.54mm H-DAC 64?? 4 Way Male Housing Assembly, Single Row, Polarization A, with
31068-1071 MOLEX4-31068-1071 Datasheet
417Kb / 4P
   2.54mm (.100") H-DAC 64?? 4 Way Male Housing Assembly, Single-Row, PolarizationB, with Xmas Tree Attachment
31068-1071 MOLEX11-31068-1071 Datasheet
39Kb / 1P
   2.54mm H-DAC 64?? 4 Way Male Housing Assembly, Single Row, Polarization B, with
31068-1072 MOLEX4-31068-1072 Datasheet
417Kb / 4P
   2.54mm (.100") H-DAC 64?? 4 Way Male Housing Assembly, Single-Row, PolarizationC, with Xmas Tree Attachment
31068-1072 MOLEX11-31068-1072 Datasheet
39Kb / 1P
   2.54mm H-DAC 64?? 4 Way Male Housing Assembly, Single Row, Polarization C, with
More results

Similar Description - 31068-107

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0311010042 MOLEX4-0311010042 Datasheet
491Kb / 9P
   H-DAC 64??2.54mm
0310731071 MOLEX4-0310731071 Datasheet
417Kb / 4P
   2.54mm (.100") H-DAC 64?
0310721042 MOLEX4-0310721042 Datasheet
418Kb / 4P
   2.54mm (.100") H-DAC 64?
0310671041 MOLEX4-0310671041 Datasheet
417Kb / 4P
   2.54mm (.100") H-DAC 64?
0310671072 MOLEX4-0310671072 Datasheet
417Kb / 4P
   2.54mm (.100") H-DAC 64?
0310731012 MOLEX4-0310731012 Datasheet
424Kb / 5P
   2.54mm (.100") H-DAC 64?
0310721011 MOLEX4-0310721011 Datasheet
423Kb / 5P
   2.54mm (.100") H-DAC 64?
0310721040 MOLEX4-0310721040 Datasheet
418Kb / 4P
   2.54mm (.100") H-DAC 64?
0310671011 MOLEX4-0310671011 Datasheet
423Kb / 5P
   2.54mm (.100") H-DAC 64?
0310731010 MOLEX4-0310731010 Datasheet
424Kb / 5P
   2.54mm (.100") H-DAC 64?
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com