Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

75548-6000 Datasheet(PDF) 3 Page - Molex Electronics Ltd.

Part # 75548-6000
Description  EXTreme Power-Mass??High-Current Connector Board-to-Board Applications
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.

75548-6000 Datasheet(HTML) 3 Page - Molex Electronics Ltd.

  75548-6000 Datasheet HTML 1Page - Molex Electronics Ltd. 75548-6000 Datasheet HTML 2Page - Molex Electronics Ltd. 75548-6000 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
ordering inForMation
eXtreme power-Mass™
High-current connector
Board-to-Board applications
order no.
current rating
circuit
Mount type
comment
75556-5000
150.0
1
Solder
Long Blade
75556-5100
Short Blade
75561-5000
80.0
2
Two, 40.0A blades
75561-5100
40.0
1
Single, 40.0A blade
46081-2000
Signal
4
Multi Path (Four, 40.0A blades)
75568-5000
64
-
75568-5056
56
-
75568-5048
48
-
75568-5040
40
-
75568-5032
32
-
75568-5024
24
-
Right-Angle
order no.
current rating
circuit
Mount type
comment
75542-5000
150.0A
1
Press Fit
-
75545-5000
80.0A
2
Two, 40.0A blades
75545-5100
40.0A
1
Single, 40.0A blade
46079-1000
Signal
4
Multi Path (Four, 40.0A blades)
75548-6000
64
-
75548-6056
56
-
75548-6048
48
-
75548-6040
40
-
75548-6032
32
-
75548-6024
24
-
Vertical Receptacles
Right-Angle Receptacles
order no.
current rating
circuit
Mounting style
comments
46225-5024
Signal
24
Solder
-
45841-5000
150.0A
1
-
americas Headquarters
Lisle, Illinois 60532 U.S.A.
1-800-78MOLEX
amerinfo@molex.com
asia pacific north Headquarters
Yamato, Kanagawa, Japan
81-462-65-2325
apninfo@molex.com
asia pacific south Headquarters
Jurong, Singapore
65-6268-6868
fesinfo@molex.com
european Headquarters
Munich, Germany
49-89-413092-0
eurinfo@molex.com
corporate Headquarters
2222 Wellington Ct.
Lisle, IL 60532 U.S.A.
630-969-4550
Fax:630-969-1352
Visit our website at www.molex.com/product/power/ext-pwmass.html
Order No. 987650-1462
Printed in USA/JI/2007.11
©2007, Molex


Similar Part No. - 75548-6000

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
75542P FAIRCHILD-75542P Datasheet
192Kb / 9P
   75A, 80V, 0.014 Ohm, N-Channel, UltraFET Power MOSFETs
logo
List of Unclassifed Man...
75543-001 ETC1-75543-001 Datasheet
379Kb / 3P
   Discrete Crimp-to-Wire Pins/Receptacles/Housings
75543-002 ETC1-75543-002 Datasheet
379Kb / 3P
   Discrete Crimp-to-Wire Pins/Receptacles/Housings
75543-003 ETC1-75543-003 Datasheet
379Kb / 3P
   Discrete Crimp-to-Wire Pins/Receptacles/Housings
75543-004 ETC1-75543-004 Datasheet
379Kb / 3P
   Discrete Crimp-to-Wire Pins/Receptacles/Housings
More results

Similar Description - 75548-6000

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
46436 MOLEX-46436 Datasheet
1Mb / 3P
   EXTreme Ten60Power??High-Current Connector Board-to-Board
75555 MOLEX-75555 Datasheet
1Mb / 3P
   EXTreme PowerMass??High-Current Assembly Board-to-Board
75730 MOLEX-75730 Datasheet
1Mb / 2P
   EXTreme MicroPower??4.00mm (0.157?? Pitch Board-to-Board Connector
logo
Adam Technologies, Inc.
BB5-S-XX ADAM-TECH-BB5-S-XX Datasheet
152Kb / 1P
   BOARD TO BOARD CONNECTOR
logo
Kyocera Kinseki Corpota...
5015 KSS-5015 Datasheet
430Kb / 3P
   Board to Board Connector
5678 KSS-5678 Datasheet
675Kb / 2P
   Board to Board Connector
5047 KSS-5047 Datasheet
325Kb / 2P
   Board to Board Connector
5689 KSS-5689 Datasheet
525Kb / 2P
   Board to Board Connector
5802 KSS-5802 Datasheet
380Kb / 2P
   Board to Board Connector
5843 KSS-5843 Datasheet
612Kb / 3P
   Board to Board Connector
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com