Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

85572-0028 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 85572-0028
Description  HyperJackTM 1000 (Gigabit) stacked In Line Power
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.

85572-0028 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  85572-0028 Datasheet HTML 1Page - Molex Electronics Ltd. 85572-0028 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
HyperJackTM 1000
(Gigabit) stacked
In Line Power
85576
Molex‘s new HyperJack 1000 In Line Power is designed for Ethernet 1000 BaseT
applications such as switches, hubs and line cards which support Power over
Ethernet (PoE). The product is compliant with IEEE 802.3 af and allows a powered
device to draw up to 12.95 W. Due to its unique modular housing design the product
can be offered in various port configurations, from 1/ 1 to 12/12. The product is
compliant with FFC 68 and IEC 603-7. LED integration is prepared and will be
released soon.
Markets and Applications
Features and Benefits
IEEE 802.3 af compliance enables to run Power over Ethernet over the
two extra pins.
The integrated magnetics provide a high signal integrity
Standard offer is 8 core solution with various configurations depending
on the PHY. 12 core solution is an option.
The unique modular housing design allows to offer port configurations
from 1/1,2/2, 3/3... 12/12.
Excellent EMV performance due to high shield effectivness and special
magnetic configuration
Industry standard footprint
Telecom and Networking equipment with PoE function
Ethernet adapter cards
Enterprise switch
•Hub
Line cards


Similar Part No. - 85572-0028

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
85572-0102 MOLEX-85572-0102 Datasheet
170Kb / 2P
   HyperJackTM 1000 (Gigabit) stacked
85572-0103 MOLEX-85572-0103 Datasheet
170Kb / 2P
   HyperJackTM 1000 (Gigabit) stacked
85572-0104 MOLEX-85572-0104 Datasheet
170Kb / 2P
   HyperJackTM 1000 (Gigabit) stacked
85572-0105 MOLEX-85572-0105 Datasheet
170Kb / 2P
   HyperJackTM 1000 (Gigabit) stacked
85572-0106 MOLEX-85572-0106 Datasheet
170Kb / 2P
   HyperJackTM 1000 (Gigabit) stacked
More results

Similar Description - 85572-0028

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
85572-0114 MOLEX-85572-0114 Datasheet
170Kb / 2P
   HyperJackTM 1000 (Gigabit) stacked
logo
XFMRS Inc.
XFGIB100-USB3XU-2 XFMRS-XFGIB100-USB3XU-2 Datasheet
122Kb / 3P
   GIGABIT STACKED USB COMBO
XFGIB100-USBXU-4 XFMRS-XFGIB100-USBXU-4 Datasheet
119Kb / 3P
   GIGABIT STACKED USB2.0 COMBO
XFGIB1010Q XFMRS-XFGIB1010Q Datasheet
90Kb / 2P
   GIGABIT 10/100/1000 BASE-T
XFGIGH-STKVD2-4 XFMRS-XFGIGH-STKVD2-4 Datasheet
106Kb / 2P
   GIGABIT stacked combo with dual rows
logo
List of Unclassifed Man...
IP1001LF ETC2-IP1001LF Datasheet
617Kb / 48P
   Integrated 10/100/1000 Gigabit Ethernet Transceiver
logo
Allied Components Inter...
AGSC-4811PI ALLIED-AGSC-4811PI Datasheet
391Kb / 1P
   100/1000 Base T Gigabit PoE Plus
logo
Realtek Semiconductor C...
RTL8211B-GR REALTEK-RTL8211B-GR Datasheet
699Kb / 47P
   INTEGRATED 10/100/1000 GIGABIT ETHERNET TRANSCEIVER
logo
Allied Components Inter...
AGSC-5002S ALLIED-AGSC-5002S Datasheet
396Kb / 1P
   100/1000 Base T Gigabit Dual Port
logo
Realtek Semiconductor C...
RTL8211BG-GR REALTEK-RTL8211BG-GR Datasheet
747Kb / 49P
   INTEGRATED 10/100/1000 GIGABIT ETHERNET TRANSCEIVER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com