Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

45830-2023 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 45830-2023
Description  HD Mezz??Connectors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.

45830-2023 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  45830-2023 Datasheet HTML 1Page - Molex Electronics Ltd. 45830-2023 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Americas Headquarters
Lisle, Illinois 60532 U.S.A.
1-800-78MOLEX
amerinfo@molex.com
Asia Pacific North Headquarters
Yamato, Kanagawa, Japan
81-46-265-2325
apninfo@molex.com
Asia Pacific South Headquarters
Jurong, Singapore
65-6268-6868
fesinfo@molex.com
European Headquarters
Munich, Germany
49-89-413092-0
eurinfo@molex.com
Corporate Headquarters
2222 Wellington Ct.
Lisle, IL 60532 U.S.A.
630-969-4550
Fax:630-969-1352
Visit our website at www.molex.com/product/hdmezz.html
Order No. 987650-1132
Printed in USA/JI/2007.12
©2007, Molex
1.20 by 2.00mm
(.047 by .079”) Pitch
HD Mezz™ Connectors
45802 HD Mezz™ Receptacle
45830 HD Mezz™ Plug
APPLICATIONS
n
High and mid-range computers
- Servers
n
Medical
- Scanning equipment
n
Military
n
Networking and telecommunications
- Network routers and switches
- Mobile base stations
Mezzanine card for a customer application with one
and two HD Mezz assemblies per card
ORDERINg INFORMATION
Order No. (Lead-free)
Order No. (Tin-Lead)
Component
Circuits†
Height
45802-0311
45802-0011
Receptacle
143
8.00mm (.314”)
45802-0215
45802-0015
195
45802-0223
45802-0123
299
45802-1211
45802-1011
143
18.00mm (.708”)
45802-1223
45802-1123
299
45802-1225
45802-1025
325
45830-0215
45830-0015
Plug
195
8.00mm (.314”)
45830-0223
45830-0023
299
45830-2211
45830-2011
143
10.00mm (.393”)
45830-2223
45830-2023
299
45830-2225
45830-2025
325
45830-1211
45830-1111
143
18.00mm (.708”)
†Please contact Molex Customer Service for additional circuit sizes and stack heights


Similar Part No. - 45830-2023

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
45830-2023 MOLEX6-45830-2023 Datasheet
503Kb / 4P
   1.20mm (.047") by 2.00mm (.079") Pitch HD Mezz??Plug, 299 Circuits, 10.00mm (.394") Unmated Height, 23 Rows, Tin (Sn)/Lead (Pb) Plating
More results

Similar Description - 45830-2023

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0458300207 MOLEX6-0458300207 Datasheet
495Kb / 4P
   1.20mm (.047") by 2.00mm (.079") Pitch HD Mezz??Plug
0465532200 MOLEX6-0465532200 Datasheet
323Kb / 5P
   1.20mm (.047") x 2.00mm (.079") Pitch HD Mezz??Receptacle
0458301015 MOLEX6-0458301015 Datasheet
503Kb / 4P
   1.20mm (.047") by 2.00mm (.079") Pitch HD Mezz??Plug
0458021223 MOLEX1-0458021223_17 Datasheet
31Kb / 2P
   1.20mm by 2.00mm Pitch HD Mezz Receptacle, 299 Circuits, 18.00mm Unmated 1.20mm by 2.00mm Pitch HD Mezz??Receptacle, 299 Circuits, 18.00mm Unmated
0458301223 MOLEX1-0458301223_17 Datasheet
41Kb / 2P
   1.20mm by 2.00mm Pitch HD Mezz Plug, 299 Circuits, 18.00mm Unmated Height, 23 1.20mm by 2.00mm Pitch HD Mezz??Plug, 299 Circuits, 18.00mm Unmated Height, 23
logo
Samtec, Inc
HDMEZZ SAMTEC-HDMEZZ Datasheet
96Kb / 1P
   The HD Mezz performs at 9.0 GHz/pair at a 20mm stack
logo
Molex Electronics Ltd.
0458302211 MOLEX1-0458302211_17 Datasheet
41Kb / 2P
   1.20mm by 2.00mm Pitch HD Mezz Plug, 143 Circuits, 10.00mm Unmated Height
0458302223 MOLEX1-0458302223_17 Datasheet
42Kb / 2P
   1.20mm by 2.00mm Pitch HD Mezz Plug, 299 Circuits, 10.00mm Unmated Height
0458300223 MOLEX1-0458300223_17 Datasheet
41Kb / 2P
   1.20mm by 2.00mm Pitch HD Mezz Plug, 299 Circuits, 8.00mm Unmated Height
0458302225 MOLEX1-0458302225_17 Datasheet
41Kb / 2P
   1.20mm by 2.00mm Pitch HD Mezz Plug, 325 Circuits, 10.00mm Unmated Height
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com