Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCM29C18DW Datasheet(PDF) 6 Page - Texas Instruments

Part # TCM29C18DW
Description  ANALOG INTERFACE FOR DSP
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TCM29C18DW Datasheet(HTML) 6 Page - Texas Instruments

Back Button TCM29C18DW Datasheet HTML 2Page - Texas Instruments TCM29C18DW Datasheet HTML 3Page - Texas Instruments TCM29C18DW Datasheet HTML 4Page - Texas Instruments TCM29C18DW Datasheet HTML 5Page - Texas Instruments TCM29C18DW Datasheet HTML 6Page - Texas Instruments TCM29C18DW Datasheet HTML 7Page - Texas Instruments TCM29C18DW Datasheet HTML 8Page - Texas Instruments TCM29C18DW Datasheet HTML 9Page - Texas Instruments TCM29C18DW Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
TCM29C18, TCM29C19, TCM129C18, TCM129C19
ANALOG INTERFACE FOR DSP
SCTS021D –AUGUST 1987 –REVISED OCTOBER 1996
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
receive side (D/A) characteristics (see Note 9)
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
Output offset voltage PWRO + and
PWRO – (single ended)
Relative to ANLG GND
±200
mV
Output resistance at PWRO + and
PWRO –
1
2
Gain-tracking error with sinusoidal
– 3 dBm0
≥ input level ≥ –40 dBm0,
Ref level = – 10 dBm0
±0.5
dB
g
input (see Notes 5, 6, and 7)
– 40 dBm0 > input level
≥ –50 dBm0,
Ref level = – 10 dBm0
±25
dB
Receive gain tolerance
VI = 1.06 V,
f = 1.02 kHz
1.34
1.69
Vrms
Noise
Ref max output level: 200 Hz to 3 kHz
–70
dB
Supply voltage rejection ratio,
f = 0 Hz to 30-kHz,
Supply signal
200 mV peak to peak
Idle channel,
Narrow band
20
dB
yg
j
,
VCC to VBB (single-ended)
Supply signal = 200 mV peak to peak,
Frequency at PWRO +
Narrow band,
– 20
dB
Crosstalk attenuation, receive to
transmit (single ended)
PCM IN = 0 dB,
Frequency = 1 kHz at PCM OUT
60
dB
Si
l t di t ti
ti
i
id l
0 dBm0
≥ ANLG IN ≥ –30 dBm0
33
Signal-to-distortion ratio, sinusoidal
input (see Note 8)
– 30 dBm0 > ANLG IN
≥ –40 dBm0
27
dB
in ut (see Note 8)
– 40 dBm0 > ANLG IN
≥ –45 dBm0
22
Absolute delay time to PWRO +
Fixed data rate,
fCLKX = 2.048 MHz
190
µs
† All typical values are at VBB = –5 V, VCC = 5 V, and TA = 25°C.
NOTES:
5. Unless otherwise noted, the analog input is a 0-dBm0, 1020-Hz sine wave, where 0 dBm0 is defined as the zero-reference point
of the channel under test. This corresponds to an analog signal input of 1.064 Vrms or an output of 1.503 Vrms.
6. The input amplifier is set for unity gain. The digital input is a PCM bit stream generated by passing a 0-dBm0, 1020-Hz sine wave
through an ideal encoder.
7. The TCM29C18, TCM29C19, TCM129C18, and TCM129C19 are internally connected to set PWRO + and PWRO – to 0 dBM. All
output levels are (sin x)/x corrected.
8. CCITT G.712 – Method 2
9. The receive side (D/A) characteristics are referenced to a 600-
Ω termination.
timing requirements
clock timing requirements over recommended ranges of supply voltage and operating free-air temperature
(see Figures 3 and 4)
MIN
NOM
MAX
UNIT
tc(CLK)
Clock period for CLK (2.048-MHz systems)
488
ns
tr, tf
Rise and fall times for CLK
5
30
ns
tw(CLK)
Pulse duration for CLK
220
ns
tw(DCLK)
Pulse duration, DCLK (fDCLK = 64 kHz to 2.048 MHz)
220
ns
Clock duty cycle, [tw(CLK)/tc(CLK)] for CLK
45%
50%
55%
transmit timing requirements over recommended ranges of supply voltage and operating free-air
temperature, fixed-data-rate mode (see Figure 3)
MIN
MAX
UNIT
td(FSX)
Frame-sync delay time
100
tc(CLK) – 100
ns
receive timing requirements over recommended ranges of supply voltages and operating free-air
temperature, fixed-data-rate mode (see Figure 4)
MIN
MAX
UNIT
td(FSR)
Frame-sync delay time
100
tc(CLK)–100
ns


Similar Part No. - TCM29C18DW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TCM29C13 TI-TCM29C13 Datasheet
389Kb / 25P
[Old version datasheet]   COMBINED SINGLE-CHIP PCM CODEC AND FILTER
TCM29C13 TI1-TCM29C13 Datasheet
366Kb / 25P
[Old version datasheet]   COMBINED SINGLE-CHIP PCM CODEC AND FILTER
TCM29C13A TI-TCM29C13A Datasheet
392Kb / 25P
[Old version datasheet]   COMBINED SINGLE-CHIP PCM CODEC AND FILTER
TCM29C13ADW TI-TCM29C13ADW Datasheet
392Kb / 25P
[Old version datasheet]   COMBINED SINGLE-CHIP PCM CODEC AND FILTER
TCM29C13ADWR TI-TCM29C13ADWR Datasheet
392Kb / 25P
[Old version datasheet]   COMBINED SINGLE-CHIP PCM CODEC AND FILTER
More results

Similar Description - TCM29C18DW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS3202 TI1-TAS3202 Datasheet
802Kb / 66P
[Old version datasheet]   AUDIO DSP WITH ANALOG INTERFACE
TAS3204 TI-TAS3204 Datasheet
1Mb / 72P
[Old version datasheet]   AUDIO DSP WITH ANALOG INTERFACE
TCM320AC46 TI1-TCM320AC46 Datasheet
254Kb / 19P
[Old version datasheet]   GEBERAL-PURPOSE AUDIO INTERFACE FOR DSP
logo
Dialog Semiconductor
IW337 DIALOG-IW337 Datasheet
319Kb / 5P
   Signal Interface Controller for Analog
IW339 DIALOG-IW339 Datasheet
367Kb / 5P
   SSL Interface Controller for Analog
logo
Siemens Semiconductor G...
SDA9087 SIEMENS-SDA9087 Datasheet
537Kb / 20P
   Analog-Digital-Interface for Inserted Picture
logo
Analog Devices
AD9886 AD-AD9886_15 Datasheet
248Kb / 32P
   Analog Interface for Flat Panel Displays
REV. 0
logo
Panasonic Semiconductor
AN5862K PANASONIC-AN5862K Datasheet
146Kb / 3P
   ANALOG SWITCH ICS FOR RGB INTERFACE
AN5860 PANASONIC-AN5860 Datasheet
87Kb / 3P
   Analog Switch ICs for RGB Interface
logo
Analog Devices
AD9886 AD-AD9886 Datasheet
248Kb / 32P
   Analog Interface for Flat Panel Displays
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com