Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCM29C19DW Datasheet(PDF) 3 Page - Texas Instruments

Part # TCM29C19DW
Description  ANALOG INTERFACE FOR DSP
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TCM29C19DW Datasheet(HTML) 3 Page - Texas Instruments

  TCM29C19DW Datasheet HTML 1Page - Texas Instruments TCM29C19DW Datasheet HTML 2Page - Texas Instruments TCM29C19DW Datasheet HTML 3Page - Texas Instruments TCM29C19DW Datasheet HTML 4Page - Texas Instruments TCM29C19DW Datasheet HTML 5Page - Texas Instruments TCM29C19DW Datasheet HTML 6Page - Texas Instruments TCM29C19DW Datasheet HTML 7Page - Texas Instruments TCM29C19DW Datasheet HTML 8Page - Texas Instruments TCM29C19DW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
TCM29C18, TCM29C19, TCM129C18, TCM129C19
ANALOG INTERFACE FOR DSP
SCTS021D –AUGUST 1987 –REVISED OCTOBER 1996
3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
Terminal Functions
TERMINAL
I/O
DESCRIPTION
NAME
NO.
I/O
DESCRIPTION
ANLG IN
14
I
Inverting analog input to uncommitted transmit operational amplifier.
ANLG GND
13
Analog ground return for all voice circuits. ANLG GND is internally connected to DGTL GND.
CLK
9
I
Master clock and data clock input for the fixed-data-rate mode. Master (filter) clock only for variable-data-rate
mode. CLK is used for both the transmit and receive sections.
DCLKR
5
I
Fixed-data-rate mode — variable-data-rate mode select. When DCLKR is connected to VBB, the device operates
in the fixed-data-rate mode. When DCLKR is not connected to VBB, the device operates in the variable-data-rate
mode and DCLKR becomes the receive data clock, which operates at frequencies from 64 kHz to 2.048 MHz.
DGTL GND
8
Digital ground for all internal logic circuits. DGTL GND is internally connected to ANLG GND.
FSR/TSRE
7
I
Frame-synchronization clock input /time-slot enable for the receive channel. In the variable-data-rate mode, this
signal must remain high for the duration of the time slot. The receive channel enters the standby state when FSR
is TTL low for 30 ms.
FSX/TSXE
10
I
Frame-synchronization clock input /time-slot enable for transmit channel. FSX/TSXE operates independently of,
but in an analogous manner to FSR/TSRE. The transmit channel enters the standby state when FSX is low for 300
ms.
GSX
15
O
Output terminal of internal uncommitted operational amplifier. Internally, this is the voice signal input to the transmit
filter.
PCM IN
6
I
Receive PCM input. PCM data is clocked in on eight consecutive negative transitions of the receive data clock,
which is CLKR in fixed-data-rate timing and DCLKR in variable-data-rate timing.
PCM OUT
11
O
Transmit PCM output. PCM data is clocked out of pcm out on eight consecutive positive transition of the transmit
data clock, which is CLKX in fixed-data-rate timing and DCLKX in variable-data-rate timing.
PDN
4
I
Power-down select. On the TCM29C18 and the TCM129C18, the device is inactive with a TTL low-level input and
active with a TTL high-level input to the terminal. On the TCM29C19 and the TCM129C19, this terminal must be
connected to a TTL high level.
PWRO +
2
O
Noninverting output of power amplifier. PWRO+ can drive transformer hybrids or high-impedance loads directly
in either a differential or single-ended configuration.
PWRO –
3
O
Inverting output of power amplifier. PWRO– is functionally identical to PWRO +.
TSX/DCLKX
12
I/O
Transmit channel time-slot strobe (output) or data clock (input). In the fixed-data-rate mode, this is an open-drain
output to be used as an enable signal for a 3-state buffer. In the variable-data-rate mode, DCLKX becomes the
transmit data clock, which operates at TTL levels from 64 kHz to 2.048 MHz.
VBB
1
Negative supply voltage. Input is – 5 V
±5%.
VCC
16
Positive supply voltage. Input is 5 V
±5%.


Similar Part No. - TCM29C19DW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TCM29C13 TI-TCM29C13 Datasheet
389Kb / 25P
[Old version datasheet]   COMBINED SINGLE-CHIP PCM CODEC AND FILTER
TCM29C13 TI1-TCM29C13 Datasheet
366Kb / 25P
[Old version datasheet]   COMBINED SINGLE-CHIP PCM CODEC AND FILTER
TCM29C13A TI-TCM29C13A Datasheet
392Kb / 25P
[Old version datasheet]   COMBINED SINGLE-CHIP PCM CODEC AND FILTER
TCM29C13ADW TI-TCM29C13ADW Datasheet
392Kb / 25P
[Old version datasheet]   COMBINED SINGLE-CHIP PCM CODEC AND FILTER
TCM29C13ADWR TI-TCM29C13ADWR Datasheet
392Kb / 25P
[Old version datasheet]   COMBINED SINGLE-CHIP PCM CODEC AND FILTER
More results

Similar Description - TCM29C19DW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS3202 TI1-TAS3202 Datasheet
802Kb / 66P
[Old version datasheet]   AUDIO DSP WITH ANALOG INTERFACE
TAS3204 TI-TAS3204 Datasheet
1Mb / 72P
[Old version datasheet]   AUDIO DSP WITH ANALOG INTERFACE
TCM320AC46 TI1-TCM320AC46 Datasheet
254Kb / 19P
[Old version datasheet]   GEBERAL-PURPOSE AUDIO INTERFACE FOR DSP
logo
Dialog Semiconductor
IW337 DIALOG-IW337 Datasheet
319Kb / 5P
   Signal Interface Controller for Analog
IW339 DIALOG-IW339 Datasheet
367Kb / 5P
   SSL Interface Controller for Analog
logo
Siemens Semiconductor G...
SDA9087 SIEMENS-SDA9087 Datasheet
537Kb / 20P
   Analog-Digital-Interface for Inserted Picture
logo
Analog Devices
AD9886 AD-AD9886_15 Datasheet
248Kb / 32P
   Analog Interface for Flat Panel Displays
REV. 0
logo
Panasonic Semiconductor
AN5862K PANASONIC-AN5862K Datasheet
146Kb / 3P
   ANALOG SWITCH ICS FOR RGB INTERFACE
AN5860 PANASONIC-AN5860 Datasheet
87Kb / 3P
   Analog Switch ICs for RGB Interface
logo
Analog Devices
AD9886 AD-AD9886 Datasheet
248Kb / 32P
   Analog Interface for Flat Panel Displays
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com