Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCM129C17A Datasheet(PDF) 2 Page - Texas Instruments

Part # TCM129C17A
Description  COMBINED SINGLE-CHIP PCM CODEC AND FILTER
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TCM129C17A Datasheet(HTML) 2 Page - Texas Instruments

  TCM129C17A Datasheet HTML 1Page - Texas Instruments TCM129C17A Datasheet HTML 2Page - Texas Instruments TCM129C17A Datasheet HTML 3Page - Texas Instruments TCM129C17A Datasheet HTML 4Page - Texas Instruments TCM129C17A Datasheet HTML 5Page - Texas Instruments TCM129C17A Datasheet HTML 6Page - Texas Instruments TCM129C17A Datasheet HTML 7Page - Texas Instruments TCM129C17A Datasheet HTML 8Page - Texas Instruments TCM129C17A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
TCM29C13A, TCM29C14A, TCM29C16A, TCM29C17A,
TCM129C13A, TC,129C14A, TCM129C16A, TCM129C17A
COMBINED SINGLE-CHIP PCM CODEC AND FILTER
SCTS030E – AUGUST 1989 – REVISED OCTOBER 1996
2
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
description (continued)
These devices are designed to perform the transmit encoding (A/D conversion) and receive decoding (D/A
conversion) as well as the transmit and receive filtering functions in a pulse-code-modulated system. They are
intended to be used at the analog termination of a PCM line or trunk.
The TCM29C13A, TCM29C13A, TCM29C16A, TCM29C17A, TCM129C13A, TCM129C14A, TCM129C16A,
and TCM129C17A provide the band-pass filtering of the analog signals prior to encoding and after decoding.
These combination devices perform the encoding and decoding of voice and call progress tones as well as the
signaling and supervision information. These devices contain patented circuitry to achieve low transmit channel
idle noise and are not recommended for applications in which the composite signals on the transmit side are
below – 55 dBm0.
The TCM29C13A, TCM29C14A, TCM29C16A, and TCM29C17A are characterized for operation from 0
°C to
70
°C. The TCM129C13A, TCM129C14A, TCM129C16A, and TCM129C17A are characterized for operation
from – 40
°C to 85°C.
functional block diagram
Successive
Approximation
Buffer
PWRO+
PWRO –
GSR
GSX
ANLG IN –
ANLG IN+
Transmit Section
Receive Section
SIGR†
Control
Section
PDN
Control
Logic
DCLKR
PCM IN
Input
Register
Digital-
to-Analog
Control
Logic
Reference
Sample
and Hold
and DAC
Analog-
to-Digital
Control
Logic
Gain
Set
Filter
Reference
FSX/TSXE
Autozero
Output
Register
TSX/DCLKX
PCM OUT
Comparator
Sample
and Hold
and DAC
Filter
Σ
SIGX/ASEL
CLKX
CLKSEL
ANLG
LOOP†
FSR/TSRE
CLKR†
ANLG
GND
DGTL
GND
VBB
VCC
† TCM29C14A and TCM129C14A only.
‡ TCM29C13A, TCM29C16A, TCM29C17A, TCM129C13A, TCM129C16A, and TCM129C17A only


Similar Part No. - TCM129C17A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TCM129C17 TI-TCM129C17 Datasheet
389Kb / 25P
[Old version datasheet]   COMBINED SINGLE-CHIP PCM CODEC AND FILTER
TCM129C17 TI1-TCM129C17 Datasheet
366Kb / 25P
[Old version datasheet]   COMBINED SINGLE-CHIP PCM CODEC AND FILTER
TCM129C17DW TI-TCM129C17DW Datasheet
389Kb / 25P
[Old version datasheet]   COMBINED SINGLE-CHIP PCM CODEC AND FILTER
TCM129C17N TI-TCM129C17N Datasheet
389Kb / 25P
[Old version datasheet]   COMBINED SINGLE-CHIP PCM CODEC AND FILTER
More results

Similar Description - TCM129C17A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M5913 STMICROELECTRONICS-M5913 Datasheet
220Kb / 17P
   COMBINED SINGLE CHIP PCM CODEC AND FILTER
logo
Texas Instruments
TCM29C13J TI1-TCM29C13J Datasheet
366Kb / 25P
[Old version datasheet]   COMBINED SINGLE-CHIP PCM CODEC AND FILTER
TCM29C13 TI-TCM29C13 Datasheet
389Kb / 25P
[Old version datasheet]   COMBINED SINGLE-CHIP PCM CODEC AND FILTER
logo
Intel Corporation
2913 INTEL-2913 Datasheet
1Mb / 21P
   COMBINED SINGLE-CHIP PCM CODEC AND FILTER
logo
Texas Instruments
TCM320AC54 TI-TCM320AC54 Datasheet
241Kb / 17P
[Old version datasheet]   MONOLITHIC SERIAL INTERFACE COMBINED PCM CODEC AND FILTER
TP3056B TI-TP3056B Datasheet
287Kb / 19P
[Old version datasheet]   MONOLITHIC SERIAL INTERFACE COMBINED PCM CODEC AND FILTER
TP3064A TI-TP3064A Datasheet
283Kb / 20P
[Old version datasheet]   MONOLITHIC SERIAL INTERFACE COMBINED PCM CODEC AND FILTER
TP3064B TI-TP3064B Datasheet
300Kb / 21P
[Old version datasheet]   MONOLITHIC SERIAL INTERFACE COMBINED PCM CODEC AND FILTER
TP3054A TI-TP3054A Datasheet
249Kb / 17P
[Old version datasheet]   MONOLITHIC SERIAL INTERFACE COMBINED PCM CODEC AND FILTER
TP3054B TI-TP3054B Datasheet
249Kb / 17P
[Old version datasheet]   MONOLITHIC SERIAL INTERFACE COMBINED PCM CODEC AND FILTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com