Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HDC500P-48B-490 Datasheet(PDF) 2 Page - HITRON ELECTRONICS CORPORTION

Part # HDC500P-48B-490
Description  36-72VDC INPUT RANGE DC-DC CONVERTER HOT-SWAP CompactPCI QUAD OUTPUT 500 WATTS ACTIVE CURRENT SHARING SWITCHING POWER SUPPLIES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITRON [HITRON ELECTRONICS CORPORTION]
Direct Link  http://www.hitron-e.com
Logo HITRON - HITRON ELECTRONICS CORPORTION

HDC500P-48B-490 Datasheet(HTML) 2 Page - HITRON ELECTRONICS CORPORTION

  HDC500P-48B-490 Datasheet HTML 1Page - HITRON ELECTRONICS CORPORTION HDC500P-48B-490 Datasheet HTML 2Page - HITRON ELECTRONICS CORPORTION  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Hitron Electronics Cororation. B4-11, P.O. Box 26-110 Kaohsiung Export Processing Zone Kaohsiung 806 Taiwan
TEL: 886-7-8210410/FAX: 886-7-8419917, 886-7-8210511/E-mail: sales@hitron-e.com/8210511@seed.net.tw /Web-site: www.hitron-e.com
2
OUTPUT VOLTAGE / CURRENT RATINGS CHART
MECHANICAL DIMENSIONS: MM [INCHES]
WEIGHT: 1.42kg (3.13 lb.)
QUAD OUTPUT
MAIN +VO1 @★#≡☉
AUX. +VO2 ▲@★#≡☉
AUX. +VO3 ▲≡#☉★@
AUX. –VO4 ▲☉★@
MODEL NO.
Min. Typ.
Volt. Max. Min. Typ. Volt. Max. Min. Typ. Volt. Max. Pk. Min. Typ. Volt. Max. Pk.
HDC500P-48B-490
4A
50A
+5V
60A
0A
30A +3.3V 60A
0A 10A +12V 14A 15A 0A
3A -12V 4A
5A
Symbol: "★" OVP built-in. "@" Adjustable. "#" Remote sensing. "≡" 3rd-wire Load Sharing.
"☉" Installed with Or-ing diode. "▲" Magnetic Amplifier. "●" Installed with Post-regulator. "■" Common Choke.
Remark: Peak load less than 60sec. with duty cycle <10%.
Max. load is the continuous operating load of each rail. But the max. load of each rail can't be drawn from all outputs at the same time.
Total max. power of VO1 and VO2 should be less than 350W.
INPUT & OUTPUT CONNECTORS PIN ASSIGNMENT
DC
INPUT
QUAD OUTPUT
STATUS/CONTROL
ASSIGNMENT +Vin -Vin G VO1 S+ S- Adj. C.S. VO2 S+ Adj. C.S. VO3 S+ C.S VO4 DC COM EN# DEG# INH# FAL#
CNTR &PIN #
46
47
45
1,2,
3,4
30 34 29
35
13,14,
15,16,
17,18
33
32
41
20
36
44
21
5,6,7,8,9,
10,11,12,
19,24
27
38
39
42
Mating connector: PCIH47F400A1.


Similar Part No. - HDC500P-48B-490

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
HDC500P-48B-490 TOTAL-POWER-HDC500P-48B-490 Datasheet
333Kb / 2P
   36-72VDC INPUT RANGE DC-DC CONVERTER HOT-SWAP CompactPCI QUAD OUTPUT 500 WATTS ACTIVE CURRENT SHARING SWITCHING POWER SUPPLIES TPDC500P-48B SERIES
logo
HITRON ELECTRONICS CORP...
HDC500P-48B-490 HITRON-HDC500P-48B-490 Datasheet
310Kb / 2P
   500W 6U X 8HP EUROCARD PACKAGE
More results

Similar Description - HDC500P-48B-490

ManufacturerPart #DatasheetDescription
logo
HITRON ELECTRONICS CORP...
HDC250P-48B HITRON-HDC250P-48B Datasheet
326Kb / 2P
   36-72VDC INPUT RANGE DC-DC CONVERTER HOT-SWAP CompactPCI QUAD OUTPUT 250 WATTS ACTIVE CURRENT SHARING SWITCHING POWER SUPPLIES
HDC301P-48B HITRON-HDC301P-48B Datasheet
298Kb / 2P
   36-72VDC INPUT RANGE DC-DC CONVERTER HOT-SWAP CompactPCI QUAD OUTPUT 300 WATTS ACTIVE CURRENT SHARING SWITCHING POWER SUPPLIES
HDC201P-48B HITRON-HDC201P-48B Datasheet
337Kb / 2P
   36-72VDC INPUT RANGE DC-DC CONVERTER HOT-SWAP CompactPCI QUAD OUTPUT 200 WATTS ACTIVE CURRENT SHARING SWITCHING POWER SUPPLIES
logo
Total Power Internation...
TPDC500P-48B TOTAL-POWER-TPDC500P-48B Datasheet
333Kb / 2P
   36-72VDC INPUT RANGE DC-DC CONVERTER HOT-SWAP CompactPCI QUAD OUTPUT 500 WATTS ACTIVE CURRENT SHARING SWITCHING POWER SUPPLIES TPDC500P-48B SERIES
logo
HITRON ELECTRONICS CORP...
HDC400P-24B HITRON-HDC400P-24B Datasheet
197Kb / 2P
   18-36 OR 36-72VDC INPUT RANGE DC-DC CONVERTER HOT-SWAP CompactPCI QUAD OUTPUT 400 WATTS ACTIVE CURRENT SHARING SWITCHING POWER SUPPLIES
HDC202P-48B HITRON-HDC202P-48B Datasheet
297Kb / 2P
   36-72VDC INPUT RANGE DC-DC CONVERTER HALF SIZE HOT-SWAP CompactPCI QUAD OUTPUT 202 WATTS ACTIVE CURRENT SHARING SWITCHING POWER SUPPLIES
logo
Total Power Internation...
TPDC400P-48B TOTAL-POWER-TPDC400P-48B Datasheet
371Kb / 2P
   36-72VDC INPUT RANGE DC-DC CONVERTER HOT-SWAP CompactPCI QUAD OUTPUT 400 WATTS ACTIVE CURRENT SHARING SWITCHING POWER SUPPLIES TPDC400P-48B SERIES
TPDC300P-48B TOTAL-POWER-TPDC300P-48B Datasheet
365Kb / 2P
   36-72VDC INPUT RANGE DC-DC CONVERTER HOT-SWAP CompactPCI QUAD OUTPUT 300 WATTS ACTIVE CURRENT SHARING SWITCHING POWER SUPPLIES TPDC300P-48B SERIES
TPDC250P-48B TOTAL-POWER-TPDC250P-48B Datasheet
428Kb / 2P
   36-72VDC INPUT RANGE DC-DC CONVERTER HOT-SWAP CompactPCI QUAD OUTPUT 250 WATTS ACTIVE CURRENT SHARING SWITCHING POWER SUPPLIES TPDC250P-48B SERIES
logo
HITRON ELECTRONICS CORP...
HDC203P-48B HITRON-HDC203P-48B Datasheet
310Kb / 2P
   36-72VDC INPUT RANGE DC-DC CONVERTER HOT-SWAP LOW VOLTAGE CompactPCI PENTA OUTPUT 200 WATTS ACTIVE CURRENT SHARING SWITCHING POWER SUPPLIES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com