Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HIRP200 Datasheet(PDF) 1 Page - HITRON ELECTRONICS CORPORTION

Part # HIRP200
Description  UNIVERSAL INPUT HARMONIC CORRECTION RESONANT AC-DC OPEN FRAME TRIPLE OUTPUT 200 WATTS INTERNAL SWITCHING POWER SUPPLIES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITRON [HITRON ELECTRONICS CORPORTION]
Direct Link  http://www.hitron-e.com
Logo HITRON - HITRON ELECTRONICS CORPORTION

HIRP200 Datasheet(HTML) 1 Page - HITRON ELECTRONICS CORPORTION

  HIRP200 Datasheet HTML 1Page - HITRON ELECTRONICS CORPORTION HIRP200 Datasheet HTML 2Page - HITRON ELECTRONICS CORPORTION  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
H HiTRON
2008/09/26
UNIVERSAL INPUT HARMONIC CORRECTION
RESONANT AC-DC OPEN FRAME TRIPLE OUTPUT 200 WATTS
INTERNAL SWITCHING POWER SUPPLIES HIRP200 SERIES
OUTPUT SPECIFICATION
Output Voltage: See Ratings Chart.
Output Current: See Ratings Chart.
Output Connector: V-H connectors.
Output Wattage: Max. 200W.
Line Regulation: Typ. ±0.1%.
Load Regulation: VO1 & VO3 typ. ±1%.
VO2 typ. ± 3.0%.
Noise & Ripple: Typ. 1.0% peak to peak.
OVP: Installed in VO1 & VO2 (Latch).
Adjustability: Available at VO1.
DC OK Signal: Installed.
Overload Protection (OLP): Fully protected against
output overload and short circuit. Typical 115-130% at
115Vac.Consult the factory for the special OLP setting.
SPECIFICATION
INPUT SPECIFICATION
Input Voltage: Typ. 90-264Vac with PFC.
Input Connector: V-M connector.
Input Frequency: 47-63Hz.
Inrush Current: Typ. 11.4-11.7Arms@230Vac.
Input Current: 1.95-2.16A @115Vac, 1.0-1.15A @230Vac.
Dielectric Withstand: Meet IEC 60950-1.
EMI: Meet CISPR PUB. 22 & FCC Class A.
Hold-up Time: Typ. 16-18mS @115Vac & 230Vac.
Power Fail Signal: Installed.
Remote ON/OFF: Installed.
Power Factor & Harmonic Correction:
Meet IEC 61000-3-2, PF typ.0.95@ full load.
Leakage Current: Less than 0.75-0.79mA.
FEATURES:
ACCOMMODATE UNIVERSAL AC SOURCES
5” x 3” COMPACT SIZE IN 1U HEIGHT
5V STAND-BY & 12V FAN OUTPUTS
RESONANT DESIGN CIRCUIT
MEET UNIVERSAL SAFETY STANDARDS
EMI MEET CISPR PUB. 22 & FCC CLASS A
CE MARKING COMPLIANCE
POWER DENSITY AS HIGH AS 9.95W/C.I.
GENERAL SPECIFICATION
Efficiency: Typ. 87-92%.
Switching Frequency: 100-105K Hz.
Circuit Topology: ZVS circuit.
Transient Response:
+12V and +24V voltage returns within 1mS following
a 25% load change.
+48V voltage returns within 1.75mS following
a 25% load change.
Safety Standard: UL 60950-1/EN 60950-1 Class I.
Operating Temperature: 0 to +50°C at full load with
specified air flow.
Storage Temperature: 0 to +85°C.
Temperature Coefficient: 0.05%/°C.
Cooling: 400LFM airflow is required to deliver the full
power. 200W.
Construction: PCB format.
Power Density: 9.95 Watts / Cubic Inch.
Note: (1)Due to requests in market and advances in technology, specifications subject to change without notification.
(2)All measurement are at nominal input, full load and +26°C unless otherwise specifications.


Similar Part No. - HIRP200

ManufacturerPart #DatasheetDescription
logo
CT Micro International ...
HIRP2013X10-B40 CTMICRO-HIRP2013X10-B40 Datasheet
788Kb / 9P
   SMD Type 850nm Infrared Emitter
More results

Similar Description - HIRP200

ManufacturerPart #DatasheetDescription
logo
HITRON ELECTRONICS CORP...
HVP180 HITRON-HVP180 Datasheet
547Kb / 2P
   UNIVERSAL INPUT HARMONIC CORRECTION AC-DC OPEN FRAME DUAL OUTPUT 180 WATTS INTERNAL SWITCHING POWER SUPPLIES
HVP103 HITRON-HVP103 Datasheet
326Kb / 2P
   UNIVERSAL INPUT HARMONIC CORRECTION AC-DC OPEN FRAME SINGLE OUTPUT 100 WATTS INTERNAL SWITCHING POWER SUPPLIES
logo
Total Power Internation...
TPVP-50 TOTAL-POWER-TPVP-50 Datasheet
652Kb / 2P
   UNIVERSAL INPUT HARMONIC CORRECTION AC-DC OPEN FRAME SINGLE & TRIPLE OUTPUT 50 WATTS INTERNAL SWITCHING POWER SUPPLIES TPVP50 SERIES
logo
HITRON ELECTRONICS CORP...
HVP150 HITRON-HVP150 Datasheet
380Kb / 2P
   UNIVERSAL INPUT HARMONIC CORRECTION AC-DC OPEN FRAME SINGLE & DUAL OUTPUT 150 WATTS INTERNAL SWITCHING POWER SUPPLIES
HVP100 HITRON-HVP100 Datasheet
352Kb / 2P
   UNIVERSAL INPUT HARMONIC CORRECTION AC-DC OPEN FRAME SINGLE & MULTI-OUTPUT 100 WATTS INTERNAL SWITCHING POWER SUPPLIES
HVP149 HITRON-HVP149 Datasheet
340Kb / 2P
   UNIVERSAL INPUT HARMONIC CORRECTION AC-DC OPEN FRAME SINGLE & MULTI-OUTPUT 150 WATTS INTERNAL SWITCHING POWER SUPPLIES
HVP101 HITRON-HVP101 Datasheet
305Kb / 2P
   UNIVERSAL INPUT HARMONIC CORRECTION AC-DC OPEN FRAME SINGLE & MULTI-OUTPUT 100 WATTS INTERNAL SWITCHING POWER SUPPLIES
HVP105 HITRON-HVP105 Datasheet
370Kb / 2P
   UNIVERSAL INPUT HARMONIC CORRECTION AC-DC OPEN FRAME SINGLE & MULTI-OUTPUT 105 WATTS INTERNAL SWITCHING POWER SUPPLIES
HVP200 HITRON-HVP200 Datasheet
383Kb / 2P
   UNIVERSAL INPUT HARMONIC CORRECTION AC-DC OPEN FRAME AND ACTIVE CURRENT SHARING MULTI-OUTPUT 200 WATTS INTERNAL SWITCHING POWER SUPPLIES
HVP93 HITRON-HVP93 Datasheet
367Kb / 2P
   UNIVERSAL INPUT HARMONIC CORRECTION AC-DC OPEN FRAME SINGLE & MULTI-OUTPUT 50-100 WATTS INTERNAL SWITCHING POWER SUPPLIES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com