Part Name
         Description
HDH165-24B

 ON-BOARD DC-DC CONVERTER HALF-BRICK BASE PLATE POWER MODULES INDUSTRIAL GRADE 165-200 WATTS SINGLE & DUAL OUTPUT ( 2 Page)


HITRON
100% 
Zoom Out Zoom In
   
 2 page
background image
-40-
INPUT/OUTPUT & VOLTAGE/CURRENT RATINGS CHART
MECHANICAL DIMENSIONS: MM [INCHES]
WEIGHT: 73.0g (2.6 Oz.)
SINGLE OUTPUT
INPUT Vdc
OUTPUT VO1 ★#※
MODEL NO.
Range
Nominal
TYP. VOLT. MAX. PEAK
HDH165-24B-S018600
18-36Vdc
24Vdc
60A 1.8Vdc 62A
64A
HDH165-24B-S025600
18-36Vdc
24Vdc
60A 2.5Vdc 62A
64A
HDH165-24B-S033500
18-36Vdc
24Vdc
50A 3.3Vdc 52A
53A
HDH165-24B-S050450
18-36Vdc
24Vdc
45A 5.0Vdc 47A
48A
HDH165-48B-S018600
36-72Vdc
48Vdc
60A 1.8Vdc 62A
64A
HDH165-48B-S025600
36-72Vdc
48Vdc
60A 2.5Vdc 62A
64A
HDH165-48B-S033500
36-72Vdc
48Vdc
50A 3.3Vdc 52A
53A
HDH165-48B-S050450
36-72Vdc
48Vdc
45A 5.0Vdc 47A
48A
DUAL OUTPUT
INPUT Vdc
OUTPUT VO1 ★@
OUTPUT VO2 ★@
MODEL NO.
Range
Nominal
MIN.
TYP. VOLT. MAX. MIN.
TYP. VOLT. MAX.
HDH165-24B-D025B
18-36Vdc
24Vdc
0A
25A
2.5Vdc
27A
0A
25A
1.8Vdc
27A
HDH165-24B-D033B
18-36Vdc
24Vdc
0A
22A
3.3Vdc
25A
0A
25A
1.8Vdc
27A
HDH165-24B-D033C
18-36Vdc
24Vdc
0A
22A
3.3Vdc
25A
0A
25A
2.5Vdc
27A
HDH165-24B-D050C
18-36Vdc
24Vdc
0A
20A
5.0Vdc
22A
0A
25A
2.5Vdc
27A
HDH165-24B-D050D
18-36Vdc
24Vdc
0A
20A
5.0Vdc
22A
0A
22A
3.3Vdc
25A
HDH165-48B-D025B
36-72Vdc
48Vdc
0A
25A
2.5Vdc
27A
0A
25A
1.8Vdc
27A
HDH165-48B-D033B
36-72Vdc
48Vdc
0A
22A
3.3Vdc
25A
0A
25A
1.8Vdc
27A
HDH165-48B-D033C
36-72Vdc
48Vdc
0A
22A
3.3Vdc
25A
0A
25A
2.5Vdc
27A
HDH165-48B-D050C
36-72Vdc
48Vdc
0A
20A
5.0Vdc
22A
0A
25A
2.5Vdc
27A
HDH165-48B-D050D
36-72Vdc
48Vdc
0A
20A
5.0Vdc
22A
0A
22A
3.3Vdc
25A
Symbols: "★" OVP built-in.
"#" Remote sensing.
"@" Adjustable.
"※" Synchronous Rectifier.
Remarks: Peak output, less than 60Sec. With duty cycle <10%.
PIN ASSIGNMENT
PIN NO. SINGLE
DUAL
PIN# 1.
+Vin
+Vin
PIN# 2.
REMOTE
ON/OFF
REMOTE
ON/OFF
PIN# 3.
CASE
CASE
PIN# 4.
-Vin
-Vin
PIN# 5. DC COM.
VO2
PIN# 6.
-SENSE
DC COM
PIN# 7. VO1 ADJ.
VO2 ADJ.
PIN# 8.
+SENSE
VO1
PIN# 9.
VO1
DC COM
PIN# 10.
-------
VO1 ADJ.
DERATING CHART
DUAL O/P
SINGLE O/P
1  2 



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
HDH100-24BON-BOARD DC-DC CONVERTER HALF-BRICK BASE PLATE POWER MODULES INDUSTRIAL GRADE 100-150 WATTS SINGLE & DUAL OUTPUT 1 2 HITRON ELECTRONICS CORPORTION
HDH80-24BON-BOARD DC-DC CONVERTER QUARTER-BRICK BASE PLATE POWER MODULES INDUSTRIAL GRADE 48-110 WATTS SINGLE OUTPUT 1 2 HITRON ELECTRONICS CORPORTION
HDH40-24DON-BOARD DC-DC CONVERTER BASE PLATE POWER MODULE INDUSTRIAL GRADE 40 WATTS SINGLE & MULTIPLE OUTPUT 1 2 HITRON ELECTRONICS CORPORTION
HAM10SON-BOARD UNIVERSAL INPUT AC-DC ENCAPSULATED MODULAR POWER SUPPLIES 10 WATTS SINGLE & DUAL OUTPUT 1 2 HITRON ELECTRONICS CORPORTION
HAM16SON-BOARD UNIVERSAL INPUT AC-DC ENCAPSULATED MODULAR POWER SUPPLIES 16 WATTS SINGLE & DUAL OUTPUT 1 2 HITRON ELECTRONICS CORPORTION
HAM05SON-BOARD UNIVERSAL INPUT AC-DC ENCAPSULATED MODULAR POWER SUPPLIES 5 WATTS SINGLE & DUAL OUTPUT 1 2 HITRON ELECTRONICS CORPORTION
SW2R48S03UWF2W Ultra-Wide Input Single & Dual Output DC-DC Converter 1 2 Superworld Electronics
HAM50-SON-BOARD UNIVERSAL INPUT AC-DC ENCAPSULATED MODULAR POWER SUPPLIES 50 WATTS SINGLE & MULTIPLE OUTPUT 1 2 HITRON ELECTRONICS CORPORTION
SW2R24S03WF2W Wide Input Single & Dual Output DC-DC Converter 1 2 Superworld Electronics
SW3R48S03UWF3W Ultra-Wide Input Single & Dual Output DC-DC Converter 1 2 Superworld Electronics

Link URL

Sponsor of Alldatasheet


Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com


Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com


Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2012    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl