Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HDM15-12B-S03 Datasheet(PDF) 1 Page - HITRON ELECTRONICS CORPORTION

Part # HDM15-12B-S03
Description  ON-BOARD DC-DC CONVERTER ENCAPSULATED MODULES 15WATTS SINGLE & DUAL OUTPUT
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITRON [HITRON ELECTRONICS CORPORTION]
Direct Link  http://www.hitron-e.com
Logo HITRON - HITRON ELECTRONICS CORPORTION

HDM15-12B-S03 Datasheet(HTML) 1 Page - HITRON ELECTRONICS CORPORTION

  HDM15-12B-S03 Datasheet HTML 1Page - HITRON ELECTRONICS CORPORTION HDM15-12B-S03 Datasheet HTML 2Page - HITRON ELECTRONICS CORPORTION HDM15-12B-S03 Datasheet HTML 3Page - HITRON ELECTRONICS CORPORTION HDM15-12B-S03 Datasheet HTML 4Page - HITRON ELECTRONICS CORPORTION  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image



  


     
      












!"
  
!"
 
!"
   
!"
 
   
  
    

    !"
 !#

 $%&
 '#(
 )*"+
  !"
  ,---.)
   ,/--!"
 %
 001.)23
1"&"43!
1"5 6)7/-!"28!9:)
1"567--- !"28!9:)**

  
  
   
  
   
  
  
   !"##  $
!"" %"%
 &'""
 """(
)*#+ 
!)*""'"
  "+!"*(,%-
!',".
   /("#"!".
!"*(,%

   
   
   
     
  !"!#
$% & 
'(
 01234

  ) *(   
! /;< ;
  4-;<=-;>&# 
! -;" -/;
!  --?;
 8""<=-;>&
  @ --1*.8"&*1
  A<=-;"&
#$ $B/C,"
%$&

      
      !  
"   # $#  
%  &'(  )*   + ,-   &



Similar Part No. - HDM15-12B-S03

ManufacturerPart #DatasheetDescription
logo
Hantronix,Inc
HDM150GS32 HANTRONIX-HDM150GS32 Datasheet
41Kb / 1P
   150 x 32 Dots Graphic
More results

Similar Description - HDM15-12B-S03

ManufacturerPart #DatasheetDescription
logo
HITRON ELECTRONICS CORP...
HDM07-S HITRON-HDM07-S Datasheet
138Kb / 2P
   ON-BOARD DC-DC CONVERTER ENCAPSULATED MODULES 7.5WATTS SINGLE & DUAL OUTPUT
HDM10-S HITRON-HDM10-S Datasheet
146Kb / 2P
   ON-BOARD DC-DC CONVERTER ENCAPSULATED MODULES 10 WATTS SINGLE & DUAL OUTPUT
HDM20-S HITRON-HDM20-S Datasheet
276Kb / 4P
   ON-BOARD DC-DC CONVERTER ENCAPSULATED MODULES 20 WATTS SINGLE & DUAL OUTPUT
HDM16-T HITRON-HDM16-T Datasheet
128Kb / 2P
   ON-BOARD DC-DC CONVERTER ENCAPSULATED MODULES 16WATTS TRIPLE OUTPUT
HDM14.5-S HITRON-HDM14.5-S Datasheet
129Kb / 2P
   ON-BOARD DC-DC CONVERTER ENCAPSULATED MODULES 15 WATTS OUTPUT
HDM09-S HITRON-HDM09-S Datasheet
212Kb / 2P
   PCB-MOUNT DC-DC CONVERTER ENCAPSULATED MODULES 9 WATTS SINGLE & DUAL OUTPUT
HDM08-S HITRON-HDM08-S Datasheet
200Kb / 2P
   PCB-MOUNT DC-DC CONVERTER ENCAPSULATED MODULES 8 WATTS SINGLE & DUAL OUTPUT
HDM30-S HITRON-HDM30-S Datasheet
691Kb / 6P
   PCB-MOUNT DC-DC CONVERTER ENCAPSULATED MODULES 30 WATTS SINGLE OUTPUT
HDM17-S HITRON-HDM17-S Datasheet
262Kb / 2P
   PCB-MOUNT DC-DC CONVERTER ENCAPSULATED MODULES INDUSTRIAL GRADE 17 WATTS SINGLE & DUAL OUTPUT
HDM11-S HITRON-HDM11-S Datasheet
285Kb / 2P
   PCB-MOUNT DC-DC CONVERTER ENCAPSULATED MODULES INDUSTRIAL GRADE 10 WATTS SINGLE & DUAL OUTPUT
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com