Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HDM11-12D-S09 Datasheet(PDF) 2 Page - HITRON ELECTRONICS CORPORTION

Part # HDM11-12D-S09
Description  PCB-MOUNT DC-DC CONVERTER ENCAPSULATED MODULES INDUSTRIAL GRADE 10 WATTS SINGLE & DUAL OUTPUT
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITRON [HITRON ELECTRONICS CORPORTION]
Direct Link  http://www.hitron-e.com
Logo HITRON - HITRON ELECTRONICS CORPORTION

HDM11-12D-S09 Datasheet(HTML) 2 Page - HITRON ELECTRONICS CORPORTION

  HDM11-12D-S09 Datasheet HTML 1Page - HITRON ELECTRONICS CORPORTION HDM11-12D-S09 Datasheet HTML 2Page - HITRON ELECTRONICS CORPORTION  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
-22-
INPUT/ OUTPUT & VOLTAGE/ CURRENT RATINGS CHART
SINGLE OUTPUT
INPUT
INPUT CURRENT
OUTPUT
OUTPUT
CASE
MODEL NO.
Vdc
N.L.
(mA)
F.L.
VO1(Vdc)
VO1(A)
SIZE
HDM11-12D-S03
9.0- 36.0
50
900
3.3V
2.50A
DM1A
HDM11-12D-S05
9.0- 36.0
50
1070
5.0V
2.00A
DM1A
HDM11-12D-S09
9.0- 36.0
50
1050
9.0V
1.10A
DM1A
HDM11-12D-S12
9.0- 36.0
50
1050
12.0V
0.83A
DM1A
HDM11-12D-S15
9.0- 36.0
50
1050
15.0V
0.67A
DM1A
HDM11-24D-S03
9.0- 36.0
50
450
3.3V
2.50A
DM1A
HDM11-24D-S05
9.0- 36.0
50
535
5.0V
2.00A
DM1A
HDM11-24D-S09
9.0- 36.0
50
525
9.0V
1.10A
DM1A
HDM11-24D-S12
9.0- 36.0
50
525
12.0V
0.83A
DM1A
HDM11-24D-S15
9.0- 36.0
50
525
15.0V
0.67A
DM1A
HDM11-48D-S03
18.0- 72.0
46
220
3.3V
2.50A
DM1A
HDM11-48D-S05
18.0- 72.0
46
260
5. 0V
2.00A
DM1A
HDM11-48D-S09
18.0- 72.0
46
255
9.0V
1.10A
DM1A
HDM11-48D-S12
18.0- 72.0
46
255
12.0V
0.83A
DM1A
HDM11-48D-S15
18.0- 72.0
46
255
15.0V
0.67A
DM1A
DUAL OUTPUT
INPUT
INPUT CURRENT
OUTPUT (Vdc)
OUTPUT (A)
CASE
MODEL NO.
Vdc
N.L.
(mA)
F.L.
+VO1
-VO2
+VO1
-VO2
SIZE
HDM11-12D-D03
9.0- 36.0
50
910
+3.3V
-3.3V
1.25A
1.25A
DM1A
HDM11-12D-D05
9.0- 36.0
50
1070
+5.0V
-5.0V
1.00A
1.00A
DM1A
HDM11-12D-D12
9.0- 36.0
50
1070
+12.0V
-12.0V
0.42A
0.42A
DM1A
HDM11-12D-D15
9.0- 36.0
50
1040
+15.0V
-15.0V
0.33A
0.33A
DM1A
HDM11-24D-D03
9.0- 36.0
50
455
+3.3V
-3.3V
1.25A
1.25A
DM1A
HDM11-24D-D05
9.0- 36.0
50
535
+5.0V
-5.0V
1.00A
1.00A
DM1A
HDM11-24D-D12
9.0- 36.0
50
535
+12.0V
-12.0V
0.42A
0.42A
DM1A
HDM11-24D-D15
9.0- 36.0
50
520
+15.0V
-15.0V
0.33A
0.33A
DM1A
HDM11-48D-D03
18.0- 72.0
46
220
+3.3V
-3.3V
1.25A
1.25A
DM1A
HDM11-48D-D05
18.0- 72.0
46
260
+5.0V
-5.0V
1.00A
1.00A
DM1A
HDM11-48D-D12
18.0- 72.0
46
260
+12.0V
-12.0V
0.42A
0.42A
DM1A
HDM11-48D-D15
18.0- 72.0
46
255
+15.0V
-15.0V
0.33A
0.33A
DM1A
Symbols: "★" OVP built-in.
"
" Double Feedback.
MECHANICAL DIMENSIONS: MM [INCHES]
WEIGHT: 20.0g (0.71 Oz.)
DERATING CHART
PIN ASSIGNMENT
PIN NO. SINGLE
DUAL
PIN# 1. Remote ON/OFF
Remote ON/OFF
PIN# 2. - INPUT/-Vin
- INPUT/-Vin
PIN# 3. + INPUT
+ INPUT
PIN# 4. DC-COM
- VO2
PIN# 5. NO PIN
DC-COM
PIN# 6. VO1
+VO1
CASE SIZE: DM1A


Similar Part No. - HDM11-12D-S09

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
HDM1-6C1 STMICROELECTRONICS-HDM1-6C1 Datasheet
1Mb / 22P
   ESD protection and signal booster for HDMI source control stage interface
Rev 4 - August 2022
logo
HITRON ELECTRONICS CORP...
HDM10-12B-D05 HITRON-HDM10-12B-D05 Datasheet
146Kb / 2P
   ON-BOARD DC-DC CONVERTER ENCAPSULATED MODULES 10 WATTS SINGLE & DUAL OUTPUT
HDM10-12B-D12 HITRON-HDM10-12B-D12 Datasheet
146Kb / 2P
   ON-BOARD DC-DC CONVERTER ENCAPSULATED MODULES 10 WATTS SINGLE & DUAL OUTPUT
HDM10-12B-D15 HITRON-HDM10-12B-D15 Datasheet
146Kb / 2P
   ON-BOARD DC-DC CONVERTER ENCAPSULATED MODULES 10 WATTS SINGLE & DUAL OUTPUT
HDM10-12B-S03 HITRON-HDM10-12B-S03 Datasheet
146Kb / 2P
   ON-BOARD DC-DC CONVERTER ENCAPSULATED MODULES 10 WATTS SINGLE & DUAL OUTPUT
More results

Similar Description - HDM11-12D-S09

ManufacturerPart #DatasheetDescription
logo
HITRON ELECTRONICS CORP...
HDM17-S HITRON-HDM17-S Datasheet
262Kb / 2P
   PCB-MOUNT DC-DC CONVERTER ENCAPSULATED MODULES INDUSTRIAL GRADE 17 WATTS SINGLE & DUAL OUTPUT
HDM25-D HITRON-HDM25-D Datasheet
290Kb / 2P
   PCB-MOUNT DC-DC CONVERTER ENCAPSULATED MODULES INDUSTRIAL GRADE 25 WATTS DUAL OUTPUT
HDM08-S HITRON-HDM08-S Datasheet
200Kb / 2P
   PCB-MOUNT DC-DC CONVERTER ENCAPSULATED MODULES 8 WATTS SINGLE & DUAL OUTPUT
HDM09-S HITRON-HDM09-S Datasheet
212Kb / 2P
   PCB-MOUNT DC-DC CONVERTER ENCAPSULATED MODULES 9 WATTS SINGLE & DUAL OUTPUT
HDM30-S HITRON-HDM30-S Datasheet
691Kb / 6P
   PCB-MOUNT DC-DC CONVERTER ENCAPSULATED MODULES 30 WATTS SINGLE OUTPUT
HDM10-S HITRON-HDM10-S Datasheet
146Kb / 2P
   ON-BOARD DC-DC CONVERTER ENCAPSULATED MODULES 10 WATTS SINGLE & DUAL OUTPUT
HDM20-S HITRON-HDM20-S Datasheet
276Kb / 4P
   ON-BOARD DC-DC CONVERTER ENCAPSULATED MODULES 20 WATTS SINGLE & DUAL OUTPUT
logo
Powerbox
MAD26 POWERBOX-MAD26 Datasheet
529Kb / 2P
   10 WATTS SINGLE & DUAL OUTPUT DC/DC INDUSTRIAL
F01 POWERBOX-F01 Datasheet
493Kb / 2P
   10 WATTS SINGLE & DUAL OUTPUT DC/DC INDUSTRIAL
PBBA-0505A POWERBOX-PBBA-0505A Datasheet
161Kb / 6P
   1.5-10 WATTS SINGLE & DUAL OUTPUT DC/DC INDUSTRIAL
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com