Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HDH100-48B-S050250 Datasheet(PDF) 2 Page - HITRON ELECTRONICS CORPORTION

Part # HDH100-48B-S050250
Description  ON-BOARD DC-DC CONVERTER HALF-BRICK BASE PLATE POWER MODULES INDUSTRIAL GRADE 100-150 WATTS SINGLE & DUAL OUTPUT
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITRON [HITRON ELECTRONICS CORPORTION]
Direct Link  http://www.hitron-e.com
Logo HITRON - HITRON ELECTRONICS CORPORTION

HDH100-48B-S050250 Datasheet(HTML) 2 Page - HITRON ELECTRONICS CORPORTION

  HDH100-48B-S050250 Datasheet HTML 1Page - HITRON ELECTRONICS CORPORTION HDH100-48B-S050250 Datasheet HTML 2Page - HITRON ELECTRONICS CORPORTION  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
-38-
INPUT/OUTPUT & VOLTAGE/CURRENT RATINGS CHART
MECHANICAL DIMENSIONS: MM [INCHES]
WEIGHT: 73.0g (2.6 Oz.)
SINGLE OUTPUT
INPUT Vdc
OUTPUT VO1 ★@ #
MODEL NO.
Range
Nominal
MIN.
VOLT.
TYP.
HDH100-24B-S018300
18-36Vdc
24Vdc
0A
1.8Vdc
30A
HDH100-24B-S025300
18-36Vdc
24Vdc
0A
2.5Vdc
30A
HDH100-24B-S033300
18-36Vdc
24Vdc
0A
3.3Vdc
30A
HDH100-24B-S050250
18-36Vdc
24Vdc
0A
5.0Vdc
25A
HDH100-24B-S120120
18-36Vdc
24Vdc
0A
12.0Vdc
12A
HDH100-24B-S150100
18-36Vdc
24Vdc
0A
15.0Vdc
10A
HDH100-48B-S018300
36-72Vdc
48Vdc
0A
1.8Vdc
30A
HDH100-48B-S025300
36-72Vdc
48Vdc
0A
2.5Vdc
30A
HDH100-48B-S033300
36-72Vdc
48Vdc
0A
3.3Vdc
30A
HDH100-48B-S050250
36-72Vdc
48Vdc
0A
5.0Vdc
25A
HDH100-48B-S120120
36-72Vdc
48Vdc
0A
12.0Vdc
12A
HDH100-48B-S150100
36-72Vdc
48Vdc
0A
15.0Vdc
10A
DUAL OUTPUT
INPUT Vdc
OUTPUT VO1 ★@
OUTPUT VO2 ★@
MODEL NO.
Range
Nominal
MIN.
TYP.
VOLT. MAX.
MIN.
TYP.
VOLT. MAX.
HDH100-24B-D025B
18-36Vdc
24Vdc
2.0A
18A
2.5Vdc
25A
0A
18A
1.8Vdc
25A
HDH100-24B-D033B
18-36Vdc
24Vdc
2.0A
17A
3.3Vdc
24A
0A
18A
1.8Vdc
25A
HDH100-24B-D033C
18-36Vdc
24Vdc
2.0A
17A
3.3Vdc
24A
0A
15A
2.5Vdc
20A
HDH100-24B-D050C
18-36Vdc
24Vdc
2.0A
14A
5.0Vdc
20A
0A
15A
2.5Vdc
20A
HDH100-24B-D050D
18-36Vdc
24Vdc
2.0A
14A
5.0Vdc
20A
0A
12A
3.3Vdc
18A
HDH100-48B-D025B
36-72Vdc
48Vdc
2.0A
18A
2.5Vdc
25A
0A
18A
1.8Vdc
25A
HDH100-48B-D033B
36-72Vdc
48Vdc
2.0A
17A
3.3Vdc
24A
0A
18A
1.8Vdc
25A
HDH100-48B-D033C
36-72Vdc
48Vdc
2.0A
17A
3.3Vdc
24A
0A
15A
2.5Vdc
20A
HDH100-48B-D050C
36-72Vdc
48Vdc
2.0A
14A
5.0Vdc
20A
0A
15A
2.5Vdc
20A
HDH100-48B-D050D
36-72Vdc
48Vdc
2.0A
14A
5.0Vdc
20A
0A
12A
3.3Vdc
18A
Symbols: "★" OVP built-in.
"#" Remote sensing. "@" Adjustable.
Remarks: Peak output, less than 60Sec. With duty cycle <10%.
PIN ASSIGNMENT
PIN NO. SINGLE
DUAL
PIN# 1.
+Vin
+Vin
PIN# 2.
Remote
ON/OFF
Remote
ON/OFF
PIN# 3.
CASE
CASE
PIN# 4.
-Vin
-Vin
PIN# 5. DC COM.
VO2
PIN# 6. -SENSE DC COM
PIN# 7. VO1 ADJ. VO2 ADJ.
PIN# 8. +SENSE
VO1
PIN# 9.
VO1
DC COM
PIN# 10.
-------
VO1 ADJ.
SINGLE O/P
DUAL O/P
DERATING CHART


Similar Part No. - HDH100-48B-S050250

ManufacturerPart #DatasheetDescription
logo
HITRON ELECTRONICS CORP...
HDH165-24B HITRON-HDH165-24B Datasheet
359Kb / 2P
   ON-BOARD DC-DC CONVERTER HALF-BRICK BASE PLATE POWER MODULES INDUSTRIAL GRADE 165-200 WATTS SINGLE & DUAL OUTPUT
HDH165-24B-D025B HITRON-HDH165-24B-D025B Datasheet
359Kb / 2P
   ON-BOARD DC-DC CONVERTER HALF-BRICK BASE PLATE POWER MODULES INDUSTRIAL GRADE 165-200 WATTS SINGLE & DUAL OUTPUT
HDH165-24B-D033B HITRON-HDH165-24B-D033B Datasheet
359Kb / 2P
   ON-BOARD DC-DC CONVERTER HALF-BRICK BASE PLATE POWER MODULES INDUSTRIAL GRADE 165-200 WATTS SINGLE & DUAL OUTPUT
HDH165-24B-D033C HITRON-HDH165-24B-D033C Datasheet
359Kb / 2P
   ON-BOARD DC-DC CONVERTER HALF-BRICK BASE PLATE POWER MODULES INDUSTRIAL GRADE 165-200 WATTS SINGLE & DUAL OUTPUT
HDH165-24B-D050C HITRON-HDH165-24B-D050C Datasheet
359Kb / 2P
   ON-BOARD DC-DC CONVERTER HALF-BRICK BASE PLATE POWER MODULES INDUSTRIAL GRADE 165-200 WATTS SINGLE & DUAL OUTPUT
More results

Similar Description - HDH100-48B-S050250

ManufacturerPart #DatasheetDescription
logo
HITRON ELECTRONICS CORP...
HDH165-24B HITRON-HDH165-24B Datasheet
359Kb / 2P
   ON-BOARD DC-DC CONVERTER HALF-BRICK BASE PLATE POWER MODULES INDUSTRIAL GRADE 165-200 WATTS SINGLE & DUAL OUTPUT
HDH80-24B HITRON-HDH80-24B Datasheet
431Kb / 2P
   ON-BOARD DC-DC CONVERTER QUARTER-BRICK BASE PLATE POWER MODULES INDUSTRIAL GRADE 48-110 WATTS SINGLE OUTPUT
HDH40-24D HITRON-HDH40-24D Datasheet
404Kb / 2P
   ON-BOARD DC-DC CONVERTER BASE PLATE POWER MODULE INDUSTRIAL GRADE 40 WATTS SINGLE & MULTIPLE OUTPUT
logo
List of Unclassifed Man...
APS100DH ETC1-APS100DH Datasheet
85Kb / 2P
   18-36 VDC INPUT RANGE DC-DC CONVERTER HALF-BRICK POWER MODULES 100-150 WATTS SINGLE & DUAL OUTPUT
logo
Murata Power Solutions ...
VKA150MS24-205C MURATA-PS-VKA150MS24-205C Datasheet
213Kb / 3P
   150 Watt Single Output Half Brick DC/DC Converter
logo
C&D Technologies
VKA150MS CANDD-VKA150MS Datasheet
124Kb / 4P
   150 WATT SINGLE OUTPUT HALF BRICK DC/DC CONVERTER
logo
HITRON ELECTRONICS CORP...
HDM10-S HITRON-HDM10-S Datasheet
146Kb / 2P
   ON-BOARD DC-DC CONVERTER ENCAPSULATED MODULES 10 WATTS SINGLE & DUAL OUTPUT
HDM20-S HITRON-HDM20-S Datasheet
276Kb / 4P
   ON-BOARD DC-DC CONVERTER ENCAPSULATED MODULES 20 WATTS SINGLE & DUAL OUTPUT
logo
Murata Power Solutions ...
IHB100S4803C MURATA-PS-IHB100S4803C Datasheet
148Kb / 4P
   100 Watt Single Output Half Brick DC/DC Converter
logo
C&D Technologies
VKA100XS CANDD-VKA100XS Datasheet
463Kb / 4P
   100 WATT SINGLE OUTPUT HALF BRICK DC/DC CONVERTER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com