Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HDM14.5-24B-S03 Datasheet(PDF) 2 Page - HITRON ELECTRONICS CORPORTION

Part # HDM14.5-24B-S03
Description  ON-BOARD DC-DC CONVERTER ENCAPSULATED MODULES 15 WATTS OUTPUT
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITRON [HITRON ELECTRONICS CORPORTION]
Direct Link  http://www.hitron-e.com
Logo HITRON - HITRON ELECTRONICS CORPORTION

HDM14.5-24B-S03 Datasheet(HTML) 2 Page - HITRON ELECTRONICS CORPORTION

  HDM14.5-24B-S03 Datasheet HTML 1Page - HITRON ELECTRONICS CORPORTION HDM14.5-24B-S03 Datasheet HTML 2Page - HITRON ELECTRONICS CORPORTION  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image

A






   


 
&' 
&' &   '   ' 
(
 
#
- )(* 8- +) #*
+)(*
,
!-+./01+23145
6/41+7/4
=)
))
5/5 
5/44(
*
!-+./01+23140
6/41+7/4
)
)
0/4 
5/44(
*
!-+./01+23146
6/41+7/4
)
)
6/4 
+/88(
*
!-+./01+231+2
6/41+7/4
)
)
+2/4 
+/20(
*
!-+./01+231+0
6/41+7/4
)
)
+0/4 
+/44(
*
!-+./012.3145
+7/4158/4
)
)
5/5 
5/44(
*
!-+./012.3140
+7/4158/4
)
44)
0/4 
5/44(
*
!-+./012.3146
+7/4158/4
)
44)
6/4 
+/88(
*
!-+./012.31+2
+7/4158/4
)
4A)
+2/4 
+/20(
*
!-+./012.31+0
+7/4158/4
)
4A)
+0/4 
+/44(
*
!-+./01.73145
58/4192/4
)
?)
5/5 
5/44(
*
!-+./01.73140
58/4192/4
)
=
0/4 
5/44(
*
!-+./01.73146
58/4192/4
)
=
6/4 
+/88(
*
!-+./01.731+2
58/4192/4
)
=)
+2/4 
+/20(
*
!-+./01.731+0
58/4192/4
)
=?
+0/4 
+/44(
*



  !  








'&&/ &$:
'&;+/ ++88
'&;2/ /&#,
'&;5/ :/&#,
'&;./ +#,&#,,/*
'&;0/ +
'&;8/ +*
(, -2-


Similar Part No. - HDM14.5-24B-S03

ManufacturerPart #DatasheetDescription
logo
Stackpole Electronics, ...
HDM14 SEI-HDM14 Datasheet
411Kb / 6P
   Moisture Resistant Carbon Film Resistor
10/22/2020
HDM14FA10K0 SEI-HDM14FA10K0 Datasheet
411Kb / 6P
   Moisture Resistant Carbon Film Resistor
10/22/2020
HDM14FA1R00 SEI-HDM14FA1R00 Datasheet
411Kb / 6P
   Moisture Resistant Carbon Film Resistor
10/22/2020
HDM14FA2M20 SEI-HDM14FA2M20 Datasheet
411Kb / 6P
   Moisture Resistant Carbon Film Resistor
10/22/2020
HDM14FB10K0 SEI-HDM14FB10K0 Datasheet
411Kb / 6P
   Moisture Resistant Carbon Film Resistor
10/22/2020
More results

Similar Description - HDM14.5-24B-S03

ManufacturerPart #DatasheetDescription
logo
HITRON ELECTRONICS CORP...
HDM10-S HITRON-HDM10-S Datasheet
146Kb / 2P
   ON-BOARD DC-DC CONVERTER ENCAPSULATED MODULES 10 WATTS SINGLE & DUAL OUTPUT
HDM20-S HITRON-HDM20-S Datasheet
276Kb / 4P
   ON-BOARD DC-DC CONVERTER ENCAPSULATED MODULES 20 WATTS SINGLE & DUAL OUTPUT
HDM16-T HITRON-HDM16-T Datasheet
128Kb / 2P
   ON-BOARD DC-DC CONVERTER ENCAPSULATED MODULES 16WATTS TRIPLE OUTPUT
HDM07-S HITRON-HDM07-S Datasheet
138Kb / 2P
   ON-BOARD DC-DC CONVERTER ENCAPSULATED MODULES 7.5WATTS SINGLE & DUAL OUTPUT
HDM15-S HITRON-HDM15-S Datasheet
238Kb / 4P
   ON-BOARD DC-DC CONVERTER ENCAPSULATED MODULES 15WATTS SINGLE & DUAL OUTPUT
HDM30-S HITRON-HDM30-S Datasheet
691Kb / 6P
   PCB-MOUNT DC-DC CONVERTER ENCAPSULATED MODULES 30 WATTS SINGLE OUTPUT
HDM08-S HITRON-HDM08-S Datasheet
200Kb / 2P
   PCB-MOUNT DC-DC CONVERTER ENCAPSULATED MODULES 8 WATTS SINGLE & DUAL OUTPUT
HDM09-S HITRON-HDM09-S Datasheet
212Kb / 2P
   PCB-MOUNT DC-DC CONVERTER ENCAPSULATED MODULES 9 WATTS SINGLE & DUAL OUTPUT
HDM25-D HITRON-HDM25-D Datasheet
290Kb / 2P
   PCB-MOUNT DC-DC CONVERTER ENCAPSULATED MODULES INDUSTRIAL GRADE 25 WATTS DUAL OUTPUT
HDM17-S HITRON-HDM17-S Datasheet
262Kb / 2P
   PCB-MOUNT DC-DC CONVERTER ENCAPSULATED MODULES INDUSTRIAL GRADE 17 WATTS SINGLE & DUAL OUTPUT
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com