Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HDM17-24B-S05 Datasheet(PDF) 1 Page - HITRON ELECTRONICS CORPORTION

Part # HDM17-24B-S05
Description  PCB-MOUNT DC-DC CONVERTER ENCAPSULATED MODULES INDUSTRIAL GRADE 17 WATTS SINGLE & DUAL OUTPUT
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITRON [HITRON ELECTRONICS CORPORTION]
Direct Link  http://www.hitron-e.com
Logo HITRON - HITRON ELECTRONICS CORPORTION

HDM17-24B-S05 Datasheet(HTML) 1 Page - HITRON ELECTRONICS CORPORTION

  HDM17-24B-S05 Datasheet HTML 1Page - HITRON ELECTRONICS CORPORTION HDM17-24B-S05 Datasheet HTML 2Page - HITRON ELECTRONICS CORPORTION  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
-23-
H HiTRON
PCB-MOUNT DC-DC CONVERTER ENCAPSULATED MODULES
INDUSTRIAL GRADE 17 WATTS SINGLE & DUAL OUTPUT
HDM17-S & HDM17-D SERIES
FEATURES:
SINGLE & DUAL OUTPUT
2:1 INPUT RANGE
17W ISOLATED OUTPUT
SIX-SIDED METAL SHIELD
OUTPUT SPECIFICATION
Output Voltage: See Ratings Chart.
Output Current: See Ratings Chart.
Voltage Accuracy: Main O/P ±1.0% typical.
Line Regulation: Various with output voltages.
±0.5% typical.
Load Regulation: Various with output voltages.
Single O/P ±1.0% typical.
Dual O/P ±2.0% typical.
Noise & Ripple: Typical 100mV for 3.3V/5.0V &
1.0% for others peak to peak.
OVP: Built-in on main output.
Adjustability: Not available.
Overload Protection (OLP):
Fully protected against output overload and short circuit.
Typical 120-150% of rating output load.
Consult the factory for special OLP setting.
SPECIFICATION
INPUT SPECIFICATION
Input Range: 2:1 DC input range.
See Ratings Chart.
Input Voltage: Nominal 12/24/48Vdc.
Input Current: Various with input range & load.
See Ratings Chart.
Input Fuse: Use external fuse.
Input Filter: Pi-Network.
Undervoltage Shutdown: 8Vdc.
Isolation Resistor: 1,000 Mega Ohms.
Isolation Voltage: 1,500Vdc.
EMI: Six-sided metal shielding.
Remote On/Off: TTL/CMOS-Compatible Input Control.
Positive Logic version for Standard set up
:
ON(Enable)=Open(or 2.5-5.0Vdc above-Vin).
OFF(Disable)=Short(or 0-0.8Vdc above-Vin).
Negative Logic version option available by adding a
“N” suffix to the end of Model #.
Remark: Logic voltage refer to –Input(-Vin).
GENERAL SPECIFICATION
Efficiency: 80-81% typical various with input.
Switching Frequency: Fixed frequency 450K Hz.
Circuit Topology: 450K Hz. Forward Circuit.
Transient Response: Peak deviation 200mV,
Recovery time <3mSec. @ 25% step load change.
Case: Black coated steel with non-conductive
metal base.
Power Density: 18.0Watts. / Cubic inch.
MTBF: 1,000,000 hours to Mil. Std. 217, 25°C.
Operating Temperature: -25°C to +85°C range.
–10°C to +70°C @ full load without derating.
Derating linearly from +70°C to half-load @ +85°C.
(Refer to the Derating Chart).
Storage Temperature: -40°C to +105°C.
Temperature Coefficient: ± 0.03% /°C.
Humidity: Up to 95% RH, Non-condensing.
Cooling: Convection cooling up to+70°C @full load.
At least 100LFM moving air is recommended for
full load >+70°C in a confined area.
Industrial Grade only.
NOTE:(1) All measurements are at nominal input, full load and +25°C unless otherwise specified.
(2) Line Regulation measured from High to Low Lines at full load.
(3) Load Regulation measured from Full Load (F-L) to Half-Load (H-L) at nominal input.
(4) Correct fuse size by calculating the max. DC current drains at low Line input & Load and then adding 20-25% for the desired fuse size.
Due to requests in market and advances in technology, specifications subject to change without notice.


Similar Part No. - HDM17-24B-S05

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
HDM1-6C1 STMICROELECTRONICS-HDM1-6C1 Datasheet
1Mb / 22P
   ESD protection and signal booster for HDMI source control stage interface
Rev 4 - August 2022
logo
HITRON ELECTRONICS CORP...
HDM10-12B-D05 HITRON-HDM10-12B-D05 Datasheet
146Kb / 2P
   ON-BOARD DC-DC CONVERTER ENCAPSULATED MODULES 10 WATTS SINGLE & DUAL OUTPUT
HDM10-12B-D12 HITRON-HDM10-12B-D12 Datasheet
146Kb / 2P
   ON-BOARD DC-DC CONVERTER ENCAPSULATED MODULES 10 WATTS SINGLE & DUAL OUTPUT
HDM10-12B-D15 HITRON-HDM10-12B-D15 Datasheet
146Kb / 2P
   ON-BOARD DC-DC CONVERTER ENCAPSULATED MODULES 10 WATTS SINGLE & DUAL OUTPUT
HDM10-12B-S03 HITRON-HDM10-12B-S03 Datasheet
146Kb / 2P
   ON-BOARD DC-DC CONVERTER ENCAPSULATED MODULES 10 WATTS SINGLE & DUAL OUTPUT
More results

Similar Description - HDM17-24B-S05

ManufacturerPart #DatasheetDescription
logo
HITRON ELECTRONICS CORP...
HDM11-S HITRON-HDM11-S Datasheet
285Kb / 2P
   PCB-MOUNT DC-DC CONVERTER ENCAPSULATED MODULES INDUSTRIAL GRADE 10 WATTS SINGLE & DUAL OUTPUT
HDM25-D HITRON-HDM25-D Datasheet
290Kb / 2P
   PCB-MOUNT DC-DC CONVERTER ENCAPSULATED MODULES INDUSTRIAL GRADE 25 WATTS DUAL OUTPUT
HDM08-S HITRON-HDM08-S Datasheet
200Kb / 2P
   PCB-MOUNT DC-DC CONVERTER ENCAPSULATED MODULES 8 WATTS SINGLE & DUAL OUTPUT
HDM09-S HITRON-HDM09-S Datasheet
212Kb / 2P
   PCB-MOUNT DC-DC CONVERTER ENCAPSULATED MODULES 9 WATTS SINGLE & DUAL OUTPUT
HDM30-S HITRON-HDM30-S Datasheet
691Kb / 6P
   PCB-MOUNT DC-DC CONVERTER ENCAPSULATED MODULES 30 WATTS SINGLE OUTPUT
HDM10-S HITRON-HDM10-S Datasheet
146Kb / 2P
   ON-BOARD DC-DC CONVERTER ENCAPSULATED MODULES 10 WATTS SINGLE & DUAL OUTPUT
HDM20-S HITRON-HDM20-S Datasheet
276Kb / 4P
   ON-BOARD DC-DC CONVERTER ENCAPSULATED MODULES 20 WATTS SINGLE & DUAL OUTPUT
HDM14.5-S HITRON-HDM14.5-S Datasheet
129Kb / 2P
   ON-BOARD DC-DC CONVERTER ENCAPSULATED MODULES 15 WATTS OUTPUT
logo
Powerbox
MAH16 POWERBOX-MAH16 Datasheet
560Kb / 2P
   17-30 WATTS SINGLE & MULTI OUTPUT DC/DC INDUSTRIAL
logo
HITRON ELECTRONICS CORP...
HDM07-S HITRON-HDM07-S Datasheet
138Kb / 2P
   ON-BOARD DC-DC CONVERTER ENCAPSULATED MODULES 7.5WATTS SINGLE & DUAL OUTPUT
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com