Electronic Components Datasheet Search |
|
HDM15-12B-S12 Datasheet(PDF) 3 Page - HITRON ELECTRONICS CORPORTION |
|
HDM15-12B-S12 Datasheet(HTML) 3 Page - HITRON ELECTRONICS CORPORTION |
3 / 4 page - 29 - H HiTRON ON-BOARD DC-DC CONVERTER ENCAPSULATED MODULES 15-WATTS TRIPLE OUTPUT HDM15-T SERIES FEATURES: TRIPLE OUTPUT WIDE 4:1 & 2:1 INPUT RANGE 15W ISOLATED OUTPUT SIX-SIDED METAL SHIELD SPECIFICATION INPUT SPECIFICATION Input Range: Wide 4:1 & 2:1 input DC range. See Ratings Chart. Input Voltage: Nominal 12/24/48Vdc. Input Current: Various with input range and load. See Ratings Chart. Input Fuse: Use external fuse. Input Filter: Pi-Network. Overvoltage Shutdown: Optional. Factory set. Undervoltage Shutdown: 8Vdc. Isolation Resistor: 1,000 Mega Ohms. Isolation Voltage: 1,500Vdc. EMI: Six-sided metal shielding. Remote On/Off: TTL/CMOS-Compatible Input Control. Logic input reference to –input/-Vin. Logic [1]/Open (or 2.5-7.0Vdc above-Vin)=ON. Logic [2]/Short (or 0-0.08Vdc above-Vin)=OFF. OUTPUT SPECIFICATION Output Voltage: See Ratings Chart. Output Current: See Ratings Chart. Voltage Accuracy: Main O/P ±2.0% typ. Line Regulation: ±0.5% typ. Load Regulation: VO1 & VO3 O/P ±2.0% typ. Aux. VO2 O/P ±5.0% typ. Noise & Ripple: Typ. 100mV for 3.3V/5.0V & 1.0% for others peak to peak. OVP: Built-in on main output. Adjustability: Not available. Short Circuit Protection: Power fold back, Self-recovering. Overload Protection: About 130 of overrange foldback type. GENERAL SPECIFICATION Efficiency: Typ.80%, various with input. Switching Frequency: Fixed freq.100K Hz. Circuit Topology: 100K Hz. forward circuit. Transient Response: Full to 1/2 load <200μSec. Case: Black coated steel with non-conductive metal base. Weight: 65.0g (2.4 Oz.) Power Density: 10 Watts. /Cubic inch Operating Temperature: -25°C to +71°C range. –20°C to +60°C @ full load without derating. Temperature: -40°C to +105°C. Temperature Coefficient: 0.02% /°C. Cooling: Convection cooling up to +60°C @ full load. At least 100LFM moving air is recommended for F-L > +60°C in a confined area. Humidity: Up to 95%RH, Non-condensing. Commercial Grade only. NOTE:(1) All measurements are at nominal input, full load and +25°C unless otherwise specified. (2) Line Regulation measured from High to Low Lines at full load. (3) Load Regulation measured from Full Load (F-L) to Half-Load (H-L) at nominal input. (4) Correct fuse size by calculating the max. DC current drains at low Line input & Load and then adding 20-25% for the desired fuse size. |
Similar Part No. - HDM15-12B-S12 |
|
Similar Description - HDM15-12B-S12 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |