Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HEA-48-240065-A Datasheet(PDF) 1 Page - HITRON ELECTRONICS CORPORTION

Part # HEA-48-240065-A
Description  AC TO DC EXTERNAL UN-REGULATED WALLMOUNT & DESKTOP ADAPTOR DIVERSE AC PLUGS SINGLE OUTPUT 12.0-15.6 WATTS LINEAR POWER ADAPTORS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITRON [HITRON ELECTRONICS CORPORTION]
Direct Link  http://www.hitron-e.com
Logo HITRON - HITRON ELECTRONICS CORPORTION

HEA-48-240065-A Datasheet(HTML) 1 Page - HITRON ELECTRONICS CORPORTION

  HEA-48-240065-A Datasheet HTML 1Page - HITRON ELECTRONICS CORPORTION HEA-48-240065-A Datasheet HTML 2Page - HITRON ELECTRONICS CORPORTION  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
H HiTRON
AC TO DC EXTERNAL UN-REGULATED WALLMOUNT & DESKTOP
ADAPTOR DIVERSE AC PLUGS SINGLE OUTPUT 12.0-15.6 WATTS
LINEAR POWER ADAPTORS HEA-48 SERIES
FEATURES:
LOW COST UN-REGULATED ADAPTORS
WORLDWIDE DIVERSE AC PLUGS
MEET USA OR EUROPEAN STANDARD
LOW NOISE LEVEL MEET EMI NORM
CE MARKING COMPLIANCE
SPECIFICATION
INPUT SPECIFICATION
Input Voltage: Nominal 100/110/120Vac or
220/230/240Vac. Custom Vac available.
Input Range: Typical ±8.0%.
Input Connector:
Wallmount Format: WM1,2(USA/Japan)/ WM3
(Euro-stecker) / WM4 (Schuko-stecker)/
WM5 (UK)/ WM6, 6G(Australia).
Desktop Format: PT1,2,3,4,5,6,
Input Frequency: 60Hz.for nominal 100/110/120Vac.
50Hz.for nominal 220/230/240Vac.
Input Current: 0.25A @120Vac/60Hz typical.
0.15A @220-240Vac/50Hz typical.
Dielectric Withstand: Meet IEC 950.
OUTPUT SPECIFICATION
Output Voltage: See Ratings Chart.
Output Current: See Ratings Chart.
Output Wattage: Typ.12.5-15.6VA @ 120Vac/60Hz input.
Typ.9.0-12.0VA @ 230Vac/50Hz input.
Output Connector: Optional.
Noise & Ripple: Typ.20% peak to peak.
Overload Protection: None, only by thermal protection.
Thermal Protection: Thermal fuse installed in side the
input transformer.
EMI: Inherent low conducted and radiated noise level,
meet EN 55022 & FCC Class B.
GENERAL SPECIFICATION
Circuit Topology: Line frequency lamination
steel transformer circuit.
Safety Standard: UL1950 & CSN C22.2 NO.950 or
IEC 950 Class I & II.
Operating Temperature: 0 ~ +40°C.
Storage Temperature: -20 to +85°C.
Cooling: Free air convection.
Construction: Impact resistant plastic enclosure case.
Wallmount & Desktop Format: In EI-48 case.
MODEL NO. DESCRIPTION: HEA-48 X X X Y Y Y - N
AC PLUG TYPE:
[1] WM1, [2] WM2, [3] WM3, [4] WM4, [5] WM5,
[6] WM6, [6G] WM6G
[A] PT1, [B] PT2, [C] PT3, [D] PT4, [E] PT5, [F] PT6.
OUTPUT CURRENT
OUTPUT VOLTAGE
SERIES NAME IN EI-48 X’FORMER SIZE
-47-


Similar Part No. - HEA-48-240065-A

ManufacturerPart #DatasheetDescription
logo
HITRON ELECTRONICS CORP...
HEA-41 HITRON-HEA-41 Datasheet
238Kb / 2P
   AC TO DC EXTERNAL UN-REGULATED WALLMOUNT ADAPTOR DIVERSE AC PLUGS SINGLE OUTPUT 8.4-9.6 WATTS LINEAR POWER ADAPTORS
HEA-41-035150-1 HITRON-HEA-41-035150-1 Datasheet
238Kb / 2P
   AC TO DC EXTERNAL UN-REGULATED WALLMOUNT ADAPTOR DIVERSE AC PLUGS SINGLE OUTPUT 8.4-9.6 WATTS LINEAR POWER ADAPTORS
HEA-41-050130-2 HITRON-HEA-41-050130-2 Datasheet
238Kb / 2P
   AC TO DC EXTERNAL UN-REGULATED WALLMOUNT ADAPTOR DIVERSE AC PLUGS SINGLE OUTPUT 8.4-9.6 WATTS LINEAR POWER ADAPTORS
HEA-41-050130-3 HITRON-HEA-41-050130-3 Datasheet
238Kb / 2P
   AC TO DC EXTERNAL UN-REGULATED WALLMOUNT ADAPTOR DIVERSE AC PLUGS SINGLE OUTPUT 8.4-9.6 WATTS LINEAR POWER ADAPTORS
HEA-41-075095-5 HITRON-HEA-41-075095-5 Datasheet
238Kb / 2P
   AC TO DC EXTERNAL UN-REGULATED WALLMOUNT ADAPTOR DIVERSE AC PLUGS SINGLE OUTPUT 8.4-9.6 WATTS LINEAR POWER ADAPTORS
More results

Similar Description - HEA-48-240065-A

ManufacturerPart #DatasheetDescription
logo
HITRON ELECTRONICS CORP...
HEA-41 HITRON-HEA-41 Datasheet
238Kb / 2P
   AC TO DC EXTERNAL UN-REGULATED WALLMOUNT ADAPTOR DIVERSE AC PLUGS SINGLE OUTPUT 8.4-9.6 WATTS LINEAR POWER ADAPTORS
HER-48 HITRON-HER-48 Datasheet
376Kb / 2P
   AC/DC EXTERNAL REGULATED WALLMOUNT & DESKTOP ADAPTER DIVERSE AC PLUGS SINGLE OUTPUT 6.0-13.0 WATTS LINEAR POWER SUPPLIES
logo
Total Power Internation...
TPES10 TOTAL-POWER-TPES10 Datasheet
696Kb / 4P
   UNIVERSAL INPUT AC TO DC EXTERNAL WALLMOUNT & DESKTOP ADAPTORS SINGLE & DUAL OUTPUT 10-12 WATTS SWITCHING POWER SUPPLIES TPES10 & TPES10B SERIES
logo
HITRON ELECTRONICS CORP...
HES18 HITRON-HES18 Datasheet
330Kb / 2P
   AC/DC EXTERNAL WALLMOUNT & DESKTOP ADAPTER UNIVERSAL INPUT SINGLE OUTPUT 16-18 WATTS SWITCHING POWER SUPPLIES
HER-35 HITRON-HER-35 Datasheet
229Kb / 2P
   AC/DC EXTERNAL REGULATED WALLMOUNT ADAPTER 2-BLADE USA AND EURO-STECKER AC PLUG SINGLE OUTPUT 1.6-3.6 WATTS LINEAR POWER SUPPLIES
logo
List of Unclassifed Man...
CUP45 ETC1-CUP45 Datasheet
209Kb / 2P
   AC/DC External Desktop 45 Watts
logo
HITRON ELECTRONICS CORP...
HES12 HITRON-HES12 Datasheet
300Kb / 2P
   AC/DC EXTERNAL WALLMOUNT & DESKTOP ADAPTER UNIVERSAL OR USA INPUT SINGLE OUTPUT 12 WATTS SWITCHING POWER SUPPLIES
logo
Wall Industries,Inc.
DTA-070 WALL-DTA-070 Datasheet
138Kb / 2P
   To 70 Watts Single Output AC/DC Desktop Power Supply
DTA-060A WALL-DTA-060A Datasheet
56Kb / 2P
   To 60 Watts Single Output AC/DC Desktop Power Supply
logo
HITRON ELECTRONICS CORP...
HES15 HITRON-HES15 Datasheet
345Kb / 4P
   AC/DC EXTERNAL WALLMOUNT & DESKTOP ADAPTER UNIVERSAL INPUT MULTIPLE OUTPUT 15-16 WATTS SWITCHING POWER SUPPLIES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com