Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HES15 Datasheet(PDF) 1 Page - HITRON ELECTRONICS CORPORTION

Part # HES15
Description  AC/DC EXTERNAL WALLMOUNT & DESKTOP ADAPTER UNIVERSAL INPUT MULTIPLE OUTPUT 15-16 WATTS SWITCHING POWER SUPPLIES
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITRON [HITRON ELECTRONICS CORPORTION]
Direct Link  http://www.hitron-e.com
Logo HITRON - HITRON ELECTRONICS CORPORTION

HES15 Datasheet(HTML) 1 Page - HITRON ELECTRONICS CORPORTION

  HES15 Datasheet HTML 1Page - HITRON ELECTRONICS CORPORTION HES15 Datasheet HTML 2Page - HITRON ELECTRONICS CORPORTION HES15 Datasheet HTML 3Page - HITRON ELECTRONICS CORPORTION HES15 Datasheet HTML 4Page - HITRON ELECTRONICS CORPORTION  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
-15-
H HiTRON
AC/DC EXTERNAL WALLMOUNT & DESKTOP ADAPTER
UNIVERSAL INPUT MULTIPLE OUTPUT 15-16 WATTS
SWITCHING POWER SUPPLIES HES15 SERIES
FEATURES:
SINGLE, DUAL, TRIPLE & QUAD OUTPUT
WALLMOUNT OR DESKTOP ADAPTER
DIVERSE AC PLUGS AVAILABLE
MEET UNIVERSAL SAFETY STANDARDS
EMI MEET EN 55022/FCC CLASS B
CE MARKING COMPLIANCE
OUTPUT SPECIFICATION
Output Voltage: See Ratings Chart.
Output Current: See Ratings Chart.
Output Connection: Optional.
Line Regulation: 0.1% typical.
Load Regulation: Main O/P VO1 ±1.5-3.0% typical.
Aux. O/P VO2 ±2.0-4.0% typical. (Stacked on VO1)
Aux. O/P VO3 ±1.0-2.0% typical. (P.R. installed)
Aux. O/P VO4 ±1.0-2.0% typical. (P.R. installed)
Noise & Ripple: Typical 1%peak to peak.
OVP: Built-in, Zener diode clamping.
Adjustability: Factory set.
Overload Protection:
Typical 125-150% of max. power overrange or
short circuit, power foldback & self-recovering.
SPECIFICATION
INPUT SPECIFICATION
Input Voltage: 90-264Vac typical.
Input Connector:
Wallmount Format:
WM1,2(USA/JAPAN),WM3( Euro-stecker),
WM4(Schuko-stecker),WM5(UK),WM6 (Australia).
Desktop Format: IEC320-3P Type DT7.
Input Frequency: 47-63Hz.
Inrush Current: 20.0-50.0A typical.
Input Current: 0.3-0.5A @ 115Vac typical.
0.14-0.3A @ 230Vac typical.
Dielectric Withstand: Meet IEC60950.
EMI: Meet EN 55022/FCC Class B.
Hold-up Time: 15mS @115Vac typical.
60mS @230Vac typical.
GENERAL SPECIFICATION
Efficiency: 65-75% typical.
Switching Frequency: Approximate 33K Hz.
Circuit Topology: Fixed Frequency Flyback circuit.
Transient Response: Output voltage returns in less than
0.5mS following a 25% load change.
Safety Standard: Meet UL1950/ EN60950 Class I.
Power Density: 0.68Watts /Cubic inch.
Operating Temperature: 0 °C to room temperature.
Storage Temperature: -20 to +85°C.
Temperature Coefficient: 0.04% /°C typical.
Cooling: Free air convection.
Construction: Impact resistant thermo- plastic
enclosure case.
Wallmount or Desktop Format.
NOTE: (1) All measurements are at nominal input, full load, and +25°C unless otherwise specified.
(2) Load regulation is measured at 115Vac or 230Vac in percentage to indicate the change in output voltage as the load varied from half load to full load (unit ±%).
For the multi-output, the main output remains 50% load and other aux. output remains 20% load.
(3) The exact obtainable load regulation depends upon the output cord selected and load current. Upper data are for 6 ft. (2 meters) cord AWG#18 wires.
(4) Due to requests in market and advances in technology, specifications subject to change without notice.
For the details of safety approval, please consult the factory.


Similar Part No. - HES15

ManufacturerPart #DatasheetDescription
logo
Power-One
HES150ZG-A POWER-ONE-HES150ZG-A Datasheet
1Mb / 3P
   HES SERIES 150 WATT
logo
Cornell Dubilier Electr...
HES152G450X5L CDE-HES152G450X5L Datasheet
198Kb / 2P
   Type HES 105 쨘C High Energy Screw Terminal Aluminum Electrolytic
More results

Similar Description - HES15

ManufacturerPart #DatasheetDescription
logo
HITRON ELECTRONICS CORP...
HES18 HITRON-HES18 Datasheet
330Kb / 2P
   AC/DC EXTERNAL WALLMOUNT & DESKTOP ADAPTER UNIVERSAL INPUT SINGLE OUTPUT 16-18 WATTS SWITCHING POWER SUPPLIES
HES14 HITRON-HES14 Datasheet
323Kb / 2P
   AC/DC EXTERNAL DESKTOP ADAPTER UNIVERSAL INPUT MULTIPLE OUTPUT 14-16 WATTS SWITCHING POWER SUPPLIES
HES61 HITRON-HES61 Datasheet
350Kb / 2P
   AC/DC EXTERNAL DESKTOP ADAPTER UNIVERSAL INPUT MULTIPLE OUTPUT 50-60 WATTS SWITCHING POWER SUPPLIES
logo
Total Power Internation...
TPES14-10 TOTAL-POWER-TPES14-10 Datasheet
353Kb / 2P
   AC/DC EXTERNAL DESKTOP ADAPTER UNIVERSAL INPUT MULTIPLE OUTPUT 14-16 WATTS SWITCHING POWER SUPPLIES TPES14 SERIES
logo
HITRON ELECTRONICS CORP...
HES24 HITRON-HES24 Datasheet
337Kb / 2P
   AC/DC EXTERNAL DESKTOP ADAPTER UNIVERSAL INPUT SINGLE & MULTIPLE OUTPUT 24-26 WATTS SWITCHING POWER SUPPLIES
HES12 HITRON-HES12 Datasheet
300Kb / 2P
   AC/DC EXTERNAL WALLMOUNT & DESKTOP ADAPTER UNIVERSAL OR USA INPUT SINGLE OUTPUT 12 WATTS SWITCHING POWER SUPPLIES
HES102 HITRON-HES102 Datasheet
272Kb / 2P
   AC/DC EXTERNAL DESKTOP ADAPTER UNIVERSAL INPUT SINGLE OUTPUT 100 WATTS SWITCHING POWER SUPPLIES
HES75 HITRON-HES75 Datasheet
297Kb / 2P
   AC/DC EXTERNAL DESKTOP ADAPTER UNIVERSAL INPUT SINGLE OUTPUT 75 WATTS SWITCHING POWER SUPPLIES
HES25 HITRON-HES25 Datasheet
317Kb / 2P
   AC/DC EXTERNAL WALLMOUNT ADAPTER UNIVERSAL INPUT SINGLE OUTPUT 20-36 WATTS SWITCHING POWER SUPPLIES
HEG24 HITRON-HEG24 Datasheet
339Kb / 2P
   AC/DC EXTERNAL WALLMOUNT ADAPTER UNIVERSAL INPUT SINGLE OUTPUT 24 WATTS GREEN POWER SWITCHING POWER SUPPLIES
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com