Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCM37C15AIDWR Datasheet(PDF) 8 Page - Texas Instruments

Part # TCM37C15AIDWR
Description  PCM COMBO WITH PROGRAMMABLE GAIN CONTROL
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TCM37C15AIDWR Datasheet(HTML) 8 Page - Texas Instruments

Back Button TCM37C15AIDWR Datasheet HTML 4Page - Texas Instruments TCM37C15AIDWR Datasheet HTML 5Page - Texas Instruments TCM37C15AIDWR Datasheet HTML 6Page - Texas Instruments TCM37C15AIDWR Datasheet HTML 7Page - Texas Instruments TCM37C15AIDWR Datasheet HTML 8Page - Texas Instruments TCM37C15AIDWR Datasheet HTML 9Page - Texas Instruments TCM37C15AIDWR Datasheet HTML 10Page - Texas Instruments TCM37C15AIDWR Datasheet HTML 11Page - Texas Instruments TCM37C15AIDWR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
TCM37C14A, TCM37C15A
PCM COMBO WITH PROGRAMMABLE GAIN CONTROL
SLWS018B – JUNE 1996 – REVISED MAY 1998
8
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended ranges of supply voltage and operating free-air
temperature (outputs not loaded) (unless otherwise noted) (continued)
transmit filter transfer function (see Figure 1)
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
Transmit absolute delay time to PCMOUT
fMCLK = 2.048 MHz,
Input to ANLGIN is 1.02 kHz at 0 dBm0
245
µs
f = 500 Hz to 600 Hz
170
Transmit differential envelope delay time
f = 600 Hz to 1000 Hz
95
µs
y
relative to transmit absolute delay time
f = 1000 Hz to 2600 Hz
45
µs
f = 2600 Hz to 2800 Hz
105
Receive absolute delay time to PWRO +
fMCLK = 2.048 MHz, Digital input is digital milliwatt codes
190
µs
f = 500 Hz to 600 Hz
45
Receive differential envelope delay time
f = 600 Hz to 1000 Hz
35
µs
y
relative to transmit absolute delay time
f = 1000 Hz to 2600 Hz
85
µs
f = 2600 Hz to 2800 Hz
110
16.67 Hz
–30
50 Hz
–25
60 Hz
–23
Gain (voltage amplification) relative to gain
Input amplifier set for unity gain,
Noninverting maximum gain output
200 Hz
– 1.8
– 0.125
dB
(g
)
g
at 1.02 kHz
Noninverting maximum gain out ut,
Input signal at ANLGIN is 0 dBm0
300 Hz to 3 kHz
– 0.15
0.15
dB
In ut signal at ANLGIN is 0 dBm0
3.3 kHz
– 0.35
0.15
3.4 kHz
–1
– 0.1
4 kHz
–14
† All typical values are at VBB = –5 V, VCC = 5 V, and TA = 25°C.
receive filter transfer function (see Figure 2)
PARAMETER
TEST CONDITIONS
MIN
MAX
UNIT
Below 20 Hz
0.15
20 Hz
0.15
200 Hz
– 0.5
0.15
Gain (voltage amplification) relative to gain at 1 02 kHz
Input signal at PCMIN is 0 dBm0
300 Hz to 3 kHz
– 0.15
0.15
dB
Gain (voltage amplification) relative to gain at 1.02 kHz
Input signal at PCMIN is 0 dBm0
3.3 kHz
– 0.35
0.15
dB
3.4 kHz
–1
– 0.1
4 kHz
–14
4.6 kHz and above
–30
timing requirements over recommended ranges of supply voltage and operating free-air
temperature (unless otherwise noted)
clock timing (see Figure 3)
MIN
NOM
MAX
UNIT
tc(MCLK)
Clock period, MCLK (2.048 MHz systems)
488
ns
tr
Rise time, MCLK
5
30
ns
tf
Fall time, MCLK
5
30
ns
tw(MCLK) Pulse duration, MCLK (see Note 7)
220
ns
Clock duty cycle [tw(CLK)/tc(CLK)], MCLK
45%
50%
55%
NOTE 7: FSX CLK and FSR CLK must be phase-locked with MCLK.


Similar Part No. - TCM37C15AIDWR

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
TCM3-1T MINI-TCM3-1T Datasheet
350Kb / 1P
   RF Transformer
TCM3-1T++ MINI-TCM3-1T+ Datasheet
350Kb / 1P
   RF Transformer
TCM3-1TX MINI-TCM3-1TX Datasheet
369Kb / 2P
   RF Transformer
TCM3-1TX++ MINI-TCM3-1TX+ Datasheet
369Kb / 2P
   RF Transformer
TCM3-452X MINI-TCM3-452X Datasheet
384Kb / 2P
   RF Transformer
More results

Similar Description - TCM37C15AIDWR

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT821034 IDT-IDT821034 Datasheet
253Kb / 19P
   QUAD PCM CODEC WITH PROGRAMMABLE GAIN
logo
Renesas Technology Corp
IDT821034 RENESAS-IDT821034 Datasheet
466Kb / 20P
   QUAD PCM CODEC WITH PROGRAMMABLE GAIN
2003
logo
National Semiconductor ...
TP3070 NSC-TP3070 Datasheet
401Kb / 26P
   COMBO II Programmable PCM CODEC/Filter
logo
Integrated Device Techn...
IDT82V1054A IDT-IDT82V1054A Datasheet
492Kb / 42P
   QUAD PROGRAMMABLE PCM CODEC WITH MPI INTERFACE
logo
List of Unclassifed Man...
IDT821054PQFG ETC-IDT821054PQFG Datasheet
512Kb / 45P
   QUAD PROGRAMMABLE PCM CODEC WITH MPI INTERFACE
logo
Integrated Device Techn...
IDT821054 IDT-IDT821054 Datasheet
506Kb / 45P
   QUAD PROGRAMMABLE PCM CODEC WITH MPI INTERFACE
IDT821064 IDT-IDT821064 Datasheet
510Kb / 33P
   QUAD PROGRAMMABLE PCM CODEC WITH GCI INTERFACE
logo
Micro Linear Corporatio...
ML2036 MICRO-LINEAR-ML2036 Datasheet
254Kb / 12P
   Serial Input Programmable Sine Wave Generator with Digital Gain Control
logo
Fairchild Semiconductor
ML2036 FAIRCHILD-ML2036 Datasheet
97Kb / 12P
   Serial Input Programmable Sine Wave Generator with Digital Gain Control
logo
Renesas Technology Corp
IDT821054 RENESAS-IDT821054 Datasheet
788Kb / 46P
   QUAD PROGRAMMABLE PCM CODEC WITH MPI INTERFACE
2003
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com