Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HEA-48-180066-4 Datasheet(PDF) 2 Page - HITRON ELECTRONICS CORPORTION

Part # HEA-48-180066-4
Description  AC TO DC EXTERNAL UN-REGULATED WALLMOUNT & DESKTOP ADAPTOR DIVERSE AC PLUGS SINGLE OUTPUT 12.0-15.6 WATTS LINEAR POWER ADAPTORS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITRON [HITRON ELECTRONICS CORPORTION]
Direct Link  http://www.hitron-e.com
Logo HITRON - HITRON ELECTRONICS CORPORTION

HEA-48-180066-4 Datasheet(HTML) 2 Page - HITRON ELECTRONICS CORPORTION

  HEA-48-180066-4 Datasheet HTML 1Page - HITRON ELECTRONICS CORPORTION HEA-48-180066-4 Datasheet HTML 2Page - HITRON ELECTRONICS CORPORTION  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
OUTPUT VOLTAGE/CURRENT RATINGS CHART
U.S.A. VERSION Input Voltage: 100 ~120Vac/ 0.25A @ 60Hz.
DEFINED OUTPUT VOLTAGE (Vdc)
OUTPUT VOLTAGE (Vdc) / CURRENT (A)
5.0 Vdc≦Any Voltage ≦12.0 Vdc
5.0-6.0V/2.5-2.3A, 6.5-7.5V/2.2-2.0A, 8.0-9.0V/1.9-1.7A,
9.5-10.5V/1.6-1.45A, 11.0-12.0V/1.4-1.3A.
12.0Vdc<Any Voltage ≦24.0 Vdc
12.5-14.0V/1.24-1.11A, 14.5-15.5V/1.07-1.0A, 16.0-18.0V/0.97-0.86A,
18.5-21.0/ 0.84-0.74A, 21.5-23.0V/0.72-0.67A, 23.5-24.0V/0.66-0.65A.
Note: Refer to the upper Chat or consult factory for the exact Model No. and V/A.
SINGLE OUPUT (Model No. for examples)
MODEL NO.
AC PLUG
I/P VOLTAGE (Vac)
O/P VOLTAGE (Vdc)
O/P CURRENT (A)
HEA-48-050250-1
WM1
120Vac
5.0V
2.50A
HEA-48-060230-2
WM2
120Vac
6.0V
2.30A
HEA-48-075200-A
A(PT1)
120Vac
7.5V
2.00A
HEA-48-090170-1
WM1
120Vac
9.0V
1.70A
HEA-48-120130-2
WM2
120Vac
12.0V
1.30A
HEA-48-150104-A
A(PT1)
120Vac
15.0V
1.04A
HEA-48-180086-1
WM1
120Vac
18.0V
0.86A
HEA-48-220070-2
WM2
120Vac
22.0V
0.70A
HEA-48-240065-A
A(PT1)
120Vac
24.0V
0.65A
EUROPEAN VERSION Input Voltage: 220 ~240Vac/0.15A @50Hz.
DEFINED OUTPUT VOLTAGE (Vdc)
OUTPUT VOLTAGE (Vdc) / CURRENT (A)
5.0 Vdc≦Any Voltage ≦12.0 Vdc
5.0-6.0V/1.8-1.65A, 6.5-7.5V/1.6-1.4A, 8.0-9.0V/1.35-1.2A,
9.5-10.5V/1.1-1.06A, 11.0-12.0V/1.04-1.0A.
12.0Vdc<Any Voltage ≦24.0 Vdc
12.5-15.0V/0.96-0.80A, 15.5-18.0V/0.77-0.66A, 18.5-20.0V/0.64-0.60A,
20.5-22.5V/0.58-0.53A, 23.0-24.0V/0.52-0.50A, 48.0V/0.25A.
Note: Refer to the upper Chat or consult factory for the exact Model No. and V/A.
SINGLE OUPUT (Model No. for examples)
MODEL NO.
AC PLUG
I/P VOLTAGE(Vac)
O/P VOLTAGE (Vdc)
O/P CURRENT (A)
HEA-48-050180-3
WM3
220Vac
5.0V
1.80A
HEA-48-060165-4
WM4
220Vac
6.0V
1.65A
HEA-48-075140-5
WM5
240Vac
7.5V
1.40A
HEA-48-120100-6
WM6
240Vac
12.0V
1.00A
HEA-48-150080-3
WM3
220Vac
15.0V
0.80A
HEA-48-180066-4
WM4
220Vac
18.0V
0.66A
HEA-48-240050-5
WM5
240Vac
24.0V
0.50A
HEA-48-480025-6
WM6
240Vac
48.0V
0.25A
MECHANICAL DIMENSIONS: MM [INCHES]
WEIGHT: HEA-48 530g(18.7Oz.)
-48-


Similar Part No. - HEA-48-180066-4

ManufacturerPart #DatasheetDescription
logo
HITRON ELECTRONICS CORP...
HEA-41 HITRON-HEA-41 Datasheet
238Kb / 2P
   AC TO DC EXTERNAL UN-REGULATED WALLMOUNT ADAPTOR DIVERSE AC PLUGS SINGLE OUTPUT 8.4-9.6 WATTS LINEAR POWER ADAPTORS
HEA-41-035150-1 HITRON-HEA-41-035150-1 Datasheet
238Kb / 2P
   AC TO DC EXTERNAL UN-REGULATED WALLMOUNT ADAPTOR DIVERSE AC PLUGS SINGLE OUTPUT 8.4-9.6 WATTS LINEAR POWER ADAPTORS
HEA-41-050130-2 HITRON-HEA-41-050130-2 Datasheet
238Kb / 2P
   AC TO DC EXTERNAL UN-REGULATED WALLMOUNT ADAPTOR DIVERSE AC PLUGS SINGLE OUTPUT 8.4-9.6 WATTS LINEAR POWER ADAPTORS
HEA-41-050130-3 HITRON-HEA-41-050130-3 Datasheet
238Kb / 2P
   AC TO DC EXTERNAL UN-REGULATED WALLMOUNT ADAPTOR DIVERSE AC PLUGS SINGLE OUTPUT 8.4-9.6 WATTS LINEAR POWER ADAPTORS
HEA-41-075095-5 HITRON-HEA-41-075095-5 Datasheet
238Kb / 2P
   AC TO DC EXTERNAL UN-REGULATED WALLMOUNT ADAPTOR DIVERSE AC PLUGS SINGLE OUTPUT 8.4-9.6 WATTS LINEAR POWER ADAPTORS
More results

Similar Description - HEA-48-180066-4

ManufacturerPart #DatasheetDescription
logo
HITRON ELECTRONICS CORP...
HEA-41 HITRON-HEA-41 Datasheet
238Kb / 2P
   AC TO DC EXTERNAL UN-REGULATED WALLMOUNT ADAPTOR DIVERSE AC PLUGS SINGLE OUTPUT 8.4-9.6 WATTS LINEAR POWER ADAPTORS
HER-48 HITRON-HER-48 Datasheet
376Kb / 2P
   AC/DC EXTERNAL REGULATED WALLMOUNT & DESKTOP ADAPTER DIVERSE AC PLUGS SINGLE OUTPUT 6.0-13.0 WATTS LINEAR POWER SUPPLIES
logo
Total Power Internation...
TPES10 TOTAL-POWER-TPES10 Datasheet
696Kb / 4P
   UNIVERSAL INPUT AC TO DC EXTERNAL WALLMOUNT & DESKTOP ADAPTORS SINGLE & DUAL OUTPUT 10-12 WATTS SWITCHING POWER SUPPLIES TPES10 & TPES10B SERIES
logo
HITRON ELECTRONICS CORP...
HES18 HITRON-HES18 Datasheet
330Kb / 2P
   AC/DC EXTERNAL WALLMOUNT & DESKTOP ADAPTER UNIVERSAL INPUT SINGLE OUTPUT 16-18 WATTS SWITCHING POWER SUPPLIES
HER-35 HITRON-HER-35 Datasheet
229Kb / 2P
   AC/DC EXTERNAL REGULATED WALLMOUNT ADAPTER 2-BLADE USA AND EURO-STECKER AC PLUG SINGLE OUTPUT 1.6-3.6 WATTS LINEAR POWER SUPPLIES
logo
List of Unclassifed Man...
CUP45 ETC1-CUP45 Datasheet
209Kb / 2P
   AC/DC External Desktop 45 Watts
logo
HITRON ELECTRONICS CORP...
HES12 HITRON-HES12 Datasheet
300Kb / 2P
   AC/DC EXTERNAL WALLMOUNT & DESKTOP ADAPTER UNIVERSAL OR USA INPUT SINGLE OUTPUT 12 WATTS SWITCHING POWER SUPPLIES
logo
Wall Industries,Inc.
DTA-070 WALL-DTA-070 Datasheet
138Kb / 2P
   To 70 Watts Single Output AC/DC Desktop Power Supply
DTA-060A WALL-DTA-060A Datasheet
56Kb / 2P
   To 60 Watts Single Output AC/DC Desktop Power Supply
logo
HITRON ELECTRONICS CORP...
HES15 HITRON-HES15 Datasheet
345Kb / 4P
   AC/DC EXTERNAL WALLMOUNT & DESKTOP ADAPTER UNIVERSAL INPUT MULTIPLE OUTPUT 15-16 WATTS SWITCHING POWER SUPPLIES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com