Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HES16B-100150 Datasheet(PDF) 1 Page - HITRON ELECTRONICS CORPORTION

Part # HES16B-100150
Description  AC/DC EXTERNAL WALLMOUNT ADAPTER USA OR EUROPEAN INPUT SINGLE OUTPUT 16-18 WATTS SWITCHING POWER SUPPLIES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITRON [HITRON ELECTRONICS CORPORTION]
Direct Link  http://www.hitron-e.com
Logo HITRON - HITRON ELECTRONICS CORPORTION

HES16B-100150 Datasheet(HTML) 1 Page - HITRON ELECTRONICS CORPORTION

  HES16B-100150 Datasheet HTML 1Page - HITRON ELECTRONICS CORPORTION HES16B-100150 Datasheet HTML 2Page - HITRON ELECTRONICS CORPORTION  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
-21-
H HiTRON
AC/DC EXTERNAL WALLMOUNT ADAPTER USA OR
EUROPEAN INPUT SINGLE OUTPUT 16-18 WATTS
SWITCHING POWER SUPPLIES HES16B & HES16C SERIES
FEATURES:
LOW COST WALLMOUNT ADAPTER
DIVERSE AC PLUGS AVAILABLE
MEET DIVERSE SAFETY STANDARDS
EMI MEET EN 55022 OR FCC CLASS B
CE MARKING COMPLIANCE
For the details of safety approval, please consult the factory.
OUTPUT SPECIFICATION
Output Voltage: See Ratings Chart.
Output Current: See Ratings Chart.
Output Wattage: 16-18 Watts typical.
Output Connector: Optional.
Line Regulation: 0.65% typical.
Load Regulation: ±1.5% typical.
Noise & Ripple: 1.0% typical peak to peak.
OVP: Built-in, By Zener diode clamping.
Adjustability: Factory set.
Overload Protection (OLP):
Fully protected against output overload and short circuit.
OLP set at about 120-150% max. load.
Consult the factory for special OLP setting.
SPECIFICATION
INPUT SPECIFICATION
Input Voltage: HES16B typical 90-132Vac,rating 120Vac.
HES16C typical180-264Vac,rating 230Vac.
Input Connector: Wallmount Format.
HES16B:WM1(U.S.2-blade)/WM2(U.S.3-blade).
HES16C:WM3(Euro-stecker)/WM4(Schuko-stecker)/
WM5(UK)/WM5G(UK)/WM6,6G(Australia).
Input Frequency: 47-63Hz.
Inrush Current: HES16B: 18.0A @ 115Vac typical.
HES16C: 28.0A @ 230Vac typical. (by thermister)
Input Current: HES16B 0.234A @ 115Vac typical.
HES16C 0.133A @ 230Vac typical.
Dielectric Withstand: Meet IEC60950.
EMI: Meet EN 55022 or FCC Class B.
Hold-up Time: 27.6mS@115Vac/53.6mS@230Vac typical.
GENERAL SPECIFICATION
Efficiency: 80% typical.
Switching Frequency: 65-75K Hz.@ full load typical.
Circuit Topology: Free-running flyback circuit.
Transient Response: Output voltage returns typ. 6mS.
following a 25% load change.
Safety Standard: UL1950/EN60950. Class I or II.
Power Density: 1.45 Watts / Cubic inch.
Operating Temperature: 0 to +40°C with no derating.
Storage Temperature: -20 to +85°C.
Temperature Coefficient: 0.04% /°C typical.
Cooling: Free air convection.
Construction: Impact resistant thermo-plastic
enclosure case.
Wallmount format.
NOTE:(1) All measurements are at nominal input, full load, and +25°C. unless otherwise specified.
(2) Load regulation is measured at 230Vac or 120Vac in percentage to indicate the change in output voltage as the load varied from half load to full load (±%).
(3) The exact obtainable load regulation depends upon the output cord selected and load current. Upper data are for 6 ft. (2 m) cord AWG#18 wires.
Due to requests in market and advances in technology, specifications subject to change without notice.


Similar Part No. - HES16B-100150

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HES16 ETC2-HES16 Datasheet
371Kb / 3P
   16 and 24-Port Din-rail Unmanaged Ethernet Switches
HES16-2SC-VL ETC2-HES16-2SC-VL Datasheet
371Kb / 3P
   16 and 24-Port Din-rail Unmanaged Ethernet Switches
HES16-2SC-VLW ETC2-HES16-2SC-VLW Datasheet
371Kb / 3P
   16 and 24-Port Din-rail Unmanaged Ethernet Switches
HES16-2SSC-VL ETC2-HES16-2SSC-VL Datasheet
371Kb / 3P
   16 and 24-Port Din-rail Unmanaged Ethernet Switches
HES16-2SSC-VLW ETC2-HES16-2SSC-VLW Datasheet
371Kb / 3P
   16 and 24-Port Din-rail Unmanaged Ethernet Switches
More results

Similar Description - HES16B-100150

ManufacturerPart #DatasheetDescription
logo
HITRON ELECTRONICS CORP...
HES12 HITRON-HES12 Datasheet
300Kb / 2P
   AC/DC EXTERNAL WALLMOUNT & DESKTOP ADAPTER UNIVERSAL OR USA INPUT SINGLE OUTPUT 12 WATTS SWITCHING POWER SUPPLIES
HES18 HITRON-HES18 Datasheet
330Kb / 2P
   AC/DC EXTERNAL WALLMOUNT & DESKTOP ADAPTER UNIVERSAL INPUT SINGLE OUTPUT 16-18 WATTS SWITCHING POWER SUPPLIES
HES10 HITRON-HES10 Datasheet
364Kb / 4P
   AC/DC EXTERNAL WALLMOUNT & DESKTOP ADAPTER UNIVERSAL OR USA INPUT SINGLE & DUAL OUTPUT 10-12 WATTS SWITCHING POWER SUPPLIES
HES25 HITRON-HES25 Datasheet
317Kb / 2P
   AC/DC EXTERNAL WALLMOUNT ADAPTER UNIVERSAL INPUT SINGLE OUTPUT 20-36 WATTS SWITCHING POWER SUPPLIES
HEG24 HITRON-HEG24 Datasheet
339Kb / 2P
   AC/DC EXTERNAL WALLMOUNT ADAPTER UNIVERSAL INPUT SINGLE OUTPUT 24 WATTS GREEN POWER SWITCHING POWER SUPPLIES
logo
Total Power Internation...
HES06B TOTAL-POWER-HES06B Datasheet
222Kb / 2P
   AC TO DC EXTERNAL WALLMOUNT ADAPTER 2-BLADE USA OR JAPAN AC PLUG SINGLE OUTPUT 6 WATTS SWITCHING POWER SUPPLIES HES06B SERIES
logo
HITRON ELECTRONICS CORP...
HES15 HITRON-HES15 Datasheet
345Kb / 4P
   AC/DC EXTERNAL WALLMOUNT & DESKTOP ADAPTER UNIVERSAL INPUT MULTIPLE OUTPUT 15-16 WATTS SWITCHING POWER SUPPLIES
HLG10 HITRON-HLG10 Datasheet
277Kb / 2P
   AC/DC EXTERNAL WALLMOUNT ADAPTER 2-BLADE AND EUROPEAN AC PLUG SINGLE OUTPUT 5-10 WATTS LOW LEAKAGE & GREEN POWER SWITCHING POWER SUPPLIES
HES102 HITRON-HES102 Datasheet
272Kb / 2P
   AC/DC EXTERNAL DESKTOP ADAPTER UNIVERSAL INPUT SINGLE OUTPUT 100 WATTS SWITCHING POWER SUPPLIES
HES75 HITRON-HES75 Datasheet
297Kb / 2P
   AC/DC EXTERNAL DESKTOP ADAPTER UNIVERSAL INPUT SINGLE OUTPUT 75 WATTS SWITCHING POWER SUPPLIES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com