Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCM37C15AIN Datasheet(PDF) 9 Page - Texas Instruments

Part # TCM37C15AIN
Description  PCM COMBO WITH PROGRAMMABLE GAIN CONTROL
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TCM37C15AIN Datasheet(HTML) 9 Page - Texas Instruments

Back Button TCM37C15AIN Datasheet HTML 5Page - Texas Instruments TCM37C15AIN Datasheet HTML 6Page - Texas Instruments TCM37C15AIN Datasheet HTML 7Page - Texas Instruments TCM37C15AIN Datasheet HTML 8Page - Texas Instruments TCM37C15AIN Datasheet HTML 9Page - Texas Instruments TCM37C15AIN Datasheet HTML 10Page - Texas Instruments TCM37C15AIN Datasheet HTML 11Page - Texas Instruments TCM37C15AIN Datasheet HTML 12Page - Texas Instruments TCM37C15AIN Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
TCM37C14A, TCM37C15A
PCM COMBO WITH PROGRAMMABLE GAIN CONTROL
SLWS018B – JUNE 1996 – REVISED MAY 1998
9
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
timing requirements over recommended ranges of supply voltage and operating free-air
temperature (unless otherwise noted) (continued)
transmit timing (see Figure 3)
MIN
MAX
UNIT
td(FSX)
Delay time (frame sync), FSX high or low before MCLK
100
tc(MCLK) –100
ns
receive timing (see Figure 4)
MIN
MAX
UNIT
td(FSR)
Delay time (frame sync), FSR high or low before MCLK
100
tc(MCLK) –100
ns
tsu(PCMIN)
Setup time, PCMIN high before MCLK
50
ns
th(PCMIN)
Hold time after PCMIN
60
ns
switching characteristics over recommended ranges of operating conditions
(see Figures 3 and 4)
PARAMETER
TEST CONDITIONS
MIN
MAX
UNIT
tpd1
Propagation delay time, MCLK
↑ to bit 1 data valid at PCMOUT (data enable time
on time slot entry) (see Note 8)
CL = 0 pF to 100 pF
0
145
ns
tpd2
Propagation delay time, MCLK
↑ bit n to bit n data valid at PCMOUT (data valid
time)
CL = 0 pF to 100 pF
0
145
ns
tpd3
Propagation delay time, MCLK
↓ low bit 8 to bit 8 Hi-Z at PCMOUT (data float
time on time slot exit) (see Note 8)
CL = 0 pF
60
215
ns
tpd4
Propagation delay time, MCLK
↑ bit 1 to TSX active (low) (time slot enable time)
CL = 0 pF to 100 pF
0
145
ns
tpd5
Propagation delay time, MCLK
↓ to bit 8 to TSX inactive (high) (timeslot disable
time) (see Note 8)
CL = 0 pF
60
190
ns
NOTE 8: Timing parameters tpd1, tpd3, and tpd5 are referenced to the high-impedance state.


Similar Part No. - TCM37C15AIN

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
TCM3-1T MINI-TCM3-1T Datasheet
350Kb / 1P
   RF Transformer
TCM3-1T++ MINI-TCM3-1T+ Datasheet
350Kb / 1P
   RF Transformer
TCM3-1TX MINI-TCM3-1TX Datasheet
369Kb / 2P
   RF Transformer
TCM3-1TX++ MINI-TCM3-1TX+ Datasheet
369Kb / 2P
   RF Transformer
TCM3-452X MINI-TCM3-452X Datasheet
384Kb / 2P
   RF Transformer
More results

Similar Description - TCM37C15AIN

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT821034 IDT-IDT821034 Datasheet
253Kb / 19P
   QUAD PCM CODEC WITH PROGRAMMABLE GAIN
logo
Renesas Technology Corp
IDT821034 RENESAS-IDT821034 Datasheet
466Kb / 20P
   QUAD PCM CODEC WITH PROGRAMMABLE GAIN
2003
logo
National Semiconductor ...
TP3070 NSC-TP3070 Datasheet
401Kb / 26P
   COMBO II Programmable PCM CODEC/Filter
logo
Integrated Device Techn...
IDT82V1054A IDT-IDT82V1054A Datasheet
492Kb / 42P
   QUAD PROGRAMMABLE PCM CODEC WITH MPI INTERFACE
logo
List of Unclassifed Man...
IDT821054PQFG ETC-IDT821054PQFG Datasheet
512Kb / 45P
   QUAD PROGRAMMABLE PCM CODEC WITH MPI INTERFACE
logo
Integrated Device Techn...
IDT821054 IDT-IDT821054 Datasheet
506Kb / 45P
   QUAD PROGRAMMABLE PCM CODEC WITH MPI INTERFACE
IDT821064 IDT-IDT821064 Datasheet
510Kb / 33P
   QUAD PROGRAMMABLE PCM CODEC WITH GCI INTERFACE
logo
Micro Linear Corporatio...
ML2036 MICRO-LINEAR-ML2036 Datasheet
254Kb / 12P
   Serial Input Programmable Sine Wave Generator with Digital Gain Control
logo
Fairchild Semiconductor
ML2036 FAIRCHILD-ML2036 Datasheet
97Kb / 12P
   Serial Input Programmable Sine Wave Generator with Digital Gain Control
logo
Renesas Technology Corp
IDT821054 RENESAS-IDT821054 Datasheet
788Kb / 46P
   QUAD PROGRAMMABLE PCM CODEC WITH MPI INTERFACE
2003
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com