Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HES100-11 Datasheet(PDF) 1 Page - HITRON ELECTRONICS CORPORTION

Part # HES100-11
Description  AUTO-RANGING INPUT AC TO DC EXTERNAL DESKTOP ADAPTER MULTIPLE OUTPUT 100-120 WATTS SWITCHING POWER SUPPLIES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITRON [HITRON ELECTRONICS CORPORTION]
Direct Link  http://www.hitron-e.com
Logo HITRON - HITRON ELECTRONICS CORPORTION

HES100-11 Datasheet(HTML) 1 Page - HITRON ELECTRONICS CORPORTION

  HES100-11 Datasheet HTML 1Page - HITRON ELECTRONICS CORPORTION HES100-11 Datasheet HTML 2Page - HITRON ELECTRONICS CORPORTION  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
H HiTRON
AUTO-RANGING INPUT AC TO DC EXTERNAL DESKTOP ADAPTER
MULTIPLE OUTPUT 100-120 WATTS SWITCHING POWER SUPPLIES
HES100 SERIES
FEATURES:
AUTO-RANGING ACCOMMODATE AC
SOURCES IN THE WORLD
IMPACT RESISTANT THERMO-PLASTIC
LOW-PROFILE ENCLOSURE
MEET UNIVERSAL SAFETY STANDARDS
CONDUCTED EMI MEET EN55022 / FCC
CLASS B, RADIATED EMI MEET CLASS A
CE MARKING COMPLIANCE
GENERAL SPECIFICATION
Efficiency: Typ. 75%.
Switching Frequency: Fixed Frequency at 100K Hz.
Circuit Topology: Fixed Frequency Forward circuit.
Transient Response: Output voltage returns in less than
3mS following a 25% load change.
Safety Standard: UL1950/EN60950 Class I.
Construction: Desktop enclosure plastic box.
Power Density: 0.88Watts / Cubic Inch.
Operating Temperature: 0 to +40°C.
Storage Temperature: -20 to +85°C.
Temperature Coefficient: 0.04% /°C.
Cooling: Built-in 6.5CFM 40mm fan cooling.
Long Term Stability: After 20 minutes warm-up,
0.1% for 8 hours.
Industrial or Commercial Grade Option:
" Industrial" higher MTBF, " Commercial" lower cost.
Note: (1) At least 20% of typical main output current is required to maintain stated regulation.
(2) Cord length typical 3 ft. (or 1 meter).
OUTPUT SPECIFICATION
Output Voltage: See Ratings Chart.
Output Current: See Ratings Chart.
Output Wattage: Typ.100-120 Watts.
Output Connector & Cable: Optional.
Cord length typ. 3 ft.(1 meter).
Line Regulation: VO1, VO3 & VO4 ±0.1% typ.
Aux.VO2 ±0.5% typ.
Load Regulation: At strain relief end.
Main O/P VO1 ±1.0% typ.
Aux. O/P VO2 ±2.0% typ. with Mag. Amp. or
±5.0% typ. with Stacked on.
Aux. O/P VO3 & VO4 ±1.5% typ. with PR.
Noise & Ripple: Typ.1.0% peak to peak.
OVP: Main O/P only set @124% ±8% VO1.
Overload Protection: 125-150% of max. power
overrange or short circuit, power foldback
& self-recovering.
SPECIFICATION
INPUT SPECIFICATION
Input Voltage: Auto-ranging 115Vac for range 90-132Vac
and 230Vac for range 180-264Vac.
Transient threshold 150Vac typical.
Input Connector: IEC320 3P AC Inlet/Outlet receptacle,
with AC On/Off switch.
Input Frequency: 47-63Hz.
Inrush Current: 20A peak. @115Vac, 40A @230Vac.
Input Current: 2.5A @115Vac, 1.1A @ 230Vac.
Dielectric Withstand: Meet IEC950.
EMI: Conducted EMI meet EN55022 / FCC Class B.
Radiated EMI meet Class A,
Hold-up Time: 22mS @115Vac./ 27mS @230Vac.
Power Fail Signal: Option in all series.
Logic Inhibit: Optional in single & dual output series.
Remote Sensing: Optional for single & dual output series.
-41-


Similar Part No. - HES100-11

ManufacturerPart #DatasheetDescription
logo
Power-One
HES100YE-AT POWER-ONE-HES100YE-AT Datasheet
1Mb / 3P
   HES SERIES 150 WATT
HES100ZE-A POWER-ONE-HES100ZE-A Datasheet
1Mb / 3P
   HES SERIES 150 WATT
HES100ZG-A POWER-ONE-HES100ZG-A Datasheet
1Mb / 3P
   HES SERIES 150 WATT
More results

Similar Description - HES100-11

ManufacturerPart #DatasheetDescription
logo
HITRON ELECTRONICS CORP...
HES14 HITRON-HES14 Datasheet
323Kb / 2P
   AC/DC EXTERNAL DESKTOP ADAPTER UNIVERSAL INPUT MULTIPLE OUTPUT 14-16 WATTS SWITCHING POWER SUPPLIES
HES61 HITRON-HES61 Datasheet
350Kb / 2P
   AC/DC EXTERNAL DESKTOP ADAPTER UNIVERSAL INPUT MULTIPLE OUTPUT 50-60 WATTS SWITCHING POWER SUPPLIES
HES102 HITRON-HES102 Datasheet
272Kb / 2P
   AC/DC EXTERNAL DESKTOP ADAPTER UNIVERSAL INPUT SINGLE OUTPUT 100 WATTS SWITCHING POWER SUPPLIES
HES15 HITRON-HES15 Datasheet
345Kb / 4P
   AC/DC EXTERNAL WALLMOUNT & DESKTOP ADAPTER UNIVERSAL INPUT MULTIPLE OUTPUT 15-16 WATTS SWITCHING POWER SUPPLIES
HES24 HITRON-HES24 Datasheet
337Kb / 2P
   AC/DC EXTERNAL DESKTOP ADAPTER UNIVERSAL INPUT SINGLE & MULTIPLE OUTPUT 24-26 WATTS SWITCHING POWER SUPPLIES
logo
Total Power Internation...
TPES14-10 TOTAL-POWER-TPES14-10 Datasheet
353Kb / 2P
   AC/DC EXTERNAL DESKTOP ADAPTER UNIVERSAL INPUT MULTIPLE OUTPUT 14-16 WATTS SWITCHING POWER SUPPLIES TPES14 SERIES
logo
HITRON ELECTRONICS CORP...
HES75 HITRON-HES75 Datasheet
297Kb / 2P
   AC/DC EXTERNAL DESKTOP ADAPTER UNIVERSAL INPUT SINGLE OUTPUT 75 WATTS SWITCHING POWER SUPPLIES
HES34 HITRON-HES34 Datasheet
144Kb / 2P
   AC/DC EXTERNAL DESKTOP ADAPTER UNIVERSAL INPUT SINGLE OUTPUT 25-36 WATTS SWITCHING POWER SUPPLIES
HES51 HITRON-HES51 Datasheet
484Kb / 2P
   AC/DC EXTERNAL DESKTOP ADAPTER UNIVERSAL INPUT SINGLE OUTPUT 45-51 WATTS SWITCHING POWER SUPPLIES
HES65 HITRON-HES65 Datasheet
331Kb / 2P
   AC/DC EXTERNAL DESKTOP ADAPTER UNIVERSAL INPUT SINGLE OUTPUT 60-65 WATTS SWITCHING POWER SUPPLIES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com