Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HES34-240150 Datasheet(PDF) 1 Page - HITRON ELECTRONICS CORPORTION

Part # HES34-240150
Description  AC/DC EXTERNAL DESKTOP ADAPTER UNIVERSAL INPUT SINGLE OUTPUT 25-36 WATTS SWITCHING POWER SUPPLIES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITRON [HITRON ELECTRONICS CORPORTION]
Direct Link  http://www.hitron-e.com
Logo HITRON - HITRON ELECTRONICS CORPORTION

HES34-240150 Datasheet(HTML) 1 Page - HITRON ELECTRONICS CORPORTION

  HES34-240150 Datasheet HTML 1Page - HITRON ELECTRONICS CORPORTION HES34-240150 Datasheet HTML 2Page - HITRON ELECTRONICS CORPORTION  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
-27-
H HiTRON
AC/DC EXTERNAL DESKTOP ADAPTER UNIVERSAL INPUT
SINGLE OUTPUT 25-36 WATTS SWITCHING POWER SUPPLIES
HES34 SERIES
FEATURES
UNIVERSAL AC INPUT
DESKTOP IEC320 AC RECEPTACLE
MEET UNIVERSAL SAFETY STANDARDS
EMI MEET EN 55022 / FCC CLASS B
CE MARKING COMPLIANCE
OUTPUT SPECIFICATION
Output Voltage: See Ratings Chart.
Output Current: See Ratings Chart.
Output Wattage: 25-36Watts typical.
Output Connector & Cord: Optional.
Line Regulation: 0.1% typical.
Load Regulation: ±1.5-3.0% typical.
Noise & Ripple: 1.0% typical peak to peak.
OVP: Built-in, by Zener diode clamping.
Adjustability: Factory set.
Overload Protection (OLP):
Fully protected against output overload and short circuit.
OLP set at about 125-150% rating output wattage.
Consult the factory for OLP setting.
SPECIFICATION
INPUT SPECIFICATION
Input Voltage: 90-264Vac typical.
Input Connector: IEC320-3P DT7 type
AC inlet receptacle.
Input Frequency: 47-63Hz.
Inrush Current: 35A max. @264Vac or less than
30A @230Vac by adding thermister.
Input Current: 0.65A @115Vac typical.
0.3A @230Vac typical.
Dielectric Withstand: Meet IEC60950.
EMI: Meet EN 55022 / FCC Class B.
Hold-up Time: 17mS @115Vac typical.
68mS typ. @230Vac typical.
GENERAL SPECIFICATION
Efficiency: 80-85% typical.
Switching Frequency: Approximate 73K Hz.
Circuit Topology: Fixed Frequency Flyback circuit.
Transient Response: Output voltage returns in less than
3mS following a 25% load change.
Safety Standard: Meet UL1950/ EN60950, Class I.
Power Density: 2.70 Watts / Cubic inch.
Operating Temperature: 0 to +25/35/40°C
without derating. (various with output voltage)
Storage Temperature: -20°C to +85°C.
Temperature coefficient: 0.04% /°C.
Cooling: Free air convection.
Construction: Impact resistant thermo-plastic
enclosure case.
Desktop Format.
NOTE: (1) All measurements are at nominal input, full load, and +25°C unless otherwise specified.
(2) Load regulation is measured at 115Vac or 230Vac in percentage indicate the change in output voltage as the load varied from half load to full load(
±%)
(3) The exact obtainable load regulation depends upon the output cord selected and load current. Upper data are for 6 ft. (2 m) cord AWG#18 wires.
(4) Due to requests in market and advances in technology, specifications subject to change without notice
For the details of safety approval, please consult the factory.


Similar Part No. - HES34-240150

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
HES342G350W5C CDE-HES342G350W5C Datasheet
198Kb / 2P
   Type HES 105 쨘C High Energy Screw Terminal Aluminum Electrolytic
HES342G350W5C CDE-HES342G350W5C Datasheet
1,023Kb / 3P
   105 쨘C High Energy Screw Terminal Aluminum Electrolytic
More results

Similar Description - HES34-240150

ManufacturerPart #DatasheetDescription
logo
HITRON ELECTRONICS CORP...
HES102 HITRON-HES102 Datasheet
272Kb / 2P
   AC/DC EXTERNAL DESKTOP ADAPTER UNIVERSAL INPUT SINGLE OUTPUT 100 WATTS SWITCHING POWER SUPPLIES
HES75 HITRON-HES75 Datasheet
297Kb / 2P
   AC/DC EXTERNAL DESKTOP ADAPTER UNIVERSAL INPUT SINGLE OUTPUT 75 WATTS SWITCHING POWER SUPPLIES
HES51 HITRON-HES51 Datasheet
484Kb / 2P
   AC/DC EXTERNAL DESKTOP ADAPTER UNIVERSAL INPUT SINGLE OUTPUT 45-51 WATTS SWITCHING POWER SUPPLIES
HES65 HITRON-HES65 Datasheet
331Kb / 2P
   AC/DC EXTERNAL DESKTOP ADAPTER UNIVERSAL INPUT SINGLE OUTPUT 60-65 WATTS SWITCHING POWER SUPPLIES
HEG42 HITRON-HEG42 Datasheet
364Kb / 2P
   AC/DC EXTERNAL DESKTOP ADAPTER UNIVERSAL INPUT SINGLE OUTPUT 42 WATTS GREEN POWER SWITCHING POWER SUPPLIES
HES25 HITRON-HES25 Datasheet
317Kb / 2P
   AC/DC EXTERNAL WALLMOUNT ADAPTER UNIVERSAL INPUT SINGLE OUTPUT 20-36 WATTS SWITCHING POWER SUPPLIES
HES24 HITRON-HES24 Datasheet
337Kb / 2P
   AC/DC EXTERNAL DESKTOP ADAPTER UNIVERSAL INPUT SINGLE & MULTIPLE OUTPUT 24-26 WATTS SWITCHING POWER SUPPLIES
HES18 HITRON-HES18 Datasheet
330Kb / 2P
   AC/DC EXTERNAL WALLMOUNT & DESKTOP ADAPTER UNIVERSAL INPUT SINGLE OUTPUT 16-18 WATTS SWITCHING POWER SUPPLIES
HEG75 HITRON-HEG75 Datasheet
245Kb / 2P
   AC/DC EXTERNAL DESKTOP ADAPTER UNIVERSAL INPUT SINGLE OUTPUT 60-75 WATTS GREEN POWER SWITCHING POWER SUPPLIES
HES61 HITRON-HES61 Datasheet
350Kb / 2P
   AC/DC EXTERNAL DESKTOP ADAPTER UNIVERSAL INPUT MULTIPLE OUTPUT 50-60 WATTS SWITCHING POWER SUPPLIES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com