Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HES24-15008-H Datasheet(PDF) 1 Page - HITRON ELECTRONICS CORPORTION

Part # HES24-15008-H
Description  AC/DC EXTERNAL DESKTOP ADAPTER UNIVERSAL INPUT SINGLE & MULTIPLE OUTPUT 24-26 WATTS SWITCHING POWER SUPPLIES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITRON [HITRON ELECTRONICS CORPORTION]
Direct Link  http://www.hitron-e.com
Logo HITRON - HITRON ELECTRONICS CORPORTION

HES24-15008-H Datasheet(HTML) 1 Page - HITRON ELECTRONICS CORPORTION

  HES24-15008-H Datasheet HTML 1Page - HITRON ELECTRONICS CORPORTION HES24-15008-H Datasheet HTML 2Page - HITRON ELECTRONICS CORPORTION  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
-23-
H HiTRON
AC/DC EXTERNAL DESKTOP ADAPTER UNIVERSAL INPUT
SINGLE & MULTIPLE OUTPUT 24-26 WATTS
SWITCHING POWER SUPPLIES HES24 SERIES
FEATURES:
UNIVERSAL INPUT
DESKTOP IEC320 AC RECEPTACLE
MEET UNIVERSAL SAFETY STANDARDS
EMI MEET EN 55022/ FCC CLASS B
CE MARKING COMPLIANCE
SPECIFICATION
INPUT SPECIFICATION
Input Voltage: 90-264Vac typical.
Input Connector: IEC320-3P DT7 type
AC inlet receptacle.
Input Frequency: 47-63Hz.
Inrush Current: 25A @230Vac typical.
Input Current: 0.34A @115Vac typical.
0.17A @230Vac typical.
Dielectric Withstand: Meet IEC60950.
EMI: Meet EN 55022 / FCC Class B.
Hold-up Time: 15mS @115Vac typical.
60mS @230Vac typical.
OUTPUT SPECIFICATION
Output Voltage: See Ratings Chart.
Output Current: See Ratings Chart.
Output Wattage: 24-26 Watts typical.
Output Connector & Cord: Optional.
Line Regulation: 0.1-0.2% typical.
Load Regulation: Main O/P VO1 ±1.5-3.0% typical.
Aux. O/P VO2 ±2.5-4.0% typical.
Aux. O/P VO3 ±3.0-6.0% typical.
Noise & Ripple: 1.0% typical peak to peak.
OVP: Built-in at main VO1 only Zener diode clamping.
Overload Protection (OLP):
Fully protected against output overload and short circuit.
OLP set at about 125-150% rating output wattage.
Consult the factory for OLP setting.
GENERAL SPECIFICATION
Efficiency: 78% typical.
Switching Frequency: Approximate 60K Hz.
Circuit Topology: Fixed Frequency Flyback circuit.
Transient Response: Output voltage returns in less than
3mS following a 25% load change.
Safety Standard: Meet UL1950/EN60950 Class I.
Power Density: 1.89 Watts / Cubic inch.
Operating Temperature: 0 to +25/35/40°C
without derating. (various with output voltage)
Storage Temperature: -20 to +85°C.
Temperature Coefficient: 0.04%/°C typical.
Cooling: Free air convection.
Construction: Impact resistant thermo-plastic
enclosure case.
Desktop Format.
NOTE: (1) All measurements are at nominal input, full load, and +25°C unless otherwise specified.
(2) Load regulation is measured at 115Vac or 230Vac in percentage to indicate the change in output voltage as the load is varied from half load to full load (unit ±%).
For the multi-output, the main output remains 50% load and other aux. output remains 20% load.
(3) The exact obtainable load regulation depends upon the output load current & cord selected. Upper data are for 6 ft. (2 m) cord AWG#18 wires.
(4) Due to requests in market and advances in technology, specifications subject to change without notice
For the details of safety approval, please consult the factory.


Similar Part No. - HES24-15008-H

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HES24-2SC-VL ETC2-HES24-2SC-VL Datasheet
371Kb / 3P
   16 and 24-Port Din-rail Unmanaged Ethernet Switches
HES24-2SC-VLW ETC2-HES24-2SC-VLW Datasheet
371Kb / 3P
   16 and 24-Port Din-rail Unmanaged Ethernet Switches
HES24-2SSC-VL ETC2-HES24-2SSC-VL Datasheet
371Kb / 3P
   16 and 24-Port Din-rail Unmanaged Ethernet Switches
HES24-2SSC-VLW ETC2-HES24-2SSC-VLW Datasheet
371Kb / 3P
   16 and 24-Port Din-rail Unmanaged Ethernet Switches
HES24-4SC-VL ETC2-HES24-4SC-VL Datasheet
371Kb / 3P
   16 and 24-Port Din-rail Unmanaged Ethernet Switches
More results

Similar Description - HES24-15008-H

ManufacturerPart #DatasheetDescription
logo
HITRON ELECTRONICS CORP...
HES14 HITRON-HES14 Datasheet
323Kb / 2P
   AC/DC EXTERNAL DESKTOP ADAPTER UNIVERSAL INPUT MULTIPLE OUTPUT 14-16 WATTS SWITCHING POWER SUPPLIES
HES61 HITRON-HES61 Datasheet
350Kb / 2P
   AC/DC EXTERNAL DESKTOP ADAPTER UNIVERSAL INPUT MULTIPLE OUTPUT 50-60 WATTS SWITCHING POWER SUPPLIES
HES102 HITRON-HES102 Datasheet
272Kb / 2P
   AC/DC EXTERNAL DESKTOP ADAPTER UNIVERSAL INPUT SINGLE OUTPUT 100 WATTS SWITCHING POWER SUPPLIES
HES75 HITRON-HES75 Datasheet
297Kb / 2P
   AC/DC EXTERNAL DESKTOP ADAPTER UNIVERSAL INPUT SINGLE OUTPUT 75 WATTS SWITCHING POWER SUPPLIES
HES15 HITRON-HES15 Datasheet
345Kb / 4P
   AC/DC EXTERNAL WALLMOUNT & DESKTOP ADAPTER UNIVERSAL INPUT MULTIPLE OUTPUT 15-16 WATTS SWITCHING POWER SUPPLIES
HES34 HITRON-HES34 Datasheet
144Kb / 2P
   AC/DC EXTERNAL DESKTOP ADAPTER UNIVERSAL INPUT SINGLE OUTPUT 25-36 WATTS SWITCHING POWER SUPPLIES
HES51 HITRON-HES51 Datasheet
484Kb / 2P
   AC/DC EXTERNAL DESKTOP ADAPTER UNIVERSAL INPUT SINGLE OUTPUT 45-51 WATTS SWITCHING POWER SUPPLIES
HES65 HITRON-HES65 Datasheet
331Kb / 2P
   AC/DC EXTERNAL DESKTOP ADAPTER UNIVERSAL INPUT SINGLE OUTPUT 60-65 WATTS SWITCHING POWER SUPPLIES
logo
Total Power Internation...
TPES14-10 TOTAL-POWER-TPES14-10 Datasheet
353Kb / 2P
   AC/DC EXTERNAL DESKTOP ADAPTER UNIVERSAL INPUT MULTIPLE OUTPUT 14-16 WATTS SWITCHING POWER SUPPLIES TPES14 SERIES
logo
HITRON ELECTRONICS CORP...
HEG42 HITRON-HEG42 Datasheet
364Kb / 2P
   AC/DC EXTERNAL DESKTOP ADAPTER UNIVERSAL INPUT SINGLE OUTPUT 42 WATTS GREEN POWER SWITCHING POWER SUPPLIES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com