Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HES100-22 Datasheet(PDF) 2 Page - HITRON ELECTRONICS CORPORTION

Part # HES100-22
Description  AUTO-RANGING INPUT AC TO DC EXTERNAL DESKTOP ADAPTER MULTIPLE OUTPUT 100-120 WATTS SWITCHING POWER SUPPLIES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITRON [HITRON ELECTRONICS CORPORTION]
Direct Link  http://www.hitron-e.com
Logo HITRON - HITRON ELECTRONICS CORPORTION

HES100-22 Datasheet(HTML) 2 Page - HITRON ELECTRONICS CORPORTION

  HES100-22 Datasheet HTML 1Page - HITRON ELECTRONICS CORPORTION HES100-22 Datasheet HTML 2Page - HITRON ELECTRONICS CORPORTION  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
OUTPUT VOLTAGE/CURRENT RATINGS CHART
SINGLE OUTPUT
MAIN O/P VO1 ★#
MODEL NO.
Typ.
Volt.
Peak
HES100-11
8.3A
12.0V
10.0A
HES100-12
6.7A
15.0V
8.0A
HES100-13
4.2A
24.0V
5.0A
DUAL OUTPUT
MAIN O/P VO1 ★◇
AUX. O/P VO2 ▲◇
MODEL NO.
Typ.
Volt.
Max.
Typ.
Volt.
Max.
HES100-21
10.0A
5.0V
15.0A
4.0A
5.0V
3.5A
HES100-22
10.0A
5.0V
15.0A
3.0A
12.0V
3.0A
HES100-23
6.0A
5.0V
12.0A
3.0A
24.0V
3.0A
HES100-24
4.5A
12.0V
5.0A
4.5A
12.0V
5.0A
HES100-25
3.5A
15.0V
5.0A
3.4A
15.0V
4.0A
TRIPLE OUTPUT
MAIN O/P VO1 ★
AUX. O/P VO2 †
AUX. O/P ±VO3 ●
MODEL NO.
Typ.
Volt.
Max.
Typ.
Volt.
Max.
Typ.
Volt.
Max.
HES100-30
12.0A
+5.0V
13.0A
3.0A
+12.0V
3.5A
0.8A
12.0V
1.0A
HES100-31
12.0A
+5.0V
13.0A
3.0A
+12.0V
3.5A
0.8A
5.0V
1.0A
HES100-32
12.0A
+5.0V
13.0A
1.5A
+24.0V
2.0A
0.8A
12.0V
1.0A
HES100-33
12.0A
+5.0V
13.0A
3.0A
+15.0V
3.3A
0.3A
15.0V
1.0A
QUAD OUTPUT
MAIN O/P VO1 ★
AUX. O/P VO2 †
AUX. O/P ± VO3 ●
AUX. O/P ±VO4 ●
MODEL NO.
Typ.
Volt.
Max.
Typ.
Volt.
Max.
Typ.
Volt.
Max.
Typ.
Volt.
Max.
HES100-40 12.0A +5.0V 13.0A
2.5A +12.0V 3.0A
0.8A
12.0V
1.0A
0.5A
12.0V
1.0A
HES100-41 12.0A +5.0V 13.0A
2.5A +12.0V 3.0A
0.8A
5.0V
1.0A
0.6A
5.0V
1.0A
HES100-42 12.0A +5.0V 13.0A
1.0A +24.0V 1.5A
0.8A
12.0V
1.0A
0.5A
12.0V
1.0A
HES100-43 12.0A +5.0V 13.0A
2.2A +15.0V 2.7A
0.6A
12.0V
1.0A
0.4A
15.0V
1.0A
Symbols:" ★"OVP built-in. "@"Adjustable. "◇" Floating(or isolated) output. "●" Installed with Post Regulator (PR). "† "Stacked on main output.
"#" Remote sensing. "▲" Installed with magnetic amplifier. "
± " Positive or Negative selectable (factory set).
MECHANICAL DIMENSIONS: MM [INCHES]
WEIGHT: 1,242.0g (43.8 Oz.)
-42-


Similar Part No. - HES100-22

ManufacturerPart #DatasheetDescription
logo
Power-One
HES100YE-AT POWER-ONE-HES100YE-AT Datasheet
1Mb / 3P
   HES SERIES 150 WATT
HES100ZE-A POWER-ONE-HES100ZE-A Datasheet
1Mb / 3P
   HES SERIES 150 WATT
HES100ZG-A POWER-ONE-HES100ZG-A Datasheet
1Mb / 3P
   HES SERIES 150 WATT
More results

Similar Description - HES100-22

ManufacturerPart #DatasheetDescription
logo
HITRON ELECTRONICS CORP...
HES14 HITRON-HES14 Datasheet
323Kb / 2P
   AC/DC EXTERNAL DESKTOP ADAPTER UNIVERSAL INPUT MULTIPLE OUTPUT 14-16 WATTS SWITCHING POWER SUPPLIES
HES61 HITRON-HES61 Datasheet
350Kb / 2P
   AC/DC EXTERNAL DESKTOP ADAPTER UNIVERSAL INPUT MULTIPLE OUTPUT 50-60 WATTS SWITCHING POWER SUPPLIES
HES102 HITRON-HES102 Datasheet
272Kb / 2P
   AC/DC EXTERNAL DESKTOP ADAPTER UNIVERSAL INPUT SINGLE OUTPUT 100 WATTS SWITCHING POWER SUPPLIES
HES15 HITRON-HES15 Datasheet
345Kb / 4P
   AC/DC EXTERNAL WALLMOUNT & DESKTOP ADAPTER UNIVERSAL INPUT MULTIPLE OUTPUT 15-16 WATTS SWITCHING POWER SUPPLIES
HES24 HITRON-HES24 Datasheet
337Kb / 2P
   AC/DC EXTERNAL DESKTOP ADAPTER UNIVERSAL INPUT SINGLE & MULTIPLE OUTPUT 24-26 WATTS SWITCHING POWER SUPPLIES
logo
Total Power Internation...
TPES14-10 TOTAL-POWER-TPES14-10 Datasheet
353Kb / 2P
   AC/DC EXTERNAL DESKTOP ADAPTER UNIVERSAL INPUT MULTIPLE OUTPUT 14-16 WATTS SWITCHING POWER SUPPLIES TPES14 SERIES
logo
HITRON ELECTRONICS CORP...
HES75 HITRON-HES75 Datasheet
297Kb / 2P
   AC/DC EXTERNAL DESKTOP ADAPTER UNIVERSAL INPUT SINGLE OUTPUT 75 WATTS SWITCHING POWER SUPPLIES
HES34 HITRON-HES34 Datasheet
144Kb / 2P
   AC/DC EXTERNAL DESKTOP ADAPTER UNIVERSAL INPUT SINGLE OUTPUT 25-36 WATTS SWITCHING POWER SUPPLIES
HES51 HITRON-HES51 Datasheet
484Kb / 2P
   AC/DC EXTERNAL DESKTOP ADAPTER UNIVERSAL INPUT SINGLE OUTPUT 45-51 WATTS SWITCHING POWER SUPPLIES
HES65 HITRON-HES65 Datasheet
331Kb / 2P
   AC/DC EXTERNAL DESKTOP ADAPTER UNIVERSAL INPUT SINGLE OUTPUT 60-65 WATTS SWITCHING POWER SUPPLIES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com