Electronic Components Datasheet Search |
|
CTRJG31S61003A Datasheet(PDF) 1 Page - Central Technologies |
|
CTRJG31S61003A Datasheet(HTML) 1 Page - Central Technologies |
1 / 20 page Integrated RJ45 Magnetic Connectors ctparts.com Manufacturer of Passive and Discrete Semiconductor Components 800-684-5322 Inside US 949-453-1811 Outside US Copyright © 2006 by CT Magnetics, DBA Central Technologies. All rights reserved. CT Magnetics reserves the right to make improvements or change specifications without notice CENTRAL 06.06.07 CTRJG Series 10/100/1000 Gigabit Ethernet RJ45 Integrated Modular Jack Not shown at actual size. CHARACTERISTICS Options: 1x2, 1x4, 1x6,1x8 & 2x1, 2x4, 2x6, 2x8 Port Meets or exceeds IEEE 802.3 standard for 10/100/1000 Base-TX Suitable for CAT 5 & 6 Fast Ethernet Cable of better UTP 350 µH minimum OCL with 8mA DC bias current Available with or without LEDs Minimum 1500Vrms isolation per IEEE 802.3 requirement Operating temperature 0°C to +70°C Storage temperature -40°C to +85°C RoHS Compliant Transformer electrical specifications @ 25°C RoHS Compliant MATERIAL SPECIFICATION Metal Shell: Copper Alloy, Finish: 50µ" Nickel Housing: Thermoplastic, UL 94V-0, Color Black Insert: Thermoplastic , UL 94V-0, Color Black Contact Terminal / Phosphor Bronze, 15µ" Gold on Contact Area, 100µ" Tin on Solder, Both over 50µ", Nickel Under-Plated Coil Base: Phenolic/LCP , UL 94V-0, Color Black LED CONFIGURATION Schematic Standard LED Wavelength ( λλ) V / IF= 20 mA Image Max. Typ. 1001A 1002A 1003A 1012A 1013A Yellow 585nm 2.5V 2.1V Green 570nm 2.5V 2.1V Orange 605nm 2.5V 2.1V 1223C 1224C 1226C 1227C Yellow 585nm 2.5V 2.1V Green 570nm 2.5V 2.1V Orange 605nm 2.5V 2.1V 1013D 1015D Green 570nm 2.5V 2.1V Orange 605nm 2.5V 2.1V 1012B 1015B Yellow 585nm 2.5V 2.1V Green 570nm 2.5V 2.1V Left LED Right LED P11 P12 P13 P14 P13 P14 P16 P15 Right LED Left LED P13 P14 P16 P15 P12 P11 LEDs Orange Green P13 P14 P12 P11 Right LED Left LED PART NUMBER CONFIGURATION Series Size Code Layers Port (Each Layer) LED (L/R) Tab Schematic CTRJG 26 29 31 33 S = Single D = Double 1 2 4 6 8 N = None G = Green Y = Yellow O = Orange N = N/A D = Down U = Up 1001A, 1002A 1003A, 1012A 1013A, 1012B 1015B, 1223C 1224C, 1226C 1227C, 1013D 1015D Single Layer: CTRJG 26 S 1 GY U 1001A Double Layer: CTRJG 31 D 1 GONN N 1013D |
Similar Part No. - CTRJG31S61003A |
|
Similar Description - CTRJG31S61003A |