Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS12082DA Datasheet(PDF) 9 Page - Texas Instruments

Part # THS12082DA
Description  12-BIT, 8 MSPS, SIMULTANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTERS
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS12082DA Datasheet(HTML) 9 Page - Texas Instruments

Back Button THS12082DA Datasheet HTML 5Page - Texas Instruments THS12082DA Datasheet HTML 6Page - Texas Instruments THS12082DA Datasheet HTML 7Page - Texas Instruments THS12082DA Datasheet HTML 8Page - Texas Instruments THS12082DA Datasheet HTML 9Page - Texas Instruments THS12082DA Datasheet HTML 10Page - Texas Instruments THS12082DA Datasheet HTML 11Page - Texas Instruments THS12082DA Datasheet HTML 12Page - Texas Instruments THS12082DA Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 38 page
background image
THS12082
12-BIT, 8 MSPS, SIMULTANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTERS
SLAS271 – MAY 2000
9
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
detailed description
reference voltage
The THS12082 has a built-in reference, which provides the reference voltages for the ADC. VREFP is set to
3.5 V and VREFM is set to 1.5 V. An external reference can also be used through two reference input pins, REFP
and REFM, if the reference source is programmed as external. The voltage levels applied to these pins establish
the upper and lower limits of the analog inputs to produce a full-scale and zero-scale reading respectively.
analog inputs
The THS12082 consists of two analog inputs, which are sampled simultaneously. These inputs can be selected
individually and configured as single-ended or differential inputs. The desired analog input channel can be
programmed.
analog-to-digital converter
The THS12082 uses a 12-bit pipelined multistaged architecture with four 1-bit stages followed by four 2-bit
stages, which achieves a high sample rate with low power consumption. The THS12082 distributes the
conversion over several smaller ADC subblocks, refining the conversion with progressively higher accuracy as
the device passes the results from stage to stage. This distributed conversion requires a small fraction of the
number of comparators used in a traditional flash ADC. A sample-and-hold amplifier (SHA) within each of the
stages permits the first stage to operate on a new input sample while the second through the eighth stages
operate on the seven preceding samples.
conversion modes
The conversion can be performed in two different conversion modes. In the single conversion mode, the
conversion is initiated by an external signal (CONVST). An internal oscillator controls the conversion time. In
the continuous conversion mode, an external clock signal is applied to the clock input (CONV_CLK). A new
conversion is started with every falling edge of the applied clock signal.
sampling rate
The maximum possible conversion rate per channel is dependent on the selected analog input channels. Table
1 shows the maximum conversion rate in the continuous conversion mode for different combinations.
Table 1. Maximum Conversion Rate
CHANNEL CONFIGURATION
NUMBER OF CHANNELS
MAXIMUM CONVERSION
RATE PER CHANNEL
1 single-ended channel
1
8 MSPS
2 single-ended channels
2
4 MSPS
1 differential channel
1
8 MSPS
The maximum conversion rate in the continuous conversion mode per channel, fc, is given by:
fc
+ 8 MSPS
# channels
Table 2 shows the maximum conversion rate in the single conversion mode.


Similar Part No. - THS12082DA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS12082 TI1-THS12082 Datasheet
822Kb / 42P
[Old version datasheet]   12-BIT, 8 MSPS, SIMULTANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTERS
THS12082CDA TI1-THS12082CDA Datasheet
822Kb / 42P
[Old version datasheet]   12-BIT, 8 MSPS, SIMULTANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTERS
THS12082CDAG4 TI1-THS12082CDAG4 Datasheet
822Kb / 42P
[Old version datasheet]   12-BIT, 8 MSPS, SIMULTANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTERS
THS12082CDAR TI1-THS12082CDAR Datasheet
822Kb / 42P
[Old version datasheet]   12-BIT, 8 MSPS, SIMULTANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTERS
THS12082CDARG4 TI1-THS12082CDARG4 Datasheet
822Kb / 42P
[Old version datasheet]   12-BIT, 8 MSPS, SIMULTANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTERS
More results

Similar Description - THS12082DA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS12082 TI1-THS12082_09 Datasheet
822Kb / 42P
[Old version datasheet]   12-BIT, 8 MSPS, SIMULTANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTERS
THS1206 TI-THS1206 Datasheet
564Kb / 41P
[Old version datasheet]   12-BIT 6 MSPS, SIMULTANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTERS
THS1206-EP TI1-THS1206-EP Datasheet
782Kb / 43P
[Old version datasheet]   12-BIT 6 MSPS, SIMULTANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTERS
THS1209 TI1-THS1209_14 Datasheet
327Kb / 34P
[Old version datasheet]   12-BIT, 2 ANALOG INPUT, 8 MSPS, SIMULTANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTER
V6203609-01XE TI-V6203609-01XE Datasheet
750Kb / 43P
[Old version datasheet]   12-BIT 6MSPS, SIMULTANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTERS
ADS8556 TI1-ADS8556 Datasheet
1Mb / 47P
[Old version datasheet]   12-Bit, Six-Channel, Simultaneous Sampling Analog-to-Digital Converters
ADS8353 TI1-ADS8353 Datasheet
2Mb / 71P
[Old version datasheet]   Simultaneous-Sampling, Analog-to-Digital Converters
ADS8354 TI1-ADS8354 Datasheet
2Mb / 69P
[Old version datasheet]   Simultaneous-Sampling, Analog-to-Digital Converters
THS1009 TI-THS1009 Datasheet
235Kb / 31P
[Old version datasheet]   10-BIT, 2 ANALOG INPUT, 8 MSPS, SIMULTANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTER
THS10082 TI-THS10082 Datasheet
263Kb / 34P
[Old version datasheet]   10 bit TWO ANALOG INPUT, 8 MSPS SIMULTANEOUS SAMPLING ANALOG TO DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com