Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS4021 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # THS4021
Description  350-MHz LOW-NOISE HIGH-SPEED AMPLIFIERS
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS4021 Datasheet(HTML) 7 Page - Texas Instruments

Back Button THS4021 Datasheet HTML 3Page - Texas Instruments THS4021 Datasheet HTML 4Page - Texas Instruments THS4021 Datasheet HTML 5Page - Texas Instruments THS4021 Datasheet HTML 6Page - Texas Instruments THS4021 Datasheet HTML 7Page - Texas Instruments THS4021 Datasheet HTML 8Page - Texas Instruments THS4021 Datasheet HTML 9Page - Texas Instruments THS4021 Datasheet HTML 10Page - Texas Instruments THS4021 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
THS4021, THS4022
350-MHz LOW-NOISE HIGH-SPEED AMPLIFIERS
SLOS265B – SEPTEMBER 1999 – REVISED FEBRUARY 2000
7
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 12
100 k
1 M
10 M
DISTORTION
vs
FREQUENCY
f – Frequency – Hz
VCC = ± 5 V
RL = 150 Ω
G = 10
VO(PP) = 2 V
2nd Harmonic
3rd Harmonic
–40
–50
–60
–70
–80
–90
–100
Figure 13
25
20
15
10
10 k
100 k
1 M
10 M
100 M
1 G
VCC = ± 15 V
Gain = 10
RL = 150 Ω
VO(PP) = 400 mV
RF = 150 Ω
RF = 220 Ω
OUTPUT AMPLITUDE
vs
FREQUENCY
f – Frequency – Hz
Figure 14
25
20
15
10
10 k
100 k
1 M
10 M
100 M
1 G
OUTPUT AMPLITUDE
vs
FREQUENCY
f – Frequency – Hz
VCC = ± 5 V
Gain = 10
RL = 150 Ω
VO(PP) = 400 mV
RF = 220 Ω
RF = 150 Ω
Figure 15
OUTPUT AMPLITUDE
vs
FREQUENCY
RF = 6.2 kΩ
RF = 220 Ω
f – Frequency – Hz
10
15
20
25
30
1
10
100
1000
10000
1 G
10 M
100 k
1 M
100 M
VCC = ±15 V
Gain = 20
RL = 150 Ω
VO(PP) = 400 mV
RF = 1 kΩ
OUTPUT AMPLITUDE
vs
FREQUENCY
f – Frequency – Hz
Figure 16
10
15
20
25
30
1
10
100
1000
10000
1 G
10 M
100 k
1 M
100 M
RF = 6.2 kΩ
RF = 220 Ω
VCC = ±5 V
Gain = 20
RL = 150 Ω
VO(PP) = 400 mV
RF = 1 kΩ
Figure 17
–0.60
–0.40
–0.20
–0.00
0.20
0.40
0.60
0.80
0
50
100 150 200 250 300 350 400
1-V STEP RESPONSE
t – Time – ns
VCC = ± 5 V
Gain = 10
RF = 220 Ω
RL = 150 Ω
0.8
0.6
0.4
0.2
0
–0.2
–0.4
–0.6
Figure 18
–3
–2
–1
0
1
2
3
0
50
100 150 200 250 300 350 400
5-V STEP RESPONSE
t – Time – ns
VCC = ± 5 V
Gain = –10
RF = 220 Ω
RL = 150 Ω
Figure 19
–0.6
–0.40
–0.20
–0.00
0.20
0.40
0.60
0.80
0
50
100 150 200 250 300 350 400
1-V STEP RESPONSE
t – Time – ns
VCC = ± 15 V
Gain = 10
RF = 220 Ω
RL = 150 Ω
0.8
0.6
0.4
0.2
0
–0.2
–0.4
–0.6
Figure 20
–6
–4
–2
0
2
4
6
0
100
200
300
400
500
10-V STEP RESPONSE
t – Time – ns
VCC = ± 15 V
Gain = 10
RF = 220 Ω
RL = 150


Similar Part No. - THS4021

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS4021 TI1-THS4021 Datasheet
1Mb / 29P
[Old version datasheet]   350-MHz LOW-NOISE HIGH-SPEED AMPLIFIERS
THS4021CD TI1-THS4021CD Datasheet
1Mb / 29P
[Old version datasheet]   350-MHz LOW-NOISE HIGH-SPEED AMPLIFIERS
THS4021CDG4 TI1-THS4021CDG4 Datasheet
1Mb / 29P
[Old version datasheet]   350-MHz LOW-NOISE HIGH-SPEED AMPLIFIERS
THS4021CDGN TI1-THS4021CDGN Datasheet
1Mb / 29P
[Old version datasheet]   350-MHz LOW-NOISE HIGH-SPEED AMPLIFIERS
THS4021CDGNG4 TI1-THS4021CDGNG4 Datasheet
1Mb / 29P
[Old version datasheet]   350-MHz LOW-NOISE HIGH-SPEED AMPLIFIERS
More results

Similar Description - THS4021

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS4021 TI1-THS4021_16 Datasheet
1Mb / 29P
[Old version datasheet]   350-MHz LOW-NOISE HIGH-SPEED AMPLIFIERS
THS4031 TI-THS4031 Datasheet
674Kb / 38P
[Old version datasheet]   100-MHz LOW-NOISE HIGH-SPEED AMPLIFIERS
THS4031-EP TI-THS4031-EP Datasheet
1Mb / 37P
[Old version datasheet]   100-MHz LOW-NOISE HIGH-SPEED AMPLIFIERS
THS4032IDR TI-THS4032IDR Datasheet
1Mb / 47P
[Old version datasheet]   100-MHz LOW-NOISE HIGH-SPEED AMPLIFIERS
THS4031CDR TI-THS4031CDR Datasheet
1Mb / 47P
[Old version datasheet]   100-MHz LOW-NOISE HIGH-SPEED AMPLIFIERS
THS40321-EP TI-THS40321-EP_15 Datasheet
1Mb / 38P
[Old version datasheet]   100-MHz LOW-NOISE HIGH-SPEED AMPLIFIERS
THS4032-EP TI1-THS4032-EP Datasheet
1Mb / 38P
[Old version datasheet]   100-MHz LOW-NOISE HIGH-SPEED AMPLIFIERS
THS4031 TI1-THS4031_16 Datasheet
1Mb / 47P
[Old version datasheet]   THS403x 100-MHz Low-Noise High-Speed Amplifiers
logo
Analog Devices
AD8039 AD-AD8039_15 Datasheet
533Kb / 17P
   Low Power, 350 MHz Voltage Feedback Amplifiers
Rev. G
AD8039ARZ AD-AD8039ARZ Datasheet
533Kb / 17P
   Low Power, 350 MHz Voltage Feedback Amplifiers
Rev. G
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com