Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS5641PW Datasheet(PDF) 7 Page - Texas Instruments

Part # THS5641PW
Description  8-BIT, 100 MSPS, CommsDACE DIGITAL-TO-ANALOG CONVERTER
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS5641PW Datasheet(HTML) 7 Page - Texas Instruments

Back Button THS5641PW Datasheet HTML 3Page - Texas Instruments THS5641PW Datasheet HTML 4Page - Texas Instruments THS5641PW Datasheet HTML 5Page - Texas Instruments THS5641PW Datasheet HTML 6Page - Texas Instruments THS5641PW Datasheet HTML 7Page - Texas Instruments THS5641PW Datasheet HTML 8Page - Texas Instruments THS5641PW Datasheet HTML 9Page - Texas Instruments THS5641PW Datasheet HTML 10Page - Texas Instruments THS5641PW Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
THS5641
8-BIT, 100 MSPS, CommsDAC
DIGITAL-TO-ANALOG CONVERTER
SLAS199A – MAY 1999 REVISED JUNE 1999
7
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 1
42
48
54
60
66
72
78
0
1020
304050
SPURIOUS FREE DYNAMIC RANGE
vs
OUTPUT FREQUENCY
Fout – MHz
Fclock = 5 MSPS
Fclock = 25 MSPS
Fclock = 50 MSPS
Fclock = 70 MSPS
Fclock = 100 MSPS
AVDD = 5 V
DVDD = 5 V
Figure 2
–78
–72
–66
–60
–54
–48
–42
0
1020
304050
TOTAL HARMONIC DISTORTION
vs
OUTPUT FREQUENCY
Fout – MHz
AVDD = 5 V
DVDD = 5 V
70 MSPS
100 MSPS
50 MSPS
5 MSPS
25 MSPS
Figure 3
42
45
48
51
54
0
1020
304050
SIGNAL-TO-NOISE AND DISTORTION RATIO
vs
OUTPUT FREQUENCY
Fout – MHz
AVDD = 5 V
DVDD = 5 V
5 MSPS
25 MSPS
50 MSPS
70 MSPS
100 MSPS
48
54
60
66
72
78
0
5
10
15
20
25
30
35
Figure 4
SPURIOUS FREE DYNAMIC RANGE
vs
OUTPUT FREQUENCY
Fout – MHz
5 MSPS
67 MSPS
AVDD = 3.3 V
DVDD = 3.3 V
25 MSPS
50 MSPS
† AVDD and DVDD specified for each chart seperately, IOUTFS = 20 mA, single-ended output IOUT1, 50 Ω doubly terminated load, TA = 25°C
(unless otherwise noted.)


Similar Part No. - THS5641PW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS5641A TI-THS5641A Datasheet
703Kb / 28P
[Old version datasheet]   8-BIT, 100 MSPS, CommsDACE DIGITAL-TO-ANALOG CONVERTER
THS5641ADW TI-THS5641ADW Datasheet
703Kb / 28P
[Old version datasheet]   8-BIT, 100 MSPS, CommsDACE DIGITAL-TO-ANALOG CONVERTER
THS5641AIDW TI-THS5641AIDW Datasheet
703Kb / 28P
[Old version datasheet]   8-BIT, 100 MSPS, CommsDACE DIGITAL-TO-ANALOG CONVERTER
THS5641AIDW TI1-THS5641AIDW Datasheet
897Kb / 31P
[Old version datasheet]   8-BIT, 100 MSPS, CommsDAC DIGITAL-TO-ANALOG CONVERTER
THS5641AIDWG4 TI1-THS5641AIDWG4 Datasheet
897Kb / 31P
[Old version datasheet]   8-BIT, 100 MSPS, CommsDAC DIGITAL-TO-ANALOG CONVERTER
More results

Similar Description - THS5641PW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS5641A TI-THS5641A Datasheet
703Kb / 28P
[Old version datasheet]   8-BIT, 100 MSPS, CommsDACE DIGITAL-TO-ANALOG CONVERTER
THS5651 TI-THS5651 Datasheet
702Kb / 28P
[Old version datasheet]   10-BIT, 100 MSPS, CommsDACE DIGITAL-TO-ANALOG CONVERTER
THS5661 TI-THS5661 Datasheet
755Kb / 29P
[Old version datasheet]   12-BIT, 100 MSPS, CommsDACE DIGITAL-TO-ANALOG CONVERTER
THS5651A TI-THS5651A Datasheet
737Kb / 30P
[Old version datasheet]   10-BIT, 125 MSPS, CommsDACE DIGITAL-TO-ANALOG CONVERTER
THS5661A TI-THS5661A Datasheet
814Kb / 31P
[Old version datasheet]   12-BIT, 125 MSPS, CommsDACE DIGITAL-TO-ANALOG CONVERTER
THS5641 TI1-THS5641_05 Datasheet
731Kb / 29P
[Old version datasheet]   8-BIT, 100 MSPS, CommsDAC DIGITAL-TO-ANALOG CONVERTER
THS5641AIDWG4 TI1-THS5641AIDWG4 Datasheet
897Kb / 31P
[Old version datasheet]   8-BIT, 100 MSPS, CommsDAC DIGITAL-TO-ANALOG CONVERTER
ADS5295 TI-ADS5295 Datasheet
2Mb / 91P
[Old version datasheet]   12-Bit, 100-MSPS, 8-Channel Analog-to-Digital Converter
THS5661 TI1-THS5661_05 Datasheet
784Kb / 30P
[Old version datasheet]   12-BIT, 100 MSPS, CommsDAC DIGITAL-TO-ANALOG CONVERTER
THS5651 TI1-THS5651_05 Datasheet
731Kb / 29P
[Old version datasheet]   10-BIT, 100 MSPS, CommsDAC DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com