Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CST-535G Datasheet(PDF) 4 Page - China Semiconductor Corporation

Part # CST-535G
Description  0.56 Inch Triad Digit Display
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHINASEMI [China Semiconductor Corporation]
Direct Link  
Logo CHINASEMI - China Semiconductor Corporation

CST-535G Datasheet(HTML) 4 Page - China Semiconductor Corporation

  CST-535G Datasheet HTML 1Page - China Semiconductor Corporation CST-535G Datasheet HTML 2Page - China Semiconductor Corporation CST-535G Datasheet HTML 3Page - China Semiconductor Corporation CST-535G Datasheet HTML 4Page - China Semiconductor Corporation CST-535G Datasheet HTML 5Page - China Semiconductor Corporation CST-535G Datasheet HTML 6Page - China Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
CHINA
SEMICONDUCTOR
Spec. No.
CORPORATION
Rev.
Electro-optical Characteristics -
(Ta=25 )
Symbol
Min.
Typ.
Max.
Unit
Condition
VF
-
2.1
2.8
V
IF=20mA
Iv
-
4.5
-
mcd
IF=10mA
q
-
568
-
nm
IF=20mA
Od
-
572
-
nm
IF=20mA
-
30
-
nm
IF=20mA
JS
-
-
100
A
VR=5V
IV-m
-
-
2:1
.
IF=10mA
Page
3/5
A
Reverse Current
Dominant Wavelength
http://www.csctw.com.tw
Model No CST-534/535G
PS-ND-08090122
Luminous Intensity Matching Ratio
Peak Emission Wavelength
Parameter
Forward Voltage Per Segment
Luminous Intensity Per Segment
Spectrum Radiation Bandwidth


Similar Part No. - CST-535G

ManufacturerPart #DatasheetDescription
logo
China Semiconductor Cor...
CST-535A9 CHINASEMI-CST-535A9 Datasheet
200Kb / 6P
   0.56 Inch Triad Digit Display
CST-535B7 CHINASEMI-CST-535B7 Datasheet
196Kb / 6P
   0.56 Inch Triad Digit Display
CST-535E CHINASEMI-CST-535E Datasheet
200Kb / 6P
   0.56 Inch Triad Digit Display
CST-535M9 CHINASEMI-CST-535M9 Datasheet
209Kb / 6P
   0.56 Inch Triad Digit Display
CST-535S CHINASEMI-CST-535S Datasheet
202Kb / 7P
   0.56 Inch Triad Digit Display
More results

Similar Description - CST-535G

ManufacturerPart #DatasheetDescription
logo
China Semiconductor Cor...
CST-532B7 CHINASEMI-CST-532B7 Datasheet
195Kb / 6P
   0.56 Inch Triad Digit Display
CST-534M9 CHINASEMI-CST-534M9 Datasheet
209Kb / 6P
   0.56 Inch Triad Digit Display
CST-534T9 CHINASEMI-CST-534T9 Datasheet
200Kb / 6P
   0.56 Inch Triad Digit Display
CST-532E CHINASEMI-CST-532E Datasheet
198Kb / 6P
   0.56 Inch Triad Digit Display
CST-532S CHINASEMI-CST-532S Datasheet
199Kb / 6P
   0.56 Inch Triad Digit Display
CST-534A9 CHINASEMI-CST-534A9 Datasheet
200Kb / 6P
   0.56 Inch Triad Digit Display
CST-532A9 CHINASEMI-CST-532A9 Datasheet
199Kb / 6P
   0.56 Inch Triad Digit Display
CST-532M9 CHINASEMI-CST-532M9 Datasheet
208Kb / 7P
   0.56 Inch Triad Digit Display
CST-532T9 CHINASEMI-CST-532T9 Datasheet
199Kb / 6P
   0.56 Inch Triad Digit Display
CST-534B7 CHINASEMI-CST-534B7 Datasheet
196Kb / 6P
   0.56 Inch Triad Digit Display
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com