Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS3002IDGN Datasheet(PDF) 4 Page - Texas Instruments

Part # THS3002IDGN
Description  420-MHz HIGH-SPEED CURRENT-FEEDBACK AMPLIFIERS
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS3002IDGN Datasheet(HTML) 4 Page - Texas Instruments

  THS3002IDGN Datasheet HTML 1Page - Texas Instruments THS3002IDGN Datasheet HTML 2Page - Texas Instruments THS3002IDGN Datasheet HTML 3Page - Texas Instruments THS3002IDGN Datasheet HTML 4Page - Texas Instruments THS3002IDGN Datasheet HTML 5Page - Texas Instruments THS3002IDGN Datasheet HTML 6Page - Texas Instruments THS3002IDGN Datasheet HTML 7Page - Texas Instruments THS3002IDGN Datasheet HTML 8Page - Texas Instruments THS3002IDGN Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
THS3001, THS3002
420-MHz HIGH-SPEED CURRENT-FEEDBACK AMPLIFIERS
SLOS217A – JULY 1998 – REVISED JUNE 1999
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
operating characteristics, TA = 25°C, RL = 150 Ω, RF = 1 kΩ (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VCC = ±5 V,
G = – 5
1700
SR
Slew rate (see Note 2)
CC
,
VO(PP) = 4 V
G = 5
1300
V/
µs
SR
Slew rate (see Note 2)
VCC = ±15 V,
G = – 5
6500
V/
µs
CC
,
VO(PP) = 20 V
G = 5
6300
t
Settling time to 0.1%
VCC = ±15 V,
0 V to 10 V Step
Gain = –1,
40
ns
ts
Settling time to 0.1%
VCC = ±5 V,
0 V to 2 V Step,
Gain = –1,
25
ns
THD
Total harmonic distortion
VCC = ±15 V,
fc = 10 MHz,
VO(PP) = 2 V,
G = 2
–80
dBc
AD
Differential gain error
G = 2,
40 IRE modulation,
VCC = ±5 V
0.015%
AD
Differential gain error
,
±100 IRE Ramp,
NTSC and PAL
VCC = ±15 V
0.01%
θD
Differential phase error
G = 2,
40 IRE modulation,
VCC = ±5 V
0.01
°
θD
Differential phase error
,
±100 IRE Ramp,
NTSC and PAL
VCC = ±15 V
0.02
°
G=1
RF =1kΩ
VCC = ±5 V,
330
MHz
G = 1, RF = 1 kΩ,
VCC = ±15 V,
420
MHz
Small signal bandwidth (–3 dB)
G = 2, RF = 750 Ω,
VCC = ±5 V
300
BW
G = 2, RF = 680 Ω,
VCC = ±15 V
385
MHz
G = 5, RF = 560 Ω,
VCC = ±15 V
350
Bandwidth for 0 1 dB flatness
G = 2, RF = 750 Ω,
VCC = ±5 V
85
MHz
Bandwidth for 0.1 dB flatness
G = 2, RF = 680 Ω,
VCC = ±15 V
115
MHz
VCC = ±5 V,
VO(PP) =4V
G = –5
65
MHz
Full power bandwidth (see Note 3)
VO(PP) = 4 V,
RL = 500 Ω
G = 5
62
MHz
Full ower bandwidth (see Note 3)
VCC = ±15 V,
VO(PP) =20V
G = –5
32
MHz
VO(PP) = 20 V
RL = 500 Ω
G = 5
31
MHz
Crosstalk (THS3002 only)
TBD
dB
NOTES:
2. Slew rate is measured from an output level range of 25% to 75%.
3. Full power bandwidth is defined as the frequency at which the output has 3% THD.
PARAMETER MEASUREMENT INFORMATION
VI
VO
+
RG
RF
RL
50
VCC–
VCC+
Figure 1. Test Circuit, Gain = 1 + (RF/RG)


Similar Part No. - THS3002IDGN

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
THS3000 ETC2-THS3000 Datasheet
743Kb / 12P
   Handheld Oscilloscopes
logo
Texas Instruments
THS3001 TI-THS3001 Datasheet
943Kb / 39P
[Old version datasheet]   420-MHz HIGH-SPEED CURRENT-FEEDBACK AMPLIFIER
THS3001 TI1-THS3001 Datasheet
1Mb / 33P
[Old version datasheet]   LOW-DISTORTION, HIGH SLEW RATE, CURRENT-FEEDBACK AMPLIFIERS
THS3001 TI1-THS3001 Datasheet
1Mb / 37P
[Old version datasheet]   2-GHz, LOW DISTORTION, DUAL CURRENT-FEEDBACK AMPLIFIERS
THS3001 TI1-THS3001 Datasheet
838Kb / 28P
[Old version datasheet]   900-MHz, High-Power Output, Current Feedback Amplifier
More results

Similar Description - THS3002IDGN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS3001IDR TI-THS3001IDR Datasheet
943Kb / 39P
[Old version datasheet]   420-MHz HIGH-SPEED CURRENT-FEEDBACK AMPLIFIER
THS3001-DIE TI1-THS3001-DIE Datasheet
64Kb / 4P
[Old version datasheet]   420-MHz HIGH-SPEED CURRENT-FEEDBACK AMPLIFIER
THS3115CPWP TI1-THS3115CPWP Datasheet
1Mb / 35P
[Old version datasheet]   LOW-NOISE, HIGH-SPEED, CURRENT FEEDBACK AMPLIFIERS
logo
Maxim Integrated Produc...
MAX4190ESA MAXIM-MAX4190ESA Datasheet
783Kb / 23P
   Current-Feedback Amplifiers with High-Speed Disable
Rev 1; 2/07
logo
Burr-Brown (TI)
THS3112 BURR-BROWN-THS3112 Datasheet
371Kb / 14P
   LOW-NOISE, HIGH-SPEED CURRENT FEEDBACK AMPLIFIERS
logo
Texas Instruments
THS3122 TI-THS3122 Datasheet
664Kb / 20P
[Old version datasheet]   LOW-NOISE, HIGH-SPEED, 450 mA CURRENT FEEDBACK AMPLIFIERS
THS3122 TI1-THS3122 Datasheet
1Mb / 43P
[Old version datasheet]   Low-Noise, High-Speed, 450-mA Current Feedback Amplifiers
logo
Elantec Semiconductor
EL2260C ELANTEC-EL2260C Datasheet
461Kb / 20P
   Dual/Quad 130 MHz Current Feedback Amplifiers
EL2170C ELANTEC-EL2170C Datasheet
330Kb / 16P
   70 MHz/1 mA Current Mode Feedback Amplifiers
logo
Texas Instruments
THS4061 TI-THS4061_08 Datasheet
869Kb / 30P
[Old version datasheet]   180-MHz HIGH-SPEED AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com