Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS5651A Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # THS5651A
Description  10-BIT, 125 MSPS, CommsDACE DIGITAL-TO-ANALOG CONVERTER
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS5651A Datasheet(HTML) 8 Page - Texas Instruments

Back Button THS5651A Datasheet HTML 4Page - Texas Instruments THS5651A Datasheet HTML 5Page - Texas Instruments THS5651A Datasheet HTML 6Page - Texas Instruments THS5651A Datasheet HTML 7Page - Texas Instruments THS5651A Datasheet HTML 8Page - Texas Instruments THS5651A Datasheet HTML 9Page - Texas Instruments THS5651A Datasheet HTML 10Page - Texas Instruments THS5651A Datasheet HTML 11Page - Texas Instruments THS5651A Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
background image
THS5651A
10-BIT, 125 MSPS, CommsDAC
DIGITAL-TO-ANALOG CONVERTER
SLAS260 – FEBRUARY 2000
8
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
48
54
60
66
72
78
0
102030
40
Figure 5
SPURIOUS FREE DYNAMIC RANGE
vs
OUTPUT FREQUENCY AT 70 MSPS
Fout – Output Frequency – MHz
–12 dBFS
–6 dBFS
0 dBFS
DVDD = 5 V
Figure 6
48
54
60
66
72
78
0
1020
304050
SPURIOUS FREE DYNAMIC RANGE
vs
OUTPUT FREQUENCY AT 100 MSPS
Fout – Output Frequency – MHz
–12 dBFS
–6 dBFS
0 dBFS
DVDD = 5 V
48
54
60
66
72
78
0
1020
304050
Figure 7
SPURIOUS FREE DYNAMIC RANGE
vs
OUTPUT FREQUENCY AT 125 MSPS
Fout – Output Frequency – MHz
DVDD = 5 V
–12 dBFS
–6 dBFS
0 dBFS
42
48
54
60
66
72
78
84
90
0
102030
40
Figure 8
SPURIOUS FREE DYNAMIC RANGE
vs
OUTPUT FREQUENCY AT 0 dBFS
Fout – Output Frequency – MHz
DVDD = 3.3 V
fCLK = 5 MSPS
fCLK = 50 MSPS
fCLK = 25 MSPS
fCLK = 100 MSPS
fCLK = 70 MSPS
†AV
DD = 5 V, IOUTFS = 20 mA, differential transformer coupled output, 50 Ω doubly terminated load, TA = 25°C (unless otherwise
noted.)


Similar Part No. - THS5651A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS5651AIDW TI1-THS5651AIDW Datasheet
953Kb / 33P
[Old version datasheet]   10-BIT, 125 MSPS, CommsDAC DIGITAL-TO-ANALOG CONVERTER
THS5651AIDWG4 TI1-THS5651AIDWG4 Datasheet
953Kb / 33P
[Old version datasheet]   10-BIT, 125 MSPS, CommsDAC DIGITAL-TO-ANALOG CONVERTER
THS5651AIDWR TI1-THS5651AIDWR Datasheet
953Kb / 33P
[Old version datasheet]   10-BIT, 125 MSPS, CommsDAC DIGITAL-TO-ANALOG CONVERTER
THS5651AIDWRG4 TI1-THS5651AIDWRG4 Datasheet
953Kb / 33P
[Old version datasheet]   10-BIT, 125 MSPS, CommsDAC DIGITAL-TO-ANALOG CONVERTER
THS5651AIPW TI1-THS5651AIPW Datasheet
953Kb / 33P
[Old version datasheet]   10-BIT, 125 MSPS, CommsDAC DIGITAL-TO-ANALOG CONVERTER
More results

Similar Description - THS5651A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS5661A TI-THS5661A Datasheet
814Kb / 31P
[Old version datasheet]   12-BIT, 125 MSPS, CommsDACE DIGITAL-TO-ANALOG CONVERTER
THS5651 TI-THS5651 Datasheet
702Kb / 28P
[Old version datasheet]   10-BIT, 100 MSPS, CommsDACE DIGITAL-TO-ANALOG CONVERTER
THS5641 TI-THS5641 Datasheet
702Kb / 28P
[Old version datasheet]   8-BIT, 100 MSPS, CommsDACE DIGITAL-TO-ANALOG CONVERTER
THS5641A TI-THS5641A Datasheet
703Kb / 28P
[Old version datasheet]   8-BIT, 100 MSPS, CommsDACE DIGITAL-TO-ANALOG CONVERTER
THS5661 TI-THS5661 Datasheet
755Kb / 29P
[Old version datasheet]   12-BIT, 100 MSPS, CommsDACE DIGITAL-TO-ANALOG CONVERTER
THS5651A TI1-THS5651A_09 Datasheet
953Kb / 33P
[Old version datasheet]   10-BIT, 125 MSPS, CommsDAC DIGITAL-TO-ANALOG CONVERTER
ADS5500-EP TI1-ADS5500-EP Datasheet
932Kb / 36P
[Old version datasheet]   14-BIT 125-MSPS Analog-to-digital Converter
ADS5520IPAP TI1-ADS5520IPAP Datasheet
1Mb / 38P
[Old version datasheet]   12-Bit, 125 MSPS Analog-To-Digital Converter
logo
Burr-Brown (TI)
ADS5510 BURR-BROWN-ADS5510 Datasheet
861Kb / 29P
   11-Bit, 125-MSPS Analog-To-Digital Converter
ADS5510 BURR-BROWN-ADS5510_07 Datasheet
995Kb / 30P
   11-Bit, 125-MSPS Analog-To-Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com