Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CST-835G Datasheet(PDF) 2 Page - China Semiconductor Corporation

Part # CST-835G
Description  0.8 Inch Triad Digit Display
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHINASEMI [China Semiconductor Corporation]
Direct Link  
Logo CHINASEMI - China Semiconductor Corporation

CST-835G Datasheet(HTML) 2 Page - China Semiconductor Corporation

  CST-835G Datasheet HTML 1Page - China Semiconductor Corporation CST-835G Datasheet HTML 2Page - China Semiconductor Corporation CST-835G Datasheet HTML 3Page - China Semiconductor Corporation CST-835G Datasheet HTML 4Page - China Semiconductor Corporation CST-835G Datasheet HTML 5Page - China Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
CHINA
SEMICONDUCTOR
Spec. No.
CORPORATION
Rev.
Features -
1. 0.8 inch (20.3mm) dight height.
3. RoHs compliant.
4. Low power consumption.
5. Easy mounting on P.C. board or socket.
Device Selection Guide -
Package Dimensions -
Page
1/4
PS-ND-08090131
A
Emitted Color
Chip
Part No.
CST-835G
2. Case mold type.
Model No CST-836/835G
GaP
Yellow Green
Material
Common Cathode
Description
Yellow Green
http://www.csctw.com.tw
Common Anode
CST-836G
GaP


Similar Part No. - CST-835G

ManufacturerPart #DatasheetDescription
logo
China Semiconductor Cor...
CST-835A9 CHINASEMI-CST-835A9 Datasheet
179Kb / 5P
   0.8 Inch Triad Digit Display
CST-835B7 CHINASEMI-CST-835B7 Datasheet
174Kb / 5P
   0.8 Inch Triad Digit Display
CST-835E CHINASEMI-CST-835E Datasheet
178Kb / 5P
   0.8 Inch Triad Digit Display
CST-835M9 CHINASEMI-CST-835M9 Datasheet
179Kb / 5P
   0.8 Inch Triad Digit Display
CST-835S CHINASEMI-CST-835S Datasheet
178Kb / 5P
   0.8 Inch Triad Digit Display
More results

Similar Description - CST-835G

ManufacturerPart #DatasheetDescription
logo
China Semiconductor Cor...
CST-836T9 CHINASEMI-CST-836T9 Datasheet
179Kb / 5P
   0.8 Inch Triad Digit Display
CST-836M9 CHINASEMI-CST-836M9 Datasheet
179Kb / 5P
   0.8 Inch Triad Digit Display
CST-836E CHINASEMI-CST-836E Datasheet
178Kb / 5P
   0.8 Inch Triad Digit Display
CST-836V9 CHINASEMI-CST-836V9 Datasheet
174Kb / 5P
   0.8 Inch Triad Digit Display
CST-836A9 CHINASEMI-CST-836A9 Datasheet
179Kb / 5P
   0.8 Inch Triad Digit Display
CST-836S CHINASEMI-CST-836S Datasheet
178Kb / 5P
   0.8 Inch Triad Digit Display
CST-836B7 CHINASEMI-CST-836B7 Datasheet
174Kb / 5P
   0.8 Inch Triad Digit Display
CST-532A9 CHINASEMI-CST-532A9 Datasheet
199Kb / 6P
   0.56 Inch Triad Digit Display
CST-532M9 CHINASEMI-CST-532M9 Datasheet
208Kb / 7P
   0.56 Inch Triad Digit Display
CST-532T9 CHINASEMI-CST-532T9 Datasheet
199Kb / 6P
   0.56 Inch Triad Digit Display
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com