Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS5641AIPW Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # THS5641AIPW
Description  8-BIT, 100 MSPS, CommsDACE DIGITAL-TO-ANALOG CONVERTER
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS5641AIPW Datasheet(HTML) 6 Page - Texas Instruments

Back Button THS5641AIPW Datasheet HTML 2Page - Texas Instruments THS5641AIPW Datasheet HTML 3Page - Texas Instruments THS5641AIPW Datasheet HTML 4Page - Texas Instruments THS5641AIPW Datasheet HTML 5Page - Texas Instruments THS5641AIPW Datasheet HTML 6Page - Texas Instruments THS5641AIPW Datasheet HTML 7Page - Texas Instruments THS5641AIPW Datasheet HTML 8Page - Texas Instruments THS5641AIPW Datasheet HTML 9Page - Texas Instruments THS5641AIPW Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
THS5641A
8-BIT, 100 MSPS, CommsDAC
DIGITAL-TO-ANALOG CONVERTER
SLAS277 –MARCH 2000
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range, AVDD = 5 V,
DVDD = 5 V, IOUTFS = 20 mA, single-ended output IOUT1, 50 Ω doubly terminated load (unless
otherwise noted) (continued)
ac specifications
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
AC linearity (to Nyquist)
fCLK = 5 MSPS, fOUT = 1 MHz, TA = 25°C
68
fCLK = 25 MSPS, fOUT = 1 MHz, TA = 25°C
69
fCLK = 25 MSPS, fOUT = 5 MHz, TA = 25°C
68
fCLK = 25 MSPS, fOUT = 10 MHz, TA = 25°C
56
fCLK = 50 MSPS, fOUT = 1 MHz, TA = 25°C
67
fCLK = 50 MSPS, fOUT = 5 MHz, TA = 25°C
67
SFDR
Spurious free dynamic range
fCLK = 50 MSPS, fOUT = 20 MHz, TA = 25°C
53
dBc
fCLK = 70 MSPS, fOUT = 5 MHz, TA = 25°C
65
fCLK = 70 MSPS, fOUT = 10 MHz, TA = 25°C
63
fCLK = 70 MSPS, fOUT = 20 MHz, TA = 25°C
48
fCLK = 100 MSPS, fOUT = 10 MHz, TA = 25°C
55
fCLK = 100 MSPS, fOUT = 22 MHz, TA = 25°C
55
fCLK = 100 MSPS, fOUT = 40 MHz, TA = 25°C
48
digital specifications
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Interface
VIH
High level input voltage
DVDD = 5 V
3.5
5
V
VIH
High-level input voltage
DVDD = 3.3 V
2.1
3.3
V
VIL
Low level input voltage
DVDD = 5 V
0
1.3
V
VIL
Low-level input voltage
DVDD = 3.3 V
0
0.9
V
IIH
High-level input current
DVDD = 3 V to 5.5 V
–10
10
µA
IIL
Low-level input current
DVDD = 3 V to 5.5 V
–10
10
µA
Input capacitance
1
5
pF
Timing
tsu(D)
Input setup time
1
ns
th(D)
Input hold time
1
ns
tw(LPH)
Input latch pulse high time
4
ns
td(D)
Digital delay time
1
clk
Specifications subject to change


Similar Part No. - THS5641AIPW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS5641AIPW TI1-THS5641AIPW Datasheet
897Kb / 31P
[Old version datasheet]   8-BIT, 100 MSPS, CommsDAC DIGITAL-TO-ANALOG CONVERTER
THS5641AIPWG4 TI1-THS5641AIPWG4 Datasheet
897Kb / 31P
[Old version datasheet]   8-BIT, 100 MSPS, CommsDAC DIGITAL-TO-ANALOG CONVERTER
THS5641AIPWR TI1-THS5641AIPWR Datasheet
897Kb / 31P
[Old version datasheet]   8-BIT, 100 MSPS, CommsDAC DIGITAL-TO-ANALOG CONVERTER
THS5641AIPWRG4 TI1-THS5641AIPWRG4 Datasheet
897Kb / 31P
[Old version datasheet]   8-BIT, 100 MSPS, CommsDAC DIGITAL-TO-ANALOG CONVERTER
More results

Similar Description - THS5641AIPW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS5641 TI-THS5641 Datasheet
702Kb / 28P
[Old version datasheet]   8-BIT, 100 MSPS, CommsDACE DIGITAL-TO-ANALOG CONVERTER
THS5651 TI-THS5651 Datasheet
702Kb / 28P
[Old version datasheet]   10-BIT, 100 MSPS, CommsDACE DIGITAL-TO-ANALOG CONVERTER
THS5661 TI-THS5661 Datasheet
755Kb / 29P
[Old version datasheet]   12-BIT, 100 MSPS, CommsDACE DIGITAL-TO-ANALOG CONVERTER
THS5651A TI-THS5651A Datasheet
737Kb / 30P
[Old version datasheet]   10-BIT, 125 MSPS, CommsDACE DIGITAL-TO-ANALOG CONVERTER
THS5661A TI-THS5661A Datasheet
814Kb / 31P
[Old version datasheet]   12-BIT, 125 MSPS, CommsDACE DIGITAL-TO-ANALOG CONVERTER
THS5641 TI1-THS5641_05 Datasheet
731Kb / 29P
[Old version datasheet]   8-BIT, 100 MSPS, CommsDAC DIGITAL-TO-ANALOG CONVERTER
THS5641AIDWG4 TI1-THS5641AIDWG4 Datasheet
897Kb / 31P
[Old version datasheet]   8-BIT, 100 MSPS, CommsDAC DIGITAL-TO-ANALOG CONVERTER
ADS5295 TI-ADS5295 Datasheet
2Mb / 91P
[Old version datasheet]   12-Bit, 100-MSPS, 8-Channel Analog-to-Digital Converter
THS5661 TI1-THS5661_05 Datasheet
784Kb / 30P
[Old version datasheet]   12-BIT, 100 MSPS, CommsDAC DIGITAL-TO-ANALOG CONVERTER
THS5651 TI1-THS5651_05 Datasheet
731Kb / 29P
[Old version datasheet]   10-BIT, 100 MSPS, CommsDAC DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com