Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CST-5235T9 Datasheet(PDF) 3 Page - China Semiconductor Corporation

Part # CST-5235T9
Description  0.52 Inch Triad Digit Display
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHINASEMI [China Semiconductor Corporation]
Direct Link  
Logo CHINASEMI - China Semiconductor Corporation

CST-5235T9 Datasheet(HTML) 3 Page - China Semiconductor Corporation

  CST-5235T9 Datasheet HTML 1Page - China Semiconductor Corporation CST-5235T9 Datasheet HTML 2Page - China Semiconductor Corporation CST-5235T9 Datasheet HTML 3Page - China Semiconductor Corporation CST-5235T9 Datasheet HTML 4Page - China Semiconductor Corporation CST-5235T9 Datasheet HTML 5Page - China Semiconductor Corporation CST-5235T9 Datasheet HTML 6Page - China Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
CHINA
SEMICONDUCTOR
Spec. No.
CORPORATION
Rev.
Internal Circuit Diagrams -
Absolute Maximum Rating -
(Ta=25 )
Symbol
Unit
PAD
mW
IAF
mA
IPF
mA
-
mA/
VR
V
Topr
Tstg
Page
2/5
Power Dissipation Per Dice
Peak Current Per Dice(duty cycle 1/10, 1kHz)
Continuous Forward Current Per Dice
Derating Linear From 25
Per Dice
0.33
Operating Temp.
Storage Temp.
-35 ~ +85
Solder temperature 1/16 inch below seating plane for 3 seconds at 260
Reverse Voltage Per Dice
-35 ~ +85
http://www.csctw.com.tw
5
90
25
Parameter
Rating
PS-ND-08090106
A
70
Model No CST-5234/5235T9


Similar Part No. - CST-5235T9

ManufacturerPart #DatasheetDescription
logo
China Semiconductor Cor...
CST-5235A9 CHINASEMI-CST-5235A9 Datasheet
196Kb / 6P
   0.52 Inch Triad Digit Display
CST-5235B7 CHINASEMI-CST-5235B7 Datasheet
197Kb / 6P
   0.52 Inch Triad Digit Display
CST-5235E CHINASEMI-CST-5235E Datasheet
199Kb / 6P
   0.52 Inch Triad Digit Display
CST-5235G CHINASEMI-CST-5235G Datasheet
201Kb / 6P
   0.52 Inch Triad Digit Display
CST-5235M9 CHINASEMI-CST-5235M9 Datasheet
205Kb / 6P
   0.52 Inch Triad Digit Display
More results

Similar Description - CST-5235T9

ManufacturerPart #DatasheetDescription
logo
China Semiconductor Cor...
CST-5234B7 CHINASEMI-CST-5234B7 Datasheet
197Kb / 6P
   0.52 Inch Triad Digit Display
CST-5234A9 CHINASEMI-CST-5234A9 Datasheet
196Kb / 6P
   0.52 Inch Triad Digit Display
CST-5234G CHINASEMI-CST-5234G Datasheet
201Kb / 6P
   0.52 Inch Triad Digit Display
CST-5234M9 CHINASEMI-CST-5234M9 Datasheet
205Kb / 6P
   0.52 Inch Triad Digit Display
CST-5234 CHINASEMI-CST-5234 Datasheet
192Kb / 7P
   0.52 Inch Triad Digit Display
CST-5234E CHINASEMI-CST-5234E Datasheet
199Kb / 6P
   0.52 Inch Triad Digit Display
CST-5234S CHINASEMI-CST-5234S Datasheet
197Kb / 6P
   0.52 Inch Triad Digits Display
CST-532A9 CHINASEMI-CST-532A9 Datasheet
199Kb / 6P
   0.56 Inch Triad Digit Display
CST-532M9 CHINASEMI-CST-532M9 Datasheet
208Kb / 7P
   0.56 Inch Triad Digit Display
CST-532T9 CHINASEMI-CST-532T9 Datasheet
199Kb / 6P
   0.56 Inch Triad Digit Display
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com