Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS4051ID Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # THS4051ID
Description  70-MHz HIGH-SPEED AMPLIFIERS
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS4051ID Datasheet(HTML) 2 Page - Texas Instruments

  THS4051ID Datasheet HTML 1Page - Texas Instruments THS4051ID Datasheet HTML 2Page - Texas Instruments THS4051ID Datasheet HTML 3Page - Texas Instruments THS4051ID Datasheet HTML 4Page - Texas Instruments THS4051ID Datasheet HTML 5Page - Texas Instruments THS4051ID Datasheet HTML 6Page - Texas Instruments THS4051ID Datasheet HTML 7Page - Texas Instruments THS4051ID Datasheet HTML 8Page - Texas Instruments THS4051ID Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 30 page
background image
THS4051, THS4052
70-MHz HIGH-SPEED AMPLIFIERS
SLOS238C– MAY 1999 – REVISED MAY 2000
2
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
–100
–90
–80
–70
–60
–50
–40
TOTAL HARMONIC DISTORTION
vs
FREQUENCY
f - Frequency - Hz
20M
10M
100k
1M
RL = 150 Ω
RL = 1 kΩ
VCC = ± 15 V
Gain = 2
VO(PP) = 2 V
AVAILABLE OPTIONS
PACKAGED DEVICES
TA
NUMBER
OF
CHANNELS
PLASTIC
SMALL
OUTLINE†
PLASTIC MSOP†
(DGN)
CERAMIC DIP
(JG)
CHIP
CARRIER
EVALUATION
MODULE
CHANNELS
OUTLINE†
(D)
DEVICE
SYMBOL
(JG)
CARRIER
(FK)
0
°Cto70°C
1
THS4051CD
THS4051CDGN
ACQ
THS4051EVM
0
°C to 70°C
2
THS4052CD
THS4052CDGN‡
ACE
THS4052EVM
–40
°Cto85°C
1
THS4051ID
THS4051IDGN
ACR
– 40
°C to 85°C
2
THS4052ID
THS4052IDGN‡
ACF
–55
°C to 125°C
1
THS4051MJG
THS4051MFK
† The D and DGN packages are available taped and reeled. Add an R suffix to the device type (i.e., THS4051CDGN).
‡ This device is in the Product Preview stage of development. Please contact your local TI sales office for availability.
functional block diagram
OUT
8
6
1
IN–
IN+
2
3
Null
Figure 1. THS4051 – Single Channel
1OUT
1IN–
1IN+
VCC
2OUT
2IN–
2IN+
–VCC
Figure 2. THS4052 – Dual Channel


Similar Part No. - THS4051ID

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
THS4051ID NSC-THS4051ID Datasheet
883Kb / 36P
   70 MHz High Speed AMPLIFIERS
logo
Texas Instruments
THS4051ID TI1-THS4051ID Datasheet
1Mb / 38P
[Old version datasheet]   70-MHz HIGH-SPEED AMPLIFIERS
logo
National Semiconductor ...
THS4051IDG4 NSC-THS4051IDG4 Datasheet
883Kb / 36P
   70 MHz High Speed AMPLIFIERS
logo
Texas Instruments
THS4051IDG4 TI1-THS4051IDG4 Datasheet
1Mb / 38P
[Old version datasheet]   70-MHz HIGH-SPEED AMPLIFIERS
logo
National Semiconductor ...
THS4051IDGN NSC-THS4051IDGN Datasheet
883Kb / 36P
   70 MHz High Speed AMPLIFIERS
More results

Similar Description - THS4051ID

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS4051 TI1-THS4051_18 Datasheet
1Mb / 38P
[Old version datasheet]   70-MHz HIGH-SPEED AMPLIFIERS
logo
National Semiconductor ...
THS4051 NSC-THS4051 Datasheet
883Kb / 36P
   70 MHz High Speed AMPLIFIERS
logo
Texas Instruments
THS7001 TI1-THS7001_16 Datasheet
1Mb / 41P
[Old version datasheet]   70-MHz PROGRAMMABLE-GAIN AMPLIFIERS
THS7001 TI-THS7001 Datasheet
597Kb / 32P
[Old version datasheet]   70-MHz PROGRAMMABLE-GAIN AMPLIFIERS
THS4061 TI-THS4061_08 Datasheet
869Kb / 30P
[Old version datasheet]   180-MHz HIGH-SPEED AMPLIFIERS
logo
National Semiconductor ...
THS4082 NSC-THS4082 Datasheet
971Kb / 32P
   175 MHz High Speed AMPLIFIERS
logo
Texas Instruments
THS4061 TI1-THS4061_16 Datasheet
1Mb / 31P
[Old version datasheet]   180-MHz HIGH-SPEED AMPLIFIERS
THS4061 TI-THS4061 Datasheet
326Kb / 22P
[Old version datasheet]   180-MHz HIGH-SPEED AMPLIFIERS
logo
National Semiconductor ...
THS4061 NSC-THS4061 Datasheet
985Kb / 32P
    180 MHz High Speed AMPLIFIERS
logo
Texas Instruments
THS4041 TI-THS4041 Datasheet
479Kb / 28P
[Old version datasheet]   165-MHz C-STABLE HIGH-SPEED AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com