Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CST-S30320T9 Datasheet(PDF) 4 Page - China Semiconductor Corporation

Part # CST-S30320T9
Description  0.3 Inch Triad Digit SMD Display
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHINASEMI [China Semiconductor Corporation]
Direct Link  
Logo CHINASEMI - China Semiconductor Corporation

CST-S30320T9 Datasheet(HTML) 4 Page - China Semiconductor Corporation

  CST-S30320T9 Datasheet HTML 1Page - China Semiconductor Corporation CST-S30320T9 Datasheet HTML 2Page - China Semiconductor Corporation CST-S30320T9 Datasheet HTML 3Page - China Semiconductor Corporation CST-S30320T9 Datasheet HTML 4Page - China Semiconductor Corporation CST-S30320T9 Datasheet HTML 5Page - China Semiconductor Corporation CST-S30320T9 Datasheet HTML 6Page - China Semiconductor Corporation CST-S30320T9 Datasheet HTML 7Page - China Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
CHINA
SEMICONDUCTOR
Spec. No.
CORPORATION
Rev.
Absolute Maximum Rating -
(Ta=25 )
Symbol
Unit
PAD
mW
IAF
mA
Peak Current Per Dice(duty cycle 1/10,1KHz)
IPF
mA
-
mA/
VR
V
Topr
Tstg
Electro-optical Characteristics -
Symbol
Min.
Typ.
Max.
Unit
VF
-
2.1
2.8
V
Iv
5
13
-
mcd
P
-
592
-
nm
-
20
-
nm
IR
-
-
100
A
IV-m
-
-
2:1
.
Page
3/6
IF=10mA
http://www.csctw.com.tw
Rating
-40 ~ +105
Operating Temp.
Power Dissipation Per Dice
70
Reverse Voltage Per Dice
IF=20mA
VR=5V
PS-DT-S30320/S30321T9
5
IF=20mA
Model No CST-S30320/S30321T9
IF=20mA
IF=10mA
Continuous Forward Current Per Dice
Parameter
25
90
Derating Linear From 25
Per Dice
A
(Ta=25 )
Condition
Storage Temp.
Reverse Current
Peak Emission Wavelength
Luminous Intensity Matching Ratio
Parameter
-40 ~ +105
0.33
Forward Voltage Per Segment
Luminous Intensity Per Segment
Spectrum Radiation Bandwidth


Similar Part No. - CST-S30320T9

ManufacturerPart #DatasheetDescription
logo
China Semiconductor Cor...
CST-S30320A9 CHINASEMI-CST-S30320A9 Datasheet
258Kb / 7P
   0.3 Inch Triad Digit SMD Display
CST-S30320B7 CHINASEMI-CST-S30320B7 Datasheet
248Kb / 7P
   0.3 Inch Triad Digit SMD Display
CST-S30320G CHINASEMI-CST-S30320G Datasheet
254Kb / 7P
   0.3 Inch Triad Digit SMD Display
CST-S30320M9 CHINASEMI-CST-S30320M9 Datasheet
256Kb / 7P
   0.3 Inch Triad Digit SMD Display
CST-S30320S CHINASEMI-CST-S30320S Datasheet
252Kb / 7P
   0.3 Inch Triad Digit SMD Display
More results

Similar Description - CST-S30320T9

ManufacturerPart #DatasheetDescription
logo
China Semiconductor Cor...
CST-S30320A9 CHINASEMI-CST-S30320A9 Datasheet
258Kb / 7P
   0.3 Inch Triad Digit SMD Display
CST-S30320G CHINASEMI-CST-S30320G Datasheet
254Kb / 7P
   0.3 Inch Triad Digit SMD Display
CST-S30320B7 CHINASEMI-CST-S30320B7 Datasheet
248Kb / 7P
   0.3 Inch Triad Digit SMD Display
CST-S30320S CHINASEMI-CST-S30320S Datasheet
252Kb / 7P
   0.3 Inch Triad Digit SMD Display
CST-S30320V9 CHINASEMI-CST-S30320V9 Datasheet
246Kb / 7P
   0.3 Inch Triad Digit SMD Display
CST-S30320M9 CHINASEMI-CST-S30320M9 Datasheet
256Kb / 7P
   0.3 Inch Triad Digit SMD Display
CST-S56320B7 CHINASEMI-CST-S56320B7 Datasheet
267Kb / 7P
   0.56 Inch Triad Digit SMD Display
CST-S56320M9 CHINASEMI-CST-S56320M9 Datasheet
274Kb / 7P
   0.56 Inch Triad Digit SMD Display
CST-S56320T9 CHINASEMI-CST-S56320T9 Datasheet
274Kb / 7P
   0.56 Inch Triad Digit SMD Display
CST-S56320V9 CHINASEMI-CST-S56320V9 Datasheet
265Kb / 7P
   0.56 Inch Triad Digit SMD Display
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com