Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS4062ID Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # THS4062ID
Description  180-MHz HIGH-SPEED AMPLIFIERS
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS4062ID Datasheet(HTML) 2 Page - Texas Instruments

  THS4062ID Datasheet HTML 1Page - Texas Instruments THS4062ID Datasheet HTML 2Page - Texas Instruments THS4062ID Datasheet HTML 3Page - Texas Instruments THS4062ID Datasheet HTML 4Page - Texas Instruments THS4062ID Datasheet HTML 5Page - Texas Instruments THS4062ID Datasheet HTML 6Page - Texas Instruments THS4062ID Datasheet HTML 7Page - Texas Instruments THS4062ID Datasheet HTML 8Page - Texas Instruments THS4062ID Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
THS4061, THS4062
180-MHz HIGH-SPEED AMPLIFIERS
SLOS234D – DECEMBER 1998 – REVISED FEBRUARY 2000
2
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
RELATED DEVICES
DEVICE
DESCRIPTION
THS4011/2
THS4031/2
THS4061/2
290-MHz Low Distortion High-Speed Amplifiers
100-MHz Low Noise High Speed-Amplifiers
180-MHz High-Speed Amplifiers
AVAILABLE OPTIONS
PACKAGED DEVICES
TA
NUMBER OF
CHANNELS
PLASTIC
SMALL
OUTLINE†
(D)
PLASTIC
MSOP†
(DGN)
CERAMIC
DIP
(JG)
CHIP
CARRIER
(FK)
MSOP
SYMBOL
EVALUATION
MODULES
0
°C to
1
THS4061CD
THS4061CDGN
TIABS
THS4061EVM
70
°C
2
THS4062CD
THS4062CDGN
TIABM
THS4062EVM
–40
°C to
1
THS4061ID
THS4061IDGN
TIABT
85
°C
2
THS4062ID
THS4062IDGN
TIABN
–55
°C to
125
°C
1
THS4061MJG
THS4061MFK
† The D and DGN packages are available taped and reeled. Add an R suffix to the device type (i.e., THS4061CDGNR).
functional block diagram
OUT
8
6
1
IN–
IN+
2
3
Null
+
Figure 1. THS4061 – Single Channel
1OUT
1IN–
1IN+
VCC
2OUT
2IN–
2IN+
–VCC
8
6
1
2
3
5
7
4
+
+
Figure 2. THS4062 – Dual Channel


Similar Part No. - THS4062ID

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS4062ID TI-THS4062ID Datasheet
869Kb / 30P
[Old version datasheet]   180-MHz HIGH-SPEED AMPLIFIERS
logo
National Semiconductor ...
THS4062ID NSC-THS4062ID Datasheet
985Kb / 32P
    180 MHz High Speed AMPLIFIERS
logo
Texas Instruments
THS4062ID TI1-THS4062ID Datasheet
1Mb / 31P
[Old version datasheet]   180-MHz HIGH-SPEED AMPLIFIERS
THS4062IDG4 TI-THS4062IDG4 Datasheet
869Kb / 30P
[Old version datasheet]   180-MHz HIGH-SPEED AMPLIFIERS
logo
National Semiconductor ...
THS4062IDG4 NSC-THS4062IDG4 Datasheet
985Kb / 32P
    180 MHz High Speed AMPLIFIERS
More results

Similar Description - THS4062ID

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS4061 TI1-THS4061_16 Datasheet
1Mb / 31P
[Old version datasheet]   180-MHz HIGH-SPEED AMPLIFIERS
THS4061 TI-THS4061_08 Datasheet
869Kb / 30P
[Old version datasheet]   180-MHz HIGH-SPEED AMPLIFIERS
logo
National Semiconductor ...
THS4061 NSC-THS4061 Datasheet
985Kb / 32P
    180 MHz High Speed AMPLIFIERS
THS4082 NSC-THS4082 Datasheet
971Kb / 32P
   175 MHz High Speed AMPLIFIERS
logo
Texas Instruments
THS4051 TI1-THS4051_18 Datasheet
1Mb / 38P
[Old version datasheet]   70-MHz HIGH-SPEED AMPLIFIERS
logo
National Semiconductor ...
THS4051 NSC-THS4051 Datasheet
883Kb / 36P
   70 MHz High Speed AMPLIFIERS
logo
Texas Instruments
THS4051 TI-THS4051 Datasheet
487Kb / 30P
[Old version datasheet]   70-MHz HIGH-SPEED AMPLIFIERS
THS4041 TI-THS4041 Datasheet
479Kb / 28P
[Old version datasheet]   165-MHz C-STABLE HIGH-SPEED AMPLIFIERS
THS4081 TI-THS4081 Datasheet
384Kb / 24P
[Old version datasheet]   175-MHz LOW-POWER HIGH-SPEED AMPLIFIERS
THS4031 TI-THS4031 Datasheet
674Kb / 38P
[Old version datasheet]   100-MHz LOW-NOISE HIGH-SPEED AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com