Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS7002 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # THS7002
Description  DUAL DIFFERENTIAL LINE DRIVERS AND RECEIVERS
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS7002 Datasheet(HTML) 9 Page - Texas Instruments

Back Button THS7002 Datasheet HTML 5Page - Texas Instruments THS7002 Datasheet HTML 6Page - Texas Instruments THS7002 Datasheet HTML 7Page - Texas Instruments THS7002 Datasheet HTML 8Page - Texas Instruments THS7002 Datasheet HTML 9Page - Texas Instruments THS7002 Datasheet HTML 10Page - Texas Instruments THS7002 Datasheet HTML 11Page - Texas Instruments THS7002 Datasheet HTML 12Page - Texas Instruments THS7002 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 40 page
background image
THS6002
DUAL DIFFERENTIAL LINE DRIVERS AND RECEIVERS
SLOS202D– JANUARY 1998– REVISED JULY 1999
9
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Table of Graphs
FIGURE
Supply current
Driver and Receiver
vs Supply voltage
5
Input voltage noise
Driver and Receiver
vs Frequency
6
Input current noise
Driver and Receiver
vs Frequency
6
Closed-loop output impedance
Driver and Receiver
vs Frequency
7
Peak to peak output voltage swing
Driver
vs Supply voltage
8
Peak-to-peak output voltage swing
Receiver
vs Supply voltage
31
Peak to peak output voltage
Driver
vs Load resistance
9
Peak-to-peak output voltage
Receiver
vs Load resistance
32
VIO
Input offset voltage
Driver
vs Free-air temperature
10
VIO
Input offset voltage
Receiver
vs Free-air temperature
33
IIB
Input bias current
Driver
vs Free-air temperature
11
IIB
Input bias current
Receiver
vs Free-air temperature
34
CMMR
Common mode rejection ratio
Driver
vs Free-air temperature
12
CMMR
Common-mode rejection ratio
Receiver
vs Free-air temperature
35
Input to output crosstalk
Driver
vs Frequency
13
Input-to-output crosstalk
Receiver
vs Frequency
36
Driver-to-receiver crosstalk
vs Frequency
14
Receiver-to-driver crosstalk
vs Frequency
37
PSSR
Power supply rejection ratio
Driver
vs Free-air temperature
15
PSSR
Power supply rejection ratio
Receiver
vs Free-air temperature
38
ICC
Supply current
Driver
vs Free-air temperature
16
ICC
Supply current
Receiver
vs Free-air temperature
39
Normalized frequency response
Driver
vs Frequency
17, 18
Normalized frequency response
Receiver
vs Frequency
40, 41
Normalized output response
Driver
vs Frequency
19 – 22
Single-ended output distortion
Driver
vs Output voltage
23
Output distortion
Receiver
vs Output voltage
42
Small and large signal frequency response
Receiver
43, 44
Driver
DC input offset voltage
24, 25
Differential gain
Driver
Number of 150-
Ω loads
26, 27
Differential gain
Receiver
DC input offset voltage
45, 46
Receiver
Number of 150-
Ω loads
47, 48
Driver
DC input offset voltage
24, 25
Differential phase
Driver
Number of 150-
Ω loads
26, 27
Differential phase
Receiver
DC input offset voltage
45, 46
Receiver
Number of 150-
Ω loads
47, 48
Output step response
Driver
28 – 30
Output step response
Receiver
49 – 51


Similar Part No. - THS7002

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS7002 TI-THS7002 Datasheet
597Kb / 32P
[Old version datasheet]   70-MHz PROGRAMMABLE-GAIN AMPLIFIERS
THS7002 TI1-THS7002 Datasheet
1Mb / 35P
[Old version datasheet]   LOW-POWER ADSL CENTRAL-OFFICE LINE DRIVER
THS7002 TI1-THS7002 Datasheet
1Mb / 44P
[Old version datasheet]   250-mA DUAL DIFFERENTIAL LINE DRIVER
THS7002 TI1-THS7002 Datasheet
1Mb / 37P
[Old version datasheet]   500-mA DUAL DIFFERENTIAL LINE DRIVER
THS7002 TI1-THS7002 Datasheet
1Mb / 46P
[Old version datasheet]   DUAL DIFFERENTIAL LINE DRIVERS AND RECEIVERS
More results

Similar Description - THS7002

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS6002 TI1-THS6002_16 Datasheet
1Mb / 46P
[Old version datasheet]   DUAL DIFFERENTIAL LINE DRIVERS AND RECEIVERS
THS6007 TI-THS6007 Datasheet
679Kb / 36P
[Old version datasheet]   DUAL DIFFERENTIAL LINE DRIVERS AND LOW-POWER RECEIVERS
SN65C1167 TI-SN65C1167 Datasheet
288Kb / 14P
[Old version datasheet]   DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
SN75ALS1177 TI-SN75ALS1177_07 Datasheet
485Kb / 16P
[Old version datasheet]   DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
SN75ALS1177 TI-SN75ALS1177_08 Datasheet
514Kb / 16P
[Old version datasheet]   DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
SN65C1167 TI-SN65C1167_06 Datasheet
353Kb / 16P
[Old version datasheet]   DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
SN751178NSR TI-SN751178NSR Datasheet
497Kb / 16P
[Old version datasheet]   DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
SN751177 TI1-SN751177_08 Datasheet
497Kb / 16P
[Old version datasheet]   DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
SN65C1167 TI-SN65C1167_V01 Datasheet
921Kb / 26P
[Old version datasheet]   DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
REVISED NOVEMBER 2009
SN75C1167NSE4 TI1-SN75C1167NSE4 Datasheet
933Kb / 20P
[Old version datasheet]   DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com