Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS4032EVM Datasheet(PDF) 5 Page - Texas Instruments

Part # THS4032EVM
Description  100-MHz LOW-NOISE HIGH-SPEED AMPLIFIERS
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS4032EVM Datasheet(HTML) 5 Page - Texas Instruments

  THS4032EVM Datasheet HTML 1Page - Texas Instruments THS4032EVM Datasheet HTML 2Page - Texas Instruments THS4032EVM Datasheet HTML 3Page - Texas Instruments THS4032EVM Datasheet HTML 4Page - Texas Instruments THS4032EVM Datasheet HTML 5Page - Texas Instruments THS4032EVM Datasheet HTML 6Page - Texas Instruments THS4032EVM Datasheet HTML 7Page - Texas Instruments THS4032EVM Datasheet HTML 8Page - Texas Instruments THS4032EVM Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 38 page
background image
THS4031, THS4032
100-MHz LOW-NOISE HIGH-SPEED AMPLIFIERS
SLOS224C – JULY 1999 – REVISED APRIL 2000
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics at TA = 25°C, VCC = ±15 V, RL = 150 Ω (unless otherwise noted) (continued)
dc performance
PARAMETER
TEST CONDITIONS†
THS403xC, THS403xI
UNIT
PARAMETER
TEST CONDITIONS†
MIN
TYP
MAX
UNIT
VCC = ±15 V RL =1kΩ
VO = ±10 V
TA = 25°C
45
75
Open loop gain
VCC = ±15 V, RL = 1 kΩ
VO = ±10 V
TA = full range
40
V/mV
Open loop gain
VCC = ±5V RL =1kΩ
VO = ±25 V
TA = 25°C
35
55
V/mV
VCC = ±5 V, RL = 1 kΩ
VO = ±2.5 V
TA = full range
30
VOS
Input offset voltage
VCC = ±5Vor ±15 V
TA = 25°C
0.5
2
mV
VOS
Input offset voltage
VCC = ±5 V or ±15 V
TA = full range
3
mV
IIB
Input bias current
VCC = ±5Vor ±15 V
TA = 25°C
3
6
µA
IIB
Input bias current
VCC = ±5 V or ±15 V
TA = full range
8
µA
IOS
Input offset current
VCC = ±5Vor ±15 V
TA = 25°C
30
250
nA
IOS
Input offset current
VCC = ±5 V or ±15 V
TA = full range
400
nA
Offset voltage drift
VCC = ±5 V or ±15 V
TA = full range
10
µV/°C
Input offset current drift
VCC = ±5 V or ±15 V
TA = full range
0.2
nA/
°C
† Full range = 0
°C to 70°C for the THS403xC and –40°C to 85°C for the THS403xI.
input characteristics
PARAMETER
TEST CONDITIONS†
THS403xC, THS403xI
UNIT
PARAMETER
TEST CONDITIONS†
MIN
TYP
MAX
UNIT
VICR
Common mode input voltage range
VCC = ±15 V
±13.5 ±14.3
V
VICR
Common-mode input voltage range
VCC = ±5 V
±3.8
±4.3
V
VCC = ±15 V
VICR = ±12 V
TA = 25°C
85
95
CMRR
Common mode rejection ratio
VCC = ±15 V,
VICR = ±12 V
TA = full range
80
dB
CMRR
Common mode rejection ratio
VCC = ±5V
VICR = ±25 V
TA = 25°C
90
100
dB
VCC = ±5 V,
VICR = ±2.5 V
TA = full range
85
ri
Input resistance
2
M
Ci
Input capacitance
1.5
pF
† Full range = 0
°C to 70°C for the THS403xC and –40°C to 85°C for the THS403xI.
output characteristics
PARAMETER
TEST CONDITIONS†
THS403xC, THS403xI
UNIT
PARAMETER
TEST CONDITIONS†
MIN
TYP
MAX
UNIT
VCC = ±15 V
RL =1kΩ
±13 ±13.6
VO
Output voltage swing
VCC = ±5 V
RL = 1 kΩ
±3.4
±3.8
V
VO
Output voltage swing
VCC = ±15 V
RL = 250 Ω
±12 ±12.9
V
VCC = ±5 V
RL = 150 Ω
±3
±3.5
IO
Output current‡
VCC = ±15 V
RL =20 Ω
60
90
mA
IO
Output current‡
VCC = ±5 V
RL = 20 Ω
50
70
mA
ISC
Short-circuit current‡
VCC = ±15 V
150
mA
RO
Output resistance
Open loop
13
† Full range = 0
°C to 70°C for the THS403xC and –40°C to 85°C for the THS403xI.
‡ Observe power dissipation ratings to keep the junction temperature below the absolute maximum rating when the output is heavily loaded or
shorted. See the absolute maximum ratings section of this data sheet for more information.


Similar Part No. - THS4032EVM

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS4032 TI-THS4032 Datasheet
1Mb / 47P
[Old version datasheet]   100-MHz LOW-NOISE HIGH-SPEED AMPLIFIERS
THS4032 TI1-THS4032 Datasheet
1Mb / 24P
[Old version datasheet]   12-Bit, Serial Input, Multiplying Digital-to-Analog Converter
THS4032 TI1-THS4032 Datasheet
1Mb / 24P
[Old version datasheet]   Dual, 12-Bit, Parallel Input, Multiplying Digital-to-Analog Converter
THS4032-EP TI1-THS4032-EP Datasheet
1Mb / 38P
[Old version datasheet]   100-MHz LOW-NOISE HIGH-SPEED AMPLIFIERS
THS40321-EP TI-THS40321-EP_15 Datasheet
1Mb / 38P
[Old version datasheet]   100-MHz LOW-NOISE HIGH-SPEED AMPLIFIERS
More results

Similar Description - THS4032EVM

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS4031-EP TI-THS4031-EP Datasheet
1Mb / 37P
[Old version datasheet]   100-MHz LOW-NOISE HIGH-SPEED AMPLIFIERS
THS4032IDR TI-THS4032IDR Datasheet
1Mb / 47P
[Old version datasheet]   100-MHz LOW-NOISE HIGH-SPEED AMPLIFIERS
THS4031CDR TI-THS4031CDR Datasheet
1Mb / 47P
[Old version datasheet]   100-MHz LOW-NOISE HIGH-SPEED AMPLIFIERS
THS40321-EP TI-THS40321-EP_15 Datasheet
1Mb / 38P
[Old version datasheet]   100-MHz LOW-NOISE HIGH-SPEED AMPLIFIERS
THS4032-EP TI1-THS4032-EP Datasheet
1Mb / 38P
[Old version datasheet]   100-MHz LOW-NOISE HIGH-SPEED AMPLIFIERS
THS4031 TI1-THS4031_16 Datasheet
1Mb / 47P
[Old version datasheet]   THS403x 100-MHz Low-Noise High-Speed Amplifiers
THS4021 TI-THS4021 Datasheet
366Kb / 22P
[Old version datasheet]   350-MHz LOW-NOISE HIGH-SPEED AMPLIFIERS
THS4021 TI1-THS4021_16 Datasheet
1Mb / 29P
[Old version datasheet]   350-MHz LOW-NOISE HIGH-SPEED AMPLIFIERS
OP27A TI-OP27A Datasheet
322Kb / 21P
[Old version datasheet]   LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIERS
logo
Linear Technology
OP-37 LINER-OP-37_15 Datasheet
873Kb / 12P
   LOW NOISE HIGH SPEED PRECISION OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com