Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

556 Datasheet(PDF) 2 Page - Mallory performance club

Part # 556
Description  BIG TWIN MOTORCYCLES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MALLORY [Mallory performance club]
Direct Link  http://mallory-ignition.com/
Logo MALLORY - Mallory performance club

556 Datasheet(HTML) 2 Page - Mallory performance club

  556 Datasheet HTML 1Page - Mallory performance club 556 Datasheet HTML 2Page - Mallory performance club  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
MALLORY IS A DIVISION OF PRESTOLITE PERFORMANCE
10601 MEMPHIS AVE #12, CLEVELAND, OH 44144
216.688.8300
FAX 216.688.8306
www.malloryperformance.com
FORM #1411
(REV. D) 8/08
Made in U.S.A.
Printed in U.S.A.
Step 3
Remove the top from the Mallory distributor by removing the three screws.
Rotate the shaft until the arrow on the shutter wheel points approximately at
the arrow on the housing. Install the Mallory distributor in the engine. The slot
in the top of the housing will clear the cylinder fins.
Step 4
Install a 1966-69 distributor clamp. Do not tighten the clamp at this time.
Step 5
Turn the shutter wheel by hand to test the advance. The shutter wheel
should rotate clockwise about 10 degrees and snap back when released.
Using one hand, rotate the shutter wheel clockwise to the fully advanced
position and hold. Using your other hand, rotate the housing until the
arrow on the housing lines up with the arrow on the shutter wheel. Tighten
the distributor clamp bolt. Timing should now be close enought to start the
engine.
Step 6
Replace the Mallory top and install the three screws to hold it in place.
NOTE: The 3 holes in the housing must be aligned with the 3 holes in the top
to ensure proper placement of the UNILITE® module. (Tech Tip: Add some
Blue Loctite to 3 screws to help prevent them from vibrating loose.)
Step 7
Connect the wires as shown in Figures C and D. Start the engine and
check the timing with a timing light. NOTE: when checking the timing,
engine RPM must be above 2000 for accurate timing results.
FIGURE B
SINGLE PLUG HEADS
GREEN
RED
2 TO 4 OHM
BROWN
GROUND
12 VOLTS FROM IGNITION SWITCH
FIGURE C
DUAL PLUG HEADS
GREEN
JUMPER
12 VOLTS FROM IGNITION SWITCH
RED
BROWN
GROUND
1 TO 2 OHM
1 TO 2 OHM
FIGURE D


Similar Part No. - 556

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
556 CDE-556 Datasheet
81Kb / 5P
   Computer Grade, Axial Leaded, Aluminum
logo
List of Unclassifed Man...
556 ETC2-556 Datasheet
1Mb / 16P
   Drywall Punch
logo
EDAC, All Rights Reserv...
556-003-000-101 EDAC-556-003-000-101 Datasheet
243Kb / 2P
   556 Series Rack and Panel Connectors | .156" (3.96mm) Contact Spacing | 3 Pin
556-003-000-102 EDAC-556-003-000-102 Datasheet
243Kb / 2P
   556 Series Rack and Panel Connectors | .156" (3.96mm) Contact Spacing | 3 Pin
556-003-000-201 EDAC-556-003-000-201 Datasheet
243Kb / 2P
   556 Series Rack and Panel Connectors | .156" (3.96mm) Contact Spacing | 3 Pin
More results

Similar Description - 556

ManufacturerPart #DatasheetDescription
logo
Mallory performance clu...
576 MALLORY-576 Datasheet
117Kb / 2P
   HARLEY DAVIDSON SPORTSTER MOTORCYCLES
logo
MIC GROUP RECTIFIERS
BSOZAA30L MIC-BSOZAA30L Datasheet
20Kb / 1P
   BIG SOZA CELL
logo
Shanghai Lunsure Electr...
BSOZAA30M CHENYI-BSOZAA30M Datasheet
48Kb / 2P
   BIG SOZA CELL
BSOZAA40Z CHENYI-BSOZAA40Z Datasheet
48Kb / 2P
   BIG SOZA CELL
logo
Kingbright Corporation
DLA-6ID KINGBRIGHT-DLA-6ID Datasheet
178Kb / 4P
   20mm BIG LAMP
DLA-6YD KINGBRIGHT-DLA-6YD Datasheet
177Kb / 4P
   20mm BIG LAMP
DLC-6SGD KINGBRIGHT-DLC-6SGD Datasheet
175Kb / 4P
   20mm BIG LAMP
logo
SunLED Corporation
FUR20D6A SUNLED-FUR20D6A Datasheet
188Kb / 4P
   20mm BIG LAMP
logo
MIC GROUP RECTIFIERS
BSOZAA30Z MIC-BSOZAA30Z Datasheet
20Kb / 1P
   BIG SOZA CELL
logo
Shanghai Lunsure Electr...
BSOZA301 CHENYI-BSOZA301 Datasheet
160Kb / 2P
   BIG SOZA CELL
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com