Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS4052EVM Datasheet(PDF) 10 Page - Texas Instruments

Part # THS4052EVM
Description  70-MHz HIGH-SPEED AMPLIFIERS
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS4052EVM Datasheet(HTML) 10 Page - Texas Instruments

Back Button THS4052EVM Datasheet HTML 6Page - Texas Instruments THS4052EVM Datasheet HTML 7Page - Texas Instruments THS4052EVM Datasheet HTML 8Page - Texas Instruments THS4052EVM Datasheet HTML 9Page - Texas Instruments THS4052EVM Datasheet HTML 10Page - Texas Instruments THS4052EVM Datasheet HTML 11Page - Texas Instruments THS4052EVM Datasheet HTML 12Page - Texas Instruments THS4052EVM Datasheet HTML 13Page - Texas Instruments THS4052EVM Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
THS4051, THS4052
70-MHz HIGH-SPEED AMPLIFIERS
SLOS238C– MAY 1999 – REVISED MAY 2000
10
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 12
–20
–30
–40
–50
–60
–70
100k
1M
–80
f – Frequency – Hz
10M
100M
VCC = ± 15 V
Gain = 2
RF = 3.6 kΩ
RL = 150 Ω
CROSSTALK
vs
FREQUENCY
Figure 13
–20
0
20
40
60
80
100
OPEN LOOP GAIN AND
PHASE RESPONSE
vs
FREQUENCY
f - Frequency - Hz
100M
10M
100k
1M
–60
–90
0
30
–150
–120
–30
Gain
Phase
VCC = ± 5 V & ±15 V
Figure 14
–100
–90
–80
–70
–60
–50
–40
TOTAL HARMONIC DISTORTION
vs
FREQUENCY
f - Frequency - Hz
20M
10M
100k
1M
RL = 150 Ω
RL = 1 kΩ
VCC = ± 15 V
Gain = 2
VO(PP) = 2 V
Figure 15
0
DISTORTION
vs
OUTPUT VOLTAGE
–55
–60
–66
–70
–75
–80
VO – Output Voltage – V
–85
–90
510
15
20
–50
VCC = ± 15 V
RL = 1 kΩ
G = 5
f = 1 MHz
2nd Harmonic
3rd Harmonic
Figure 16
0
DISTORTION
vs
OUTPUT VOLTAGE
–55
–60
–66
–70
–75
–80
–85
–90
510
15
20
–50
VCC = ± 15 V
RL = 150 Ω
G = 5
f = 1 MHz
2nd Harmonic
3rd Harmonic
VO – Output Voltage – V
Figure 17
DISTORTION
vs
FREQUENCY
–40
–50
–60
–70
–80
f – Frequency – Hz
–90
–100
100k
1M
10M
100M
VCC = ± 15 V
RL = 1 kΩ
G = 2
VO(PP) = 2 V
2nd Harmonic
3rd Harmonic
Figure 18
DISTORTION
vs
FREQUENCY
–40
–50
–60
–70
–80
f – Frequency – Hz
–90
–100
100k
1M
10M
100M
VCC = ± 5 V
RL = 1 kΩ
G = 2
VO(PP) = 2 V
2nd Harmonic
3rd Harmonic
Figure 19
DISTORTION
vs
FREQUENCY
–40
–50
–60
–70
–80
f – Frequency – Hz
–90
–100
100k
1M
10M
100M
VCC = ± 15 V
RL = 150 Ω
G = 2
VO(PP) = 2 V
2nd Harmonic
3rd Harmonic


Similar Part No. - THS4052EVM

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS4052 TI1-THS4052 Datasheet
884Kb / 36P
[Old version datasheet]   70MHZ HIGH SPEED AMPLIFIERS
THS4052 TI1-THS4052 Datasheet
1Mb / 38P
[Old version datasheet]   70-MHz HIGH-SPEED AMPLIFIERS
logo
National Semiconductor ...
THS4052CD NSC-THS4052CD Datasheet
883Kb / 36P
   70 MHz High Speed AMPLIFIERS
logo
Texas Instruments
THS4052CD TI1-THS4052CD Datasheet
1Mb / 38P
[Old version datasheet]   70-MHz HIGH-SPEED AMPLIFIERS
logo
National Semiconductor ...
THS4052CDG4 NSC-THS4052CDG4 Datasheet
883Kb / 36P
   70 MHz High Speed AMPLIFIERS
More results

Similar Description - THS4052EVM

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS4051 TI1-THS4051_18 Datasheet
1Mb / 38P
[Old version datasheet]   70-MHz HIGH-SPEED AMPLIFIERS
logo
National Semiconductor ...
THS4051 NSC-THS4051 Datasheet
883Kb / 36P
   70 MHz High Speed AMPLIFIERS
logo
Texas Instruments
THS7001 TI1-THS7001_16 Datasheet
1Mb / 41P
[Old version datasheet]   70-MHz PROGRAMMABLE-GAIN AMPLIFIERS
THS7001 TI-THS7001 Datasheet
597Kb / 32P
[Old version datasheet]   70-MHz PROGRAMMABLE-GAIN AMPLIFIERS
THS4061 TI-THS4061_08 Datasheet
869Kb / 30P
[Old version datasheet]   180-MHz HIGH-SPEED AMPLIFIERS
logo
National Semiconductor ...
THS4082 NSC-THS4082 Datasheet
971Kb / 32P
   175 MHz High Speed AMPLIFIERS
logo
Texas Instruments
THS4061 TI1-THS4061_16 Datasheet
1Mb / 31P
[Old version datasheet]   180-MHz HIGH-SPEED AMPLIFIERS
THS4061 TI-THS4061 Datasheet
326Kb / 22P
[Old version datasheet]   180-MHz HIGH-SPEED AMPLIFIERS
logo
National Semiconductor ...
THS4061 NSC-THS4061 Datasheet
985Kb / 32P
    180 MHz High Speed AMPLIFIERS
logo
Texas Instruments
THS4041 TI-THS4041 Datasheet
479Kb / 28P
[Old version datasheet]   165-MHz C-STABLE HIGH-SPEED AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com