Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS6062IDGN Datasheet(PDF) 9 Page - Texas Instruments

Part # THS6062IDGN
Description  LOW-NOISE ADSL DUAL DIFFERENTIAL RECEIVER
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS6062IDGN Datasheet(HTML) 9 Page - Texas Instruments

Back Button THS6062IDGN Datasheet HTML 5Page - Texas Instruments THS6062IDGN Datasheet HTML 6Page - Texas Instruments THS6062IDGN Datasheet HTML 7Page - Texas Instruments THS6062IDGN Datasheet HTML 8Page - Texas Instruments THS6062IDGN Datasheet HTML 9Page - Texas Instruments THS6062IDGN Datasheet HTML 10Page - Texas Instruments THS6062IDGN Datasheet HTML 11Page - Texas Instruments THS6062IDGN Datasheet HTML 12Page - Texas Instruments THS6062IDGN Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 31 page
background image
THS6062
LOW-NOISE ADSL DUAL DIFFERENTIAL RECEIVER
SLOS228B – JANUARY 1999 – REVISED JUNE 1999
9
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 9
80
70
60
50
–40
–20
0
20
40
90
100
MAXIMUM OUTPUT CURRENT
vs
FREE-AIR TEMPERATURE
110
60
80
100
TA – Free-Air Temperature – °C
VCC = ± 15 V
Sink Current
VCC = ± 15 V
Source Current
VCC = ± 5 V
Sink Current
VCC = ± 5 V
Source Current
RL = 20 Ω
VCC = ± 2.5 V
Source Current
VCC = ± 2.5 V
Sink Current
Figure 10
8
7
6
5
–40
–20
0
20
40
9
10
SUPPLY CURRENT
vs
FREE-AIR TEMPERATURE
11
60
80
100
TA – Free-Air Temperature – °C
VCC = ± 10 V
VCC = ± 5 V
VCC = ± 2.5 V
VCC = ± 15 V
Figure 11
± VCC – Supply Voltage – ± V
TA = 25°C
7.5
5
2.5
0
0
2.5
5
7.5
10
12.5
COMMON-MODE INPUT VOLTAGE
vs
SUPPLY VOLTAGE
15
10
12.5
15
Figure 12
1
0.1
0.01
100 k
1 M
10
f – Frequency – Hz
CLOSED-LOOP OUTPUT IMPEDANCE
vs
FREQUENCY
100
100 M
500 M
10 M
Gain = 1
RF = 1 kΩ
PI = + 3 dBm
VO
+
50
1 k
1 k
VI
THS6062
(
VO
VI
=
1000
Zo
)
– 1


Similar Part No. - THS6062IDGN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS6062IDGN TI1-THS6062IDGN Datasheet
1Mb / 36P
[Old version datasheet]   LOW-NOISE ADSL DUAL DIFFERENTIAL RECEIVER
THS6062IDGNG4 TI1-THS6062IDGNG4 Datasheet
1Mb / 36P
[Old version datasheet]   LOW-NOISE ADSL DUAL DIFFERENTIAL RECEIVER
THS6062IDGNR TI1-THS6062IDGNR Datasheet
1Mb / 36P
[Old version datasheet]   LOW-NOISE ADSL DUAL DIFFERENTIAL RECEIVER
THS6062IDGNR TI1-THS6062IDGNR Datasheet
1Mb / 36P
[Old version datasheet]   LOW-NOISE ADSL DUAL DIFFERENTIAL RECEIVER
THS6062IDGNRG4 TI1-THS6062IDGNRG4 Datasheet
1Mb / 36P
[Old version datasheet]   LOW-NOISE ADSL DUAL DIFFERENTIAL RECEIVER
More results

Similar Description - THS6062IDGN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS6062 TI1-THS6062_16 Datasheet
1Mb / 36P
[Old version datasheet]   LOW-NOISE ADSL DUAL DIFFERENTIAL RECEIVER
THS6062IDR TI1-THS6062IDR Datasheet
1Mb / 36P
[Old version datasheet]   LOW-NOISE ADSL DUAL DIFFERENTIAL RECEIVER
THS6072 TI-THS6072 Datasheet
385Kb / 24P
[Old version datasheet]   LOW-POWER ADSL DIFFERENTIAL RECEIVER
logo
National Semiconductor ...
THS6072 NSC-THS6072 Datasheet
971Kb / 31P
   LOW-POWER ADSL DIFFERENTIAL RECEIVER
logo
Texas Instruments
DS78LS120QML TI1-DS78LS120QML Datasheet
520Kb / 12P
[Old version datasheet]   Dual Differential Line Receiver (Noise Filtering and Fail-Safe)
logo
National Semiconductor ...
DS78LS120 NSC-DS78LS120 Datasheet
610Kb / 9P
   Dual Differential Line Receiver (Noise Filtering and Fail-Safe)
DS90C402 NSC-DS90C402_05 Datasheet
568Kb / 8P
   Dual Low Voltage Differential Signaling (LVDS) Receiver
logo
Texas Instruments
DS90C402 TI1-DS90C402_13 Datasheet
813Kb / 14P
[Old version datasheet]   Dual Low Voltage Differential Signaling (LVDS) Receiver
logo
National Semiconductor ...
DS90C402 NSC-DS90C402 Datasheet
133Kb / 8P
   Dual Low Voltage Differential Signaling (LVDS) Receiver
logo
Texas Instruments
SN75157 TI1-SN75157_14 Datasheet
906Kb / 15P
[Old version datasheet]   DUAL DIFFERENTIAL LINE RECEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com