Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS8133ATQFP Datasheet(PDF) 6 Page - Texas Instruments

Part # THS8133ATQFP
Description  TRIPLE 10-BIT, 80 MSPS VIDEO D/A CONVERTER WITH TRI-LEVEL SYNC GENERATION
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS8133ATQFP Datasheet(HTML) 6 Page - Texas Instruments

Back Button THS8133ATQFP Datasheet HTML 2Page - Texas Instruments THS8133ATQFP Datasheet HTML 3Page - Texas Instruments THS8133ATQFP Datasheet HTML 4Page - Texas Instruments THS8133ATQFP Datasheet HTML 5Page - Texas Instruments THS8133ATQFP Datasheet HTML 6Page - Texas Instruments THS8133ATQFP Datasheet HTML 7Page - Texas Instruments THS8133ATQFP Datasheet HTML 8Page - Texas Instruments THS8133ATQFP Datasheet HTML 9Page - Texas Instruments THS8133ATQFP Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
THS8133, THS8133A, THS8133B
TRIPLE 10-BIT, 80 MSPS VIDEO D/A CONVERTER
WITH TRI-LEVEL SYNC GENERATION
SLVS204C – APRIL 1999 – REVISED SEPTEMBER 2000
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
programming example (continued)
T0
T1
T2
T3
T4
T5
T6
T7
T8
RPr(0)
RPr(1)
RPr(2)
RPr(3)
RPr(4)
RPr(5)
RPr(6)
RPr(7)
RPr(8)
GY(0)
GY(1)
GY(2)
GY(3)
GY(4)
GY(5)
GY(6)
GY(7)
GY(8)
BPb(0)
BPb(1)
BPb(2)
BPb(3)
BPb(4)
BPb(5)
BPb(6)
BPb(7)
BPb(8)
CLK
RPr[9–0]
GY[9–0]
BPb[9–0]
ARPr, AGY,
ABPb output
corresponding
to RPr(0),
GY(0), BPb(0)
data path latency = 7 CLK cycles
RPr(0), GY(0), BPb(0)
registered
Figure 3. Input Format and Latency YPbPr 4:4:4 and GBR 4:4:4 Modes
First registered sample on RPr[9–0] after L-
>H
on BLANK is interpreted as Pb[9–0]
T0
T1
T2
T3
T4
T5
T6
T7
T8
Pb(0)
Pr(0)
Pb(2)
Pr(2)
Pb(4)
Pr(4)
Pb(6)
Pr(6)
Pb(8)
RPr[9–0]
ARPr, AGY,
ABPb output
corresponding to Pr(0),
Y(0), Pb(0)
data path latency = 8 CLK cycles
Pb(0), Y(0)
registered
T9
Pr(8)
Y(0)
Y(1)
Y(2)
Y(3)
Y(4)
Y(5)
Y(6)
Y(7)
Y(8)
GY[9–0]
Y(9)
BPb[9–0]
BLANK
Pr(0), Y(1)
registered
Figure 4. Input Format and Latency YPbPr 4:2:2 2
×10 Bit Mode


Similar Part No. - THS8133ATQFP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS8133A TI-THS8133A Datasheet
630Kb / 25P
[Old version datasheet]   TRIPLE 10-BIT, 80 MSPS VIDEO D/A CONVERTER WITH TRI-LEVEL SYNC GENERATION WITH TRI-LEVEL SYNC GENERATION
THS8133ACPHP TI-THS8133ACPHP Datasheet
630Kb / 25P
[Old version datasheet]   TRIPLE 10-BIT, 80 MSPS VIDEO D/A CONVERTER WITH TRI-LEVEL SYNC GENERATION WITH TRI-LEVEL SYNC GENERATION
More results

Similar Description - THS8133ATQFP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS8133 TI-THS8133_07 Datasheet
630Kb / 25P
[Old version datasheet]   TRIPLE 10-BIT, 80 MSPS VIDEO D/A CONVERTER WITH TRI-LEVEL SYNC GENERATION WITH TRI-LEVEL SYNC GENERATION
THS8134 TI-THS8134 Datasheet
346Kb / 24P
[Old version datasheet]   TRIPLE 8-BIT, 80 MSPS VIDEO D/A CONVERTER WITH TRI-LEVEL SYNC GENERATION
logo
Cadeka Microcircuits LL...
TMC3003 CADEKA-TMC3003 Datasheet
200Kb / 12P
   Triple Video D/A Converter 10 bit, 80 Msps
TMC3033 CADEKA-TMC3033 Datasheet
216Kb / 12P
   Triple Video D/A Converter 10 bit, 80 Msps
logo
Fairchild Semiconductor
TMC3033 FAIRCHILD-TMC3033 Datasheet
119Kb / 12P
   Triple Video D/A Converter 10 bit, 80 Msps
logo
Texas Instruments
THS8134 TI1-THS8134_14 Datasheet
408Kb / 26P
[Old version datasheet]   TRIPLE 8-BIT, 80 MSPS VIDEO D/A CONVERTER
logo
Fairchild Semiconductor
TMC3533 FAIRCHILD-TMC3533 Datasheet
68Kb / 12P
   Triple Video D/A Converter 8 bit, 80 Msps, 3.3V
TMC3503 FAIRCHILD-TMC3503 Datasheet
69Kb / 14P
   Triple Video D/A Converter 8 bit, 80 Msps, 5V
logo
Cadeka Microcircuits LL...
TMC3503 CADEKA-TMC3503 Datasheet
171Kb / 14P
   Triple Video D/A Converter 8 bit, 80 Msps, 5V
logo
Texas Instruments
THS8135 TI-THS8135 Datasheet
342Kb / 23P
[Old version datasheet]   TRIPLE 10-BIT, 240 MSPS VIDEO DAC WITH TRI-LEVEL SYNC AND VIDEO (ITU-R.BT601) COMPLIANT FULL SCALE RANGE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com