Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS8134TQFP Datasheet(PDF) 6 Page - Texas Instruments

Part # THS8134TQFP
Description  TRIPLE 8-BIT, 80 MSPS VIDEO D/A CONVERTER WITH TRI-LEVEL SYNC GENERATION
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS8134TQFP Datasheet(HTML) 6 Page - Texas Instruments

Back Button THS8134TQFP Datasheet HTML 2Page - Texas Instruments THS8134TQFP Datasheet HTML 3Page - Texas Instruments THS8134TQFP Datasheet HTML 4Page - Texas Instruments THS8134TQFP Datasheet HTML 5Page - Texas Instruments THS8134TQFP Datasheet HTML 6Page - Texas Instruments THS8134TQFP Datasheet HTML 7Page - Texas Instruments THS8134TQFP Datasheet HTML 8Page - Texas Instruments THS8134TQFP Datasheet HTML 9Page - Texas Instruments THS8134TQFP Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
THS8134, THS8134A, THS8134B
TRIPLE 8-BIT, 80 MSPS VIDEO D/A CONVERTER
WITH TRI-LEVEL SYNC GENERATION
SLVS205D – MAY 1999 – REVISED MARCH 2000
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
Table 2. INS3_INT/M2_INT Selection on M2
LAST
EVENT ON
SYNC
SYNC_T
M1
M2
(see Note 2)
DESCRIPTION
H
→L
L or H
X
INS3_INT
Sync insertion active: SYNC low enables sync generation on 1 (INS3_INT=L) or all 3
(INS3_INT=H) DAC outputs. SYNC_T determines the sync polarity.
L
→H
X
X
M2_INT
Device mode programming active: The DAC outputs reflect the DAC inputs
(BLANK=H) or are forced to the blanking level (BLANK=L). M2 is interpreted according
to Table 1.
X = Don’t care
NOTE 2: M1 and M2 start configuring the device as soon as they are interpreted, which is continuously for M1 (static pin) or on the second rising
edge on CLK after a transition on SYNC for M2. M2 is interpreted as either INS3_INT or M2_INT, as shown in Table 2.
programming example
Configuration of the device will normally be static in a given application. If M2_INT and INS3_INT need to be
both low or high, the M2 pin is simply tied low or high. If M2_INT and INS3_INT need to have different levels,
these can be easily derived from the signal on the SYNC pin, as shown in Table 3 and Figure 2.
Table 3. Generating M2 From SYNC
In order to have:
Apply to M2:
M2_INT
INS3_INT
Apply to M2:
L
H
...SYNC delayed by 2 CLK periods
H
L
...inverted SYNC delayed by 2 CLK periods
The input formats and latencies are shown in Figures 3–5 for each operation mode.
CLK
SYNC
M2
[=SYNC_delayed]
INS3_INT
M2_INT
M2
[=NOT SYNC_delayed]
INS3_INT
M2_INT
if (M2 = SYNC_delayed)
⇒ M2_INT = L and INS3_INT = H)
if (M2 = NOT SYNC_delayed)
⇒ M2_INT = H and INS3_INT = L)
Figure 2. Generating INS3_INT and M2_INT from M2


Similar Part No. - THS8134TQFP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS8134 TI1-THS8134 Datasheet
408Kb / 26P
[Old version datasheet]   TRIPLE 8-BIT, 80 MSPS VIDEO D/A CONVERTER
THS8134A TI1-THS8134A Datasheet
408Kb / 26P
[Old version datasheet]   TRIPLE 8-BIT, 80 MSPS VIDEO D/A CONVERTER
THS8134ACPHP TI1-THS8134ACPHP Datasheet
408Kb / 26P
[Old version datasheet]   TRIPLE 8-BIT, 80 MSPS VIDEO D/A CONVERTER
THS8134B TI1-THS8134B Datasheet
408Kb / 26P
[Old version datasheet]   TRIPLE 8-BIT, 80 MSPS VIDEO D/A CONVERTER
THS8134BCPHP TI1-THS8134BCPHP Datasheet
408Kb / 26P
[Old version datasheet]   TRIPLE 8-BIT, 80 MSPS VIDEO D/A CONVERTER
More results

Similar Description - THS8134TQFP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS8133 TI-THS8133_07 Datasheet
630Kb / 25P
[Old version datasheet]   TRIPLE 10-BIT, 80 MSPS VIDEO D/A CONVERTER WITH TRI-LEVEL SYNC GENERATION WITH TRI-LEVEL SYNC GENERATION
THS8133 TI-THS8133 Datasheet
339Kb / 23P
[Old version datasheet]   TRIPLE 10-BIT, 80 MSPS VIDEO D/A CONVERTER WITH TRI-LEVEL SYNC GENERATION
THS8134 TI1-THS8134_14 Datasheet
408Kb / 26P
[Old version datasheet]   TRIPLE 8-BIT, 80 MSPS VIDEO D/A CONVERTER
logo
Fairchild Semiconductor
TMC3533 FAIRCHILD-TMC3533 Datasheet
68Kb / 12P
   Triple Video D/A Converter 8 bit, 80 Msps, 3.3V
TMC3503 FAIRCHILD-TMC3503 Datasheet
69Kb / 14P
   Triple Video D/A Converter 8 bit, 80 Msps, 5V
logo
Cadeka Microcircuits LL...
TMC3503 CADEKA-TMC3503 Datasheet
171Kb / 14P
   Triple Video D/A Converter 8 bit, 80 Msps, 5V
TMC3003 CADEKA-TMC3003 Datasheet
200Kb / 12P
   Triple Video D/A Converter 10 bit, 80 Msps
TMC3033 CADEKA-TMC3033 Datasheet
216Kb / 12P
   Triple Video D/A Converter 10 bit, 80 Msps
logo
Fairchild Semiconductor
TMC3033 FAIRCHILD-TMC3033 Datasheet
119Kb / 12P
   Triple Video D/A Converter 10 bit, 80 Msps
logo
Intersil Corporation
HI2303 INTERSIL-HI2303 Datasheet
162Kb / 18P
   Triple 8-Bit, 50 MSPS, Video A/D Converter with Clamp Function
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com