Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS7002IPWP Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # THS7002IPWP
Description  70-MHz PROGRAMMABLE-GAIN AMPLIFIERS
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS7002IPWP Datasheet(HTML) 6 Page - Texas Instruments

Back Button THS7002IPWP Datasheet HTML 2Page - Texas Instruments THS7002IPWP Datasheet HTML 3Page - Texas Instruments THS7002IPWP Datasheet HTML 4Page - Texas Instruments THS7002IPWP Datasheet HTML 5Page - Texas Instruments THS7002IPWP Datasheet HTML 6Page - Texas Instruments THS7002IPWP Datasheet HTML 7Page - Texas Instruments THS7002IPWP Datasheet HTML 8Page - Texas Instruments THS7002IPWP Datasheet HTML 9Page - Texas Instruments THS7002IPWP Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
THS7001, THS7002
70-MHz PROGRAMMABLE-GAIN AMPLIFIERS
SLOS214B – OCTOBER 1998 – REVISED AUGUST 1999
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
preamp operating characteristics, G = 2, TA = 25°C, RL = 150 Ω, (unless otherwise noted)
PARAMETER
TEST CONDITIONS†
MIN
TYP
MAX
UNIT
SR
Slew rate (see Note 4)
G= 1
VO = ±2 V,
VCC = ±5 V
65
V/
µs
SR
Slew rate (see Note 4)
G = –1
VO = ±10 V,
VCC = ±15 V
85
V/
µs
Settling time to 0 1%
VCC = ±5 V
85
t
Settling time to 0.1%
G = –1,
VCC = ±15 V
70
ns
ts
Settling time to 0 01%
,
5 V Step
VCC = ±5 V
95
ns
Settling time to 0.01%
VCC = ±15 V
90
THD
Total harmonic distortion
VCC = ±15 V,
VO(PP) = 2V
fc = 1 MHz,
RL = 250 Ω
–88
dBc
Vn
Input noise voltage
VCC = ±5 V or ±15 V,
f = 10 kHz
1.7
nV/
√Hz
In
Input noise current
VCC = ±5 V or ±15 V,
f = 10 kHz
0.9
pA/
√Hz
BW
Small signal bandwidth ( 3 dB)
VO(PP) = 0.4V,
VCC = ±5 V
85
MHz
BW
Small-signal bandwidth (–3 dB)
O(PP)
,
G = 2
VCC = ±15 V
100
MHz
Bandwidth for 0 1 dB flatness
VO(PP) = 0.4V,
VCC = ±5 V
35
MHz
Bandwidth for 0.1 dB flatness
O(PP)
,
G = 2
VCC = ±15 V
45
MHz
Full power bandwidth (see Note 5)
VCC = ±5 V,
VO = 5 VO(PP)
4.1
MHz
Full power bandwidth (see Note 5)
VCC = ±15 V,
VO = 20 VO(PP)
1.4
MHz
AD
Differential gain error
G = 2, 100 IRE,
VCC = ±5 V
0.02%
AD
Differential gain error
G
2, 100 IRE,
NTSC
VCC = ±15 V
0.02%
φD
Differential phase error
G = 2,
100 IRE,
VCC = ±5 V
0.01
°
φD
Differential phase error
G
2,
100 IRE,
NTSC
VCC = ±15 V
0.01
°
VCC = ±5 V,
VO ±25 V
TA = 25°C
85
89
Open loop gain
VO = ±2.5 V,
RL = 1 kΩ
TA = full range
83
dB
Oen loo gain
VCC = ±15 V,
TA = 25°C
86
91
dB
CC
,
VO = ±10 V, RL = 1 kΩ
TA = full range
84
Channel-to-channel crosstalk (THS7002)
VCC = ±5 V or ±15 V,
f = 1 MHz
–85
dB
† Full range for the THS7001/02C is 0
°C to 70°C. Full range for the THS7001/02I is –40°C to 85°C.
NOTES:
4. Slew rate is measured from an output level range of 25% to 75%.
5. Full power bandwidth = slew rate/2
π V(PP).
shutdown electrical characteristics
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
St
db
t di
bl d
Preamp
VCC = ±5 V
0.2
0.3
ICC(standby)
Standby current, disabled
(per channel)
Preamp
VI(SHDN) = 2.5 V
VCC = ±15 V
0.65
0.8
mA
(y)
(er channel)
PGA
()
VCC = ±5 V or ±15 V
0.8
1.2
VIH(SHDN)
Shutdown voltage for power up
VCC = ±5Vor ±15 V
Relative to GND
0.8
V
VIL(SHDN)
Shutdown voltage for power down
VCC = ±5 V or ±15 V,
Relative to GND
2
V
IIH(SHDN)
Shutdown input current high
VCC = ±5Vor ±15 V
VI(SHDN) = 5 V
300
400
µA
IIL(SHDN)
Shutdown input current low
VCC = ±5 V or ±15 V,
VI(SHDN) = 0.5 V
25
50
µA
tdis
Disable time†
VCC = ±5 V or ±15 V,
Preamp and PGA
100
ns
ten
Enable time†
VCC = ±5 V or ±15 V,
Preamp and PGA
1.5
µs
† Disable time and enable time are defined as the interval between application of the logic signal to SHDN and the point at which the supply current
has reached half its final value.


Similar Part No. - THS7002IPWP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS7002IPWP TI1-THS7002IPWP Datasheet
1Mb / 41P
[Old version datasheet]   70-MHz PROGRAMMABLE-GAIN AMPLIFIERS
THS7002IPWPG4 TI1-THS7002IPWPG4 Datasheet
1Mb / 41P
[Old version datasheet]   70-MHz PROGRAMMABLE-GAIN AMPLIFIERS
THS7002IPWPRG4 TI1-THS7002IPWPRG4 Datasheet
1Mb / 41P
[Old version datasheet]   70-MHz PROGRAMMABLE-GAIN AMPLIFIERS
More results

Similar Description - THS7002IPWP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS7001 TI1-THS7001_16 Datasheet
1Mb / 41P
[Old version datasheet]   70-MHz PROGRAMMABLE-GAIN AMPLIFIERS
logo
Analog Devices
ADRF6510 AD-ADRF6510 Datasheet
563Kb / 28P
   30 MHz Dual Programmable Filters and Variable Gain Amplifiers
REV. 0
ADRF6518 AD-ADRF6518 Datasheet
1Mb / 36P
   63 MHz Dual Programmable Filters and Variable Gain Amplifiers
Rev. PrA
logo
Texas Instruments
THS4051 TI-THS4051 Datasheet
487Kb / 30P
[Old version datasheet]   70-MHz HIGH-SPEED AMPLIFIERS
THS4051 TI1-THS4051_18 Datasheet
1Mb / 38P
[Old version datasheet]   70-MHz HIGH-SPEED AMPLIFIERS
logo
National Semiconductor ...
THS4051 NSC-THS4051 Datasheet
883Kb / 36P
   70 MHz High Speed AMPLIFIERS
logo
Analog Devices
ADRF6510 AD-ADRF6510_17 Datasheet
1Mb / 32P
   Dual Programmable Filters Variable Gain Amplifiers
logo
M/A-COM Technology Solu...
MAALSS0034 MA-COM-MAALSS0034 Datasheet
152Kb / 5P
   Miniature Broadband Gain Stage 70 - 3000 MHz
logo
Tyco Electronics
MAALSS0034 MACOM-MAALSS0034 Datasheet
195Kb / 5P
   Miniature Broadband Gain Stage 70 - 3000 MHz
MAALSS0038 MACOM-MAALSS0038 Datasheet
264Kb / 6P
   Miniature Broadband Gain Stage 70 - 3000 MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com