Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2532 Datasheet(PDF) 2 Page - KR Electronics, Inc.

Part # 2532
Description  Low cost video filter
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KR [KR Electronics, Inc.]
Direct Link  http://www.krfilters.com
Logo KR - KR Electronics, Inc.

2532 Datasheet(HTML) 2 Page - KR Electronics, Inc.

  2532 Datasheet HTML 1Page - KR Electronics, Inc. 2532 Datasheet HTML 2Page - KR Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Page 2
© 2004, KR Electronics, Inc.
Parameter
Specification
Filter type
Video Lowpass
End of Passband
30 MHz
Insertion Loss
< 1 dB (0.7 dB typical)
Passband Ripple
< 0.2 dB
Attenuation at 37.125 MHz
12 dB
Attenuation at 43.5 MHz
> 40 dB
Sin(x)/x
No
See KR 2382 for Sin(x)/x compensated filter
Group Delay Ripple to 27 MHz
< 3 nsec
Source and Load
75
KR Electronics 2532
KR Electronics, Inc.
Physical Dimensions
Specifications
www.krfilters.com
KR Electronics, Inc.
91 Avenel Street
Avenel, NJ 07001
www.krfilters.com
sales@krfilters.com
(732) 636-1900
(732) 636-1982
Web
Email
Phone
Fax
Pin 1 is Input
Pin 11 is Output
Pins 2 thru 10 are Ground
Pin Dimensions .020 x .010
All dimensions in inches


Similar Part No. - 2532

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
2532 PULSE-2532 Datasheet
193Kb / 5P
   SWITCH-MODE TRANSFORMER GUIDE
logo
Heyco.
2532 HEYCO-2532 Datasheet
91Kb / 1P
   Feets of Strength
logo
Lumberg
253201 LUMBERG-253201 Datasheet
481Kb / 3P
   Modular connectors
logo
Integrated Technology F...
253201B ITF-253201B Datasheet
164Kb / 2P
   125.0 MHz SAW Filter
253251B ITF-253251B Datasheet
187Kb / 2P
   125.0 MHz SAW Filter
More results

Similar Description - 2532

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TSH103 STMICROELECTRONICS-TSH103 Datasheet
139Kb / 10P
   Low cost triple video buffer/filter for standard video
logo
ON Semiconductor
FMS6303 ONSEMI-FMS6303 Datasheet
906Kb / 14P
   Low-Cost, 3-Channel, Video Filter Driver
February 2012 Rev. 1.0.2
logo
Analog Devices
ADA4420-6 AD-ADA4420-6 Datasheet
280Kb / 12P
   Low Cost 6-Channel HD/SD Video Filter
REV. 0
logo
STMicroelectronics
STV6419 STMICROELECTRONICS-STV6419 Datasheet
101Kb / 4P
   Low-cost audio/video switch and 4-channel SD video filter
logo
Linear Technology
LT1252 LINER-LT1252 Datasheet
221Kb / 8P
   Low Cost Video Amplifier
LT1252 LINER-LT1252_15 Datasheet
201Kb / 8P
   Low Cost Video Amplifier
logo
Analog Devices
ADV601 AD-ADV601 Datasheet
606Kb / 52P
   Low Cost Multiformat Video Codec
REV. 0
logo
Intersil Corporation
TW8809 INTERSIL-TW8809_15 Datasheet
144Kb / 2P
   Low Cost Video Format Converter
October 14, 2014
logo
Analog Devices
ADV601JS12 AD-ADV601JS12 Datasheet
440Kb / 52P
   Low Cost Multiformat Video Codec
REV. 0
logo
Fairchild Semiconductor
FMS6144A FAIRCHILD-FMS6144A Datasheet
411Kb / 13P
   Low-Cost, Four-Channel, 6th-Order SD Video Filter Driver
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com